Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH3123 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # CPH3123
Description  PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3123 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  CPH3123 Datasheet HTML 1Page - Sanyo Semicon Device CPH3123 Datasheet HTML 2Page - Sanyo Semicon Device CPH3123 Datasheet HTML 3Page - Sanyo Semicon Device CPH3123 Datasheet HTML 4Page - Sanyo Semicon Device CPH3123 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPH3123 / CPH3223
No.7221-3/5
0.01
23
5
7 0.1
23
5
7 1.0
23
5
7 10
5
7
10
2
3
5
7
100
10
2
3
5
7
100
2
3
5
0.1
23
5
7 1.0
23
5
7 10
23
5
7 100
7
100
2
3
5
7
1000
0.01
23
5
7 0.1
23
5
7 1.0
23
5
Ta=75
°C
25
°C
--25
°C
5
7
100
2
3
5
7
1000
hFE -- IC
--0.01
23
5
7 --0.1
23
5
7 --1.0
23
5
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
CPH3123
VCE= --2V
CPH3223
VCE=2V
IT04568
IT04569
Ta=75°C
25
°C
--25
°C
10
2
3
5
7
100
2
3
5
7
1000
0.01
23
5
7 0.1
23
5
7 1.0
23
5
3
5
7
100
2
3
5
7
1000
f T -- IC
--0.01
23
5
7 --0.1
23
5
7 --1.0
23
5
Collector Current, IC -- A
f T -- IC
Collector Current, IC -- A
CPH3123
VCE= --10V
CPH3223
VCE=10V
IT04570
IT04571
--10
2
--100
2
3
5
7
--1000
3
5
7
2
3
5
VCE(sat) -- IC
--0.01
23
5
7 --0.1
23
5
7 --1.0
23
5
7 --10
VCE(sat) -- IC
CPH3123
IC / IB=20
CPH3223
IC / IB=20
IT04574
IT04575
10
2
3
5
7
100
Cob -- VCB
--1.0
23
5
7
--10
23
5
7
--100
Collector-to-Base Voltage, VCB -- V
CPH3123
f=1MHz
IT04572
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
CPH3223
f=1MHz
IT04573
Ta=75
°C
--25
°C
25
°C
25
°C
Collector Current, IC -- A
Collector Current, IC -- A


Similar Part No. - CPH3123

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH3123-TL-E ONSEMI-CPH3123-TL-E Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
More results

Similar Description - CPH3123

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6017 SANYO-2SC6017 Datasheet
55Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH5522 SANYO-CPH5522 Datasheet
61Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH5518 SANYO-CPH5518 Datasheet
62Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6044 SANYO-2SC6044 Datasheet
44Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC5999 SANYO-2SC5999 Datasheet
37Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6064 SANYO-2SC6064 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6043 SANYO-2SC6043 Datasheet
39Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH5517 SANYO-CPH5517 Datasheet
49Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
F5H2101 SANYO-F5H2101 Datasheet
64Kb / 5P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2192 SANYO-2SA2192 Datasheet
45Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com