Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4067BF Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CD4067BF
Description  CMOS Analog Multiplexers/Demultiplexers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4067BF Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD4067BF Datasheet HTML 7Page - Texas Instruments CD4067BF Datasheet HTML 8Page - Texas Instruments CD4067BF Datasheet HTML 9Page - Texas Instruments CD4067BF Datasheet HTML 10Page - Texas Instruments CD4067BF Datasheet HTML 11Page - Texas Instruments CD4067BF Datasheet HTML 12Page - Texas Instruments CD4067BF Datasheet HTML 13Page - Texas Instruments CD4067BF Datasheet HTML 14Page - Texas Instruments CD4067BF Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MECHANICAL DATA
MPDI008 – OCTOBER 1994
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
N (R-PDIP-T**)
PLASTIC DUAL-IN-LINE PACKAGE
24 PIN SHOWN
12
Seating Plane
0.560 (14,22)
0.520 (13,21)
13
0.610 (15,49)
0.590 (14,99)
52
48
40
0.125 (3,18) MIN
2.390
(60,71)
(62,23)
(53,09)
(51,82)
2.040
2.090
2.450
2.650
(67,31)
(65,79)
2.590
0.010 (0,25) NOM
4040053 / B 04/95
A
0.060 (1,52) TYP
1
24
32
28
24
1.230
(31,24)
(32,26)
(36,83)
(35,81)
1.410
1.450
1.270
PINS **
DIM
0.015 (0,38)
0.021 (0,53)
A MIN
A MAX
1.650
(41,91)
(40,89)
1.610
0.020 (0,51) MIN
0.200 (5,08) MAX
0.100 (2,54)
M
0.010 (0,25)
0
°–15°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-011
D. Falls within JEDEC MS-015 (32 pin only)


Similar Part No. - CD4067BF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4067BF TI-CD4067BF Datasheet
1,023Kb / 17P
[Old version datasheet]   CMOS Analog Multiplesers Demultiplexers
CD4067BF TI1-CD4067BF Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4067BF3A TI-CD4067BF3A Datasheet
1,023Kb / 17P
[Old version datasheet]   CMOS Analog Multiplesers Demultiplexers
CD4067BF3A TI1-CD4067BF3A Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
More results

Similar Description - CD4067BF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4051BMS INTERSIL-CD4051BMS Datasheet
149Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
Texas Instruments
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4051B-Q1 TI1-CD4051B-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
CD4051BMS RENESAS-CD4051BMS Datasheet
452Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers*
December 1992
logo
Intersil Corporation
CD4067BMS INTERSIL-CD4067BMS Datasheet
105Kb / 10P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com