Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1S1.5 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # C1S1.5
Description  Surface Mount Slow Blow Chip Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

C1S1.5 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  C1S1.5 Datasheet HTML 1Page - Bel Fuse Inc. C1S1.5 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE LAST 2 PAGES
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Sy
t
il
i
b
a
.
R
.I
@
t
l
o
V
/
e
g
n
a
r
p
m
A
4
2
6
0
2
E
.
o
N
e
li
F
d
e
zi
n
g
o
c
e
R7
A
m
0
5-
V
3
6
/
A
5@ 0
5
C
A
A/ C
D
t
n
e
r
r
u
c
g
n
it
s
e
T
e
m
i
T
w
o
l
B
m
u
m
i
n
i
Mm
u
m
i
x
a
M
%
0
0
14 h s
rA
/
N
%
0
0
21 c
e
s
0
2
1
c
e
s
%
0
0
31
.
0
c
e
s
c
e
s
3
8%
0
02
0
0
.
0
c
e
s
5
0
.
0
c
e
s
Approvals
RoHS Compliant Product
RoHS Reflow Reference : JEDEC J-STD-020C (260
°C, 40 sec max)
RoHS Wave Soldering Compatible : (260
°C, 10 sec max)
Environmental Specification
Shock Resistance
MIL-STD-202G, Method 213B,Test Condition I
(100 G’s peak for 6 milliseconds; Sawtooth Waveform)
Vibration Resistance
MIL-STD-202G, Method 201F (10-55 Hz, 0.06 inch, total excursion)
Salt Spray Resistance
MIL-STD-202G, Method 101E, Test condition B (48 hrs)
Insulation Resistance
MIL-STD-202G, Method 302, Test Condition A
(After Opening) 10,000 ohms minimum
Solderability
MIL-STD-202G, Method 208H
Soldering Heat Resistance
MIL-STD-202G Method 210F, Test Condition C.Top Side
(260
°C, 20 sec)
MIL-STD-202G Method 210F, Test Condition D. Bottom Side
(260
°C, 10 sec)
Thermal Shock Resistance
MIL-STD-202G, Method 107G,Test Condition B
(-65
°C to +125°C)
Operating Temperature
-55
°C to +125°C
Electrical Characteristics (UL STD. 248-14)
r c
r
Protective Overglaze
Element
Tin Plating
Nickel Barrier
Silver Metalization
Ceramic Substrate
0 .36mm +0.1
5 mm
(0 .014" +0.0
0 6")
0.58m
m+ 0.08m
m
(0.023"+
0.003")
1.52mm
(0.06")
2.03mm
(0.08")
1.52mm
(0.06")
1.14mm
(0.045")
PAD LAYOUT RECOMMENDED
FOR WAVE SOLDER
PAD LAYOUT RECOMMENDED
FOR INFRARED SOLDER
1.78mm
(0.07")
1.52mm
(0.06")
3 .07mm +
0 .13mm
( 0.121" +0
.0 05")
-
1.52mm +
0.10mm
(0.060" +
0.004")
_
_
-
-
_
_
-
C1SD1005
EC1SD1005A1
Consult manufacturer for other ratings
Physical Specification
Materials
Ceramic Substrate / Printed Element
Marking
On fuse:
None
Label on reel:
“bel”, “C1S”, “Current Rating”, “Voltage Rating”, “ Interrupting Rating”,
“Appropriate Safety Logos” and “
” for RoHS Version
Packaging
5,000 fuses in 7 inches dia. reel, 8 mm wide tape, 4 mm pitch per EIA-481
(equivalent IEC-286 part 3)
Type C1S
Surface Mount Slow Blow Chip Fuse
1206 size
C1S
Mechanical Dimensions
17
RoHS Compliant
g
o
l
a
t
a
C
r
e
b
m
u
N
e
r
e
p
m
A
g
n
it
a
R
l
a
ci
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
tl
o
V
%
0
0
1
@
n
I
.
x
a
m
)
tl
o
V
(
I
g
n
it
l
e
M
2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
it
a
p
i
s
s
i
D
)
W
(
0
5
7
S
1
C
A
m
0
5
7
0
2
4
.
0
2
4
4
.
07
3
0
.
00
4
.
0
1
S
1
C
A
1
0
2
2
.
0
5
2
3
.
08
6
0
.
09
3
.
0
1
S
1
C
5
2
.A
5
2
.
1
.
0 5
1
23
6
3
.
01
1
.
04
5
.
0
5
.
1
S
1
C
A
5
.
1
.
0 8
0
13
1
3
.
04
2
.
06
5
.
0
2
S
1
C
A
2
.
0 8
9
00
5
2
.
04
4
.
00
6
.
0
2
S
1
C
5
.A
5
.
2
.
0 3
5
02
1
2
.
04
7
.
04
6
.
0
3
S
1
C
A
3
.
0 0
4
09
8
1
.
01
1
.
18
6
.
0
3
S
1
C
. 5
.A
5
.
3
.
0 1
3
03
7
1
.
08
5
.
14
7
.
0
4
S
1
C
A
4
.
0 6
2
05
6
1
.
00
0
.
29
7
.
0
5
S
1
C
A
5
.
0 9
1
03
5
1
.
00
4
.
32
9
.
0


Similar Part No. - C1S1.5

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1S1.5 BEL-C1S1.5 Datasheet
967Kb / 4P
   Surface Mount Slow Blow Chip Fuse
C1S1.5 BEL-C1S1.5 Datasheet
1Mb / 4P
   SURFACE MOUNT SLOW BLOW CHIP FUSE
More results

Similar Description - C1S1.5

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1S BEL-C1S_12 Datasheet
967Kb / 4P
   Surface Mount Slow Blow Chip Fuse
C1S BEL-C1S_17 Datasheet
1Mb / 4P
   SURFACE MOUNT SLOW BLOW CHIP FUSE
C1T BEL-C1T_18 Datasheet
1Mb / 4P
   SURFACE MOUNT SLOW BLOW CHIP FUSE
logo
Tyco Electronics
1206SFS550F MACOM-1206SFS550F Datasheet
84Kb / 1P
   Surface Mount Fuse Slow Blow
logo
Bel Fuse Inc.
C1T BEL-C1T Datasheet
2Mb / 4P
   Surace Mount Slow Blow Chip Fuse
SST375 BEL-SST375 Datasheet
83Kb / 2P
   Square Ceramic Surface Mount Slow Blow Fuse
SST375 BEL-SST375_1 Datasheet
413Kb / 2P
   SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE
0680L BEL-0680L Datasheet
841Kb / 4P
   Square Ceramic Surface Mount Slow Blow Fuse
SST375_1310 BEL-SST375_1310 Datasheet
1Mb / 4P
   Square Ceramic Surface Mount Slow Blow Fuse
0683G BEL-0683G Datasheet
344Kb / 4P
   Square Ceramic Surface Mount Slow Blow Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com