Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1S5 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # C1S5
Description  Surface Mount Slow Blow Chip Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

C1S5 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  C1S5 Datasheet HTML 1Page - Bel Fuse Inc. C1S5 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CURRENT IN AMPERES
NOTE - see important information under “User Guide”on P.08
Corporate Office
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K
Tel: 44-1772-556601
Fax: 44-1772-888366
Type C1S
Surface Mount Slow Blow Chip Fuse
1206 size
C1SC1004 (O02)
C1S - TIME CURRENT CHARACTERISTIC CURVE
0.001
0.01
0.1
1
10
100
1000
10000
0.1
1
10
100
18
RoHS Compliant


Similar Part No. - C1S5

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1S5 BEL-C1S5 Datasheet
967Kb / 4P
   Surface Mount Slow Blow Chip Fuse
C1S5 BEL-C1S5 Datasheet
1Mb / 4P
   SURFACE MOUNT SLOW BLOW CHIP FUSE
More results

Similar Description - C1S5

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1S BEL-C1S_12 Datasheet
967Kb / 4P
   Surface Mount Slow Blow Chip Fuse
C1S BEL-C1S_17 Datasheet
1Mb / 4P
   SURFACE MOUNT SLOW BLOW CHIP FUSE
C1T BEL-C1T_18 Datasheet
1Mb / 4P
   SURFACE MOUNT SLOW BLOW CHIP FUSE
logo
Tyco Electronics
1206SFS550F MACOM-1206SFS550F Datasheet
84Kb / 1P
   Surface Mount Fuse Slow Blow
logo
Bel Fuse Inc.
C1T BEL-C1T Datasheet
2Mb / 4P
   Surace Mount Slow Blow Chip Fuse
SST375 BEL-SST375 Datasheet
83Kb / 2P
   Square Ceramic Surface Mount Slow Blow Fuse
SST375 BEL-SST375_1 Datasheet
413Kb / 2P
   SQUARE CERAMIC SURFACE MOUNT SLOW BLOW FUSE
0680L BEL-0680L Datasheet
841Kb / 4P
   Square Ceramic Surface Mount Slow Blow Fuse
SST375_1310 BEL-SST375_1310 Datasheet
1Mb / 4P
   Square Ceramic Surface Mount Slow Blow Fuse
0683G BEL-0683G Datasheet
344Kb / 4P
   Square Ceramic Surface Mount Slow Blow Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com