Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1Q7 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # C1Q7
Description  Surface Mount Very Fast-Acting Chip Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

C1Q7 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  C1Q7 Datasheet HTML 1Page - Bel Fuse Inc. C1Q7 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE LAST 2 PAGES
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Sy
t
il
i
b
a
.
R
.
I
@
t
l
o
V
/
e
g
n
a
r
p
m
A
4
2
6
0
2
E
.
o
N
e
li
F
d
e
t
si
L
A
m
0
5
2-
V
5
2
1
/
A
5
V
3
6
d
n
a
C
AA
0
0
1
@
C
DA
0
5
@
2
7
7
9
3
R
L
.
o
N
e
li
F
d
e
if
it
r
e
C
4
2
6
0
2
E
.
o
N
e
li
F
d
e
z
i
n
g
o
c
e
R
V
3
6
/
A
7C
A
d
n
a
C
DA
0
5
@
t
n
e
r
r
u
c
g
n
it
s
e
T
e
m
i
T
w
o
l
B
m
u
m
i
n
i
Mm
u
m
i
x
a
M
%
0
0
14 h s
rA
/
N
%
0
0
2A
/
N
c
e
s
5
%
0
0
3A
/
Nc
e
s
2
.
0
g
o
l
a
t
a
C
r
e
b
m
u
N
e
r
e
p
m
A
g
n
i
t
a
R
l
a
c
i
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
t
l
o
V
%
0
0
1
@
n
I
.
x
a
m
)
t
l
o
V
(
I
g
n
i
t
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
I
g
n
i
t
l
e
M
2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
i
t
a
p
i
s
s
i
D
)
W
(
0
5
2
Q
1
C
A
m
0
5
2
8
8
.
0
1
3
.
08
1
0
0
.
01
0
0
0
.
00
1
.
0
5
7
3
Q
1
C
A
m
5
7
3
7
4
.
0
6
2
.
04
4
0
0
.
04
0
0
0
.
02
1
.
0
0
0
5
Q
1
C
A
m
0
0
5
2
3
.
0
3
2
.
08
0
0
.
01
0
0
.
04
1
.
0
0
5
7
Q
1
C
A
m
0
5
7
5
7
1
.
0
9
1
.
09
1
0
.
02
0
0
.
08
1
.
0
1
Q
1
C
A
1
9
1
1
.
0
7
1
.
05
3
0
.
04
0
0
.
01
2
.
0
5
2
.
1
Q
1
C
A
5
2
.
1
7
8
0
.
0
6
1
.
07
5
0
.
06
0
0
.
04
2
.
0
5
.
1
Q
1
C
A
5
.
1
0
7
0
.
0
5
1
.
04
8
0
.
00
1
0
.
08
2
.
0
2
Q
1
C
A
2
9
4
0
.
0
4
1
.
05
1
.
09
1
0
.
05
3
.
0
5
.
2
Q
1
C
A
5
.
2
8
3
0
.
0
4
1
.
05
2
.
02
3
0
.
03
4
.
0
3
Q
1
C
A
3
2
3
0
.
0
4
1
.
07
3
.
00
5
0
.
02
5
.
0
5
.
3
Q
1
C
A
5
.
3
8
2
0
.
0
4
1
.
03
5
.
02
7
0
.
02
6
.
0
4
Q
1
C
A
4
5
2
0
.
0
4
1
.
07
6
.
04
9
0
.
01
7
.
0
5
Q
1
C
A
5
1
2
0
.
0
5
1
.
00
1
.
16
1
.
06
9
.
0
Q
1
C
7A
7
0
.
0
8
18
1
.
00
1
.
37
3
.
07
5
.
1
ß
Approvals
RoHS Compliant Product
RoHS Reflow Reference : JEDEC J-STD-020C (260
°C, 40 sec max)
RoHSWave Soldering Compatible : (260
°C,10 sec max)
Environmental Specification
Shock Resistance
MIL-STD-202G, Method 213B,Test Condition I
(100 G’s peak for 6 milliseconds; Sawtooth Waveform)
Vibration Resistance
MIL-STD-202G, Method 201A (10-55 Hz, 0.06 inch, total
excursion)
Salt Spray Resistance
MIL-STD-202G, Method 101E,Test condition B (48 hrs)
Insulation Resistance
MIL-STD-202G, Method 302,Test Condition A
(After Opening) 10,000 ohms minimum
Solderability
MIL-STD-202G, Method 208H
Soldering Heat Resistance
MIL-STD-202G Method 210F, Test Condition C.Top Side
(260
°C, 20 sec)
MIL-STD-202G Method 210F, Test Condition D. Bottom Side
(260
°C, 10 sec)
Thermal Shock Resistance
MIL-STD-202G, Method 107G,Test Condition B
(-65
°C to +125°C)
Operating Temperature
-55
°C to +125°C
Protective Overglaze
Element
Tin Plating
Nickel Barrier
Silver Metalization
Ceramic Substrate
0 .36mm +0.1
5 mm
(0.014" +
0.006")
0.58m
m+ 0.08m
m
(0.023"+
0.003")
1.52mm
(0.06")
2.03mm
(0.08")
1.52mm
(0.06")
1.14mm
(0.045")
PAD LAYOUT RECOMMENDED
FOR WAVE SOLDER
PAD LAYOUT RECOMMENDED
FOR INFRARED SOLDER
1.78mm
(0.07")
1.52mm
(0.06")
3.07m
m +0.13m
m
(0.121" +
0.005")
-
1.52mm +
0.10mm
(0.060" +
0.004")
_
_
-
-
_
_
-
C1QD1105
EC1QD1005A1
Consult manufacturer for other ratings
Physical Specification
Materials
Ceramic Substrate / Printed Element
Marking
On fuse:
None
Label on reel:
“bel”, “C1Q”, “Current Rating”, “Voltage Rating ”, “Interrupting Rating”,
“Appropriate Safety Logos” and “
” for RoHS Version
Packaging
5,000 fuses in 7 inches dia. reel, 8mm wide tape, 4mm pitch, per EIA-481
(equivalent IEC-286 part 3)
Type C1Q
Surface Mount Very Fast-Acting Chip Fuse
1206 size
C1Q
Mechanical Dimensions
15
RoHS Compliant
Electrical Characteristics (UL/CSA STD. 248-14)
u r ßc
u
r


Similar Part No. - C1Q7

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1Q7 BEL-C1Q7 Datasheet
878Kb / 4P
   Surface Mount Very Fast-Acting Chip Fuse
C1Q7 BEL-C1Q7 Datasheet
1Mb / 4P
   SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
C1Q750 BEL-C1Q750 Datasheet
878Kb / 4P
   Surface Mount Very Fast-Acting Chip Fuse
C1Q750 BEL-C1Q750 Datasheet
1Mb / 4P
   SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
More results

Similar Description - C1Q7

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1Q BEL-C1Q_17 Datasheet
1Mb / 4P
   SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
C2Q BEL-C2Q_17 Datasheet
1Mb / 4P
   SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
C1Q BEL-C1Q_12 Datasheet
878Kb / 4P
   Surface Mount Very Fast-Acting Chip Fuse
C2Q BEL-C2Q_12 Datasheet
936Kb / 4P
   Surface Mount Very Fast-Acting Chip Fuse
C2Q BEL-C2Q Datasheet
91Kb / 2P
   Surface Mount Very Fast-Acting Chip Fuse
logo
Littelfuse
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
   PICO Very Fast-Acting Surface Mount Fuse
045903.5UR LITTELFUSE-045903.5UR Datasheet
330Kb / 3P
   PICO Very Fast-Acting Surface Mount Fuse
logo
Bel Fuse Inc.
CIQ BEL-CIQ Datasheet
219Kb / 2P
   Surface Mount Fast-Acting Chip Fuse
logo
Eaton All Rights Reserv...
0603FA EATON-0603FA Datasheet
684Kb / 2P
   Fast-acting Chip??surface mount fuse
3216FF EATON-3216FF Datasheet
351Kb / 2P
   Fast-acting Chip??surface mount fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com