Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A401-1500-03 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # A401-1500-03
Description  HIGH-SPEED 4 PIN SIP PASSIVE DELAY MODULES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

A401-1500-03 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  A401-1500-03 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
defining a degree of excellence
Corporate Office
Bel Fuse Inc.
198 Van Vorst Street, Jersey City, NJ 07302-4496
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: BelFuse@belfuse.com
Internet: http://www.belfuse.com
Specifications subject to change without notice.
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K.
Tel: 44-1772-556601
Fax: 44-1772-888366
0.5 + 0.25 ns
1.0 + 0.25 ns
2.0 + 0.25 ns
3.0 + 0.25 ns
4.0 + 0.25 ns
5.0 + 0.25 ns
6.0 + 0.25 ns
7.0 + .025 ns
8.0 + 0.25 ns
9.0 + 0.25 ns
10.0 + 0.25 ns
11.0 + 0.25 ns
12.0 + 0.25 ns
13.0 + 0.25 ns
14.0 + 0.25 ns
15.0 + 0.25 ns
16.0 + 0.25 ns
17.0 + 0.25 ns
18.0 + 0.25 ns
19.0 + 0.25 ns
20.0 + 0.50 ns
25.0 + 0.50 ns
30.0 + 0.50 ns
35.0 + 0.50 ns
40.0 + 0.50 ns
Cat 16-R5
Transfer molded for better reliability
Compatible with ECL & TTL circuits
Terminals: Electro-Tin plate phosphor bronze
Performance warranty is limited to specified parameters listed
30
HIGH-SPEED 4 PIN SIP
PASSIVE DELAY MODULES
Gnd 8
.125
.70 + .01
.80 Max
.255 Max
.10 Typ
.020
.018
.012
.008
.20 Max
.120 Min
Out 7
In 2
Gnd 1
50% Levels
10%-90% Levels
+ 10%
10K Megohms Min.
50 Vdc
-55oC to +125oC
100 PPM/oC Max.
3 x Trout or 5 ns W.I.G.
60%
Delay Measurement
Rise Time Measurement
Distortion
Insulation Resistance @ 50 Vdc
Dielectric Withstanding Voltage
Operating Temperature Range
Temperature Coefficient of Delay
Minimum Input Pulse Width
Maximum Duty Cycle
Part Numbers
50 Ohms +10%
A401-1500-02
A401-1500-03
A401-1500-05
A401-1500-07
A401-1500-09
A401-1500-11
A401-1500-13
A401-1500-15
A401-1500-17
A401-1500-19
A401-1500-21
A401-1500-23
A401-1500-25
A401-1500-27
A401-1500-29
A401-1500-31
A401-1500-33
A401-1500-35
A401-1500-37
A401-1500-39
A401-1500-40
A401-1500-46
A401-1500-51
A401-1500-56
A401-1500-61
65 Ohms + 10%
A401-1503-02
A401-1503-03
A401-1503-05
A401-1503-07
A401-1503-09
A401-1503-11
A401-1503-13
A401-1503-15
A401-1503-17
A401-1503-19
A401-1503-21
A401-1503-23
A401-1503-25
A401-1503-27
A401-1503-29
A401-1503-31
A401-1503-33
A401-1503-35
A401-1503-37
A401-1503-39
A401-1503-40
A401-1503-46
A401-1503-51
A401-1503-56
A401-1503-61
1.0 ns
1.0 ns
1.0 ns
1.0 ns
1.0 ns
1.1 ns
1.3 ns
1.5 ns
1.7 ns
1.9 ns
2.0 ns
2.2 ns
2.3 ns
2.5 ns
2.6 ns
2.8 ns
3.0 ns
3.2 ns
3.4 ns
3.6 ns
3.8 ns
4.5 ns
5.5 ns
6.4 ns
7.4 ns
1.0 Ohm
1.0 Ohm
1.0 Ohm
1.0 Ohm
1.0 Ohm
1.0 Ohm
1.0 Ohm
1.0 Ohm
1.0 Ohm
1.0 Ohm
1.0 Ohm
2.0 Ohms
2.0 Ohms
2.0 Ohms
2.0 Ohms
2.0 Ohms
2.5 Ohms
2.5 Ohms
2.5 Ohms
2.5 Ohms
2.5 Ohms
4.0 Ohms
4.5 Ohms
5.5 Ohms
6.0 Ohms
Electrical Characteristics
Ein
Trin
PW
PP
Pulse Voltage
Rise Time
Pulse Width
Pulse Period
1 Volt Typical
2.0 ns (10%-90%)
3 x Total Delay
4 x Pulse Width
Test Conditions @ 25oC
Notes
Other Delays and Impedances Available
Contact Sales
bel (DC)
(P/N)
80 Ohms + 10%
A401-1505-02
A401-1505-03
A401-1505-05
A401-1505-07
A401-1505-09
A401-1505-11
A401-1505-13
A401-1505-15
A401-1505-17
A401-1505-19
A401-1505-21
A401-1505-23
A401-1505-25
A401-1505-27
A401-1505-29
A401-1505-31
A401-1505-33
A401-1505-35
A401-1505-37
A401-1505-39
A401-1505-40
A401-1505-46
A401-1505-51
A401-1505-56
A401-1505-61
75 Ohms + 10%
A401-1501-02
A401-1501-03
A401-1501-05
A401-1501-07
A401-1501-09
A401-1501-11
A401-1501-13
A401-1501-15
A401-1501-17
A401-1501-19
A401-1501-21
A401-1501-23
A401-1501-25
A401-1501-27
A401-1501-29
A401-1501-31
A401-1501-33
A401-1501-35
A401-1501-37
A401-1501-39
A401-1501-40
A401-1501-46
A401-1501-51
A401-1501-56
A401-1501-61
100 Ohms + 10%
0401-1403-02
0401-1403-03
0401-1403-05
0401-1403-07
0401-1403-09
0401-1403-11
0401-1403-13
0401-1403-15
0401-1403-17
0401-1403-19
0401-1403-21
0401-1403-23
0401-1403-25
0401-1403-27
0401-1403-29
0401-1403-31
0401-1403-33
0401-1403-35
0401-1403-37
0401-1403-39
0401-1403-40
0401-1403-46
0401-1403-51
0401-1403-56
0401-1403-61
Total Delay
DCR
Maximum
Rise Time
(True)


Similar Part No. - A401-1500-03

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A4011 MACOM-A4011 Datasheet
105Kb / 1P
   1000 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
A4011 MACOM-A4011 Datasheet
375Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A4011 MA-COM-A4011 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A4011 MA-COM-A4011 Datasheet
633Kb / 3P
   Cascadable Amplifier 1000 to 4000 MHz
A4011-SMA4011 MA-COM-A4011-SMA4011 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results

Similar Description - A401-1500-03

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0403-0001-50 BEL-0403-0001-50 Datasheet
55Kb / 1P
   4 PIN SIP PASSIVE DELAY MODULES
0402-00.5-55 BEL-0402-00.5-55 Datasheet
54Kb / 1P
   3 PIN SIP PASSIVE DELAY MODULES
0475-0005-50 BEL-0475-0005-50 Datasheet
57Kb / 1P
   5 TAP 7 PIN SIP PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
SIP16 RHOMBUS-IND-SIP16 Datasheet
27Kb / 1P
   19-Pin SIP 16-Tap High Performance Passive Delay Modules
logo
Bel Fuse Inc.
S470-1403-02 BEL-S470-1403-02 Datasheet
58Kb / 1P
   HIGH-SPEED 14 PIN SMD PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
SIL2 RHOMBUS-IND-SIL2 Datasheet
28Kb / 1P
   SIL2 Series Mini-SIP Passive Delay Modules
SP3 RHOMBUS-IND-SP3 Datasheet
26Kb / 1P
   SP3 Series Mini-SIP Passive Delay Modules
SL2T RHOMBUS-IND-SL2T Datasheet
32Kb / 1P
   SIL2 Series Mini-SIP Passive Delay Modules
logo
PCA ELECTRONICS INC.
EP9910-XX PCA-EP9910-XX Datasheet
17Kb / 1P
   Mini SIP Passive Delay Lines
EP9910N-1A PCA-EP9910N-1A Datasheet
41Kb / 1P
   Mini SIP Passive Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com