Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH7220 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH7220
Description  High Speed Comparator with LVDS Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH7220 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH7220 Datasheet HTML 1Page - National Semiconductor (TI) LMH7220 Datasheet HTML 2Page - National Semiconductor (TI) LMH7220 Datasheet HTML 3Page - National Semiconductor (TI) LMH7220 Datasheet HTML 4Page - National Semiconductor (TI) LMH7220 Datasheet HTML 5Page - National Semiconductor (TI) LMH7220 Datasheet HTML 6Page - National Semiconductor (TI) LMH7220 Datasheet HTML 7Page - National Semiconductor (TI) LMH7220 Datasheet HTML 8Page - National Semiconductor (TI) LMH7220 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
+5V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VCM = 300 mV, −50 mV < VID < +50 mV and RL = 100
Ω.
Boldface limits apply at the temperature extremes. (Note 6)
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
I
S
Supply Current
Load Current Excluded
V
IN Differential = 50 mV
6.8
9
12.6
mA
+5V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VCM = 300 mV, −50 mV < VID < +50 mV and RL = 100
Ω.
Boldface limits apply at the temperature extremes. (Note 6)
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
TR
Toggle Rate
Overdrive = ±50 mV; C
L =2pF @
50% Output Swing
750
940
Mb/s
t
PDLH
Propagation Delay
t
PDLH =(tPDH +tPDL )/2
(see figure 3 application note)
Input SR = Constant
V
ID start value = -100mV
Overdrive 20 mV
3.63
ns
Overdrive 50 mV
3.09
Overdrive 100 mV
2.9
7
Overdrive 1V
2.41
t
OD-disp
Input Overdrive Dispersion
@Overdrive 20 - 100 mV
0.79
ns
@Overdrive 100 mV - 1V
0.43
t
SR-disp
Input Slew Rate Dispersion
0.05 V/ns to 1 V/ns
Overdrive 100 mV
0.20
ns
t
CM-disp
Input Common Mode Dispersion
SR = 4 V/ns; Overdrive 100 mV
V
CM =0to3V
0.21
ns
∆t
PDLH
Q to Q Time Skew
|t
PDH -tPDL | (Note 8)
Overdrive = 100 mV; C
L = 2 pF
0.09
ns
∆t
PDHL
Q to Q Time Skew
|t
PDL -tPDH | (Note 8)
Overdrive = 100 mV; C
L = 2 pF
0.07
ns
t
r
Output Rise Time (20% - 80%)
(Note 9)
Overdrive = 100 mV; C
L = 2 pF
0.59
ns
t
f
Output Fall Time (20% - 80%)
(Note 9)
Overdrive = 100 mV; C
L = 2 pF
0.55
ns
+2.7V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VCM = 300 mV, −50 mV < VID < +50 mV and RL = 100
Ω.
Boldface limits apply at the temperature extremes. (Note 6)
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
I
B
Input Bias Current
V
IN Differential = 0
−5
−7
−1.3
−0.5
µA
I
OS
Input Offset Current
V
IN Differential = 0
−500
+500
nA
TC I
OS
Input Offset Current TC
V
IN Differential = 0
±2
nA/˚C
V
OS
Input Offset Voltage
−9.5
+9.5
mV
TC V
OS
Input Offset Voltage TC
± 50
µV/˚C
VRI
Input Voltage Range
CMRR > 50 dB
−0.2
V
CC−2
V
CMRR
Common-Mode Rejection Ratio
V
CM =0toVCC−2.2V
56
70
dB
PSRR
Power Supply Rejection Ratio
63
74
dB
A
V
Open Loop Gain
59
dB
V
O
Output Offset Voltage
V
IN Differential = 50 mV
1125
1213
1325
mV
∆V
O
V
O Change Between ‘0’ and ‘1’
V
IN Differential = ± 50 mV
−25
+25
mV
www.national.com
4


Similar Part No. - LMH7220

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH7220 NSC-LMH7220 Datasheet
1Mb / 20P
   High Speed Comparator with LVDS Output
LMH7220 NSC-LMH7220 Datasheet
1Mb / 20P
   High Speed Comparator with LVDS Output
logo
Texas Instruments
LMH7220 TI1-LMH7220 Datasheet
1Mb / 34P
[Old version datasheet]   LMH7220 High Speed Comparator with LVDS Output
logo
National Semiconductor ...
LMH7220MG NSC-LMH7220MG Datasheet
1Mb / 20P
   High Speed Comparator with LVDS Output
LMH7220MG NSC-LMH7220MG Datasheet
1Mb / 20P
   High Speed Comparator with LVDS Output
More results

Similar Description - LMH7220

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH7220 NSC-LMH7220_08 Datasheet
1Mb / 20P
   High Speed Comparator with LVDS Output
LMH7220_0805 NSC-LMH7220_0805 Datasheet
1Mb / 20P
   High Speed Comparator with LVDS Output
logo
Texas Instruments
LMH7220 TI1-LMH7220_14 Datasheet
1Mb / 34P
[Old version datasheet]   LMH7220 High Speed Comparator with LVDS Output
logo
Maxim Integrated Produc...
MAX40025C MAXIM-MAX40025C Datasheet
640Kb / 17P
   280ps High-Speed Comparator, Ultra-Low Dispersion with LVDS Outputs
Rev 2; 1/19
logo
Texas Instruments
TLV3801 TI-TLV3801 Datasheet
2Mb / 25P
[Old version datasheet]   TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
DECEMBER 2021
logo
Maxim Integrated Produc...
MAX40025A MAXIM-MAX40025A Datasheet
615Kb / 17P
   280ps High-Speed Comparator, Ultra-Low Dispersion with LVDS Outputs
2019
logo
Texas Instruments
TLV3801-Q1 TI-TLV3801-Q1 Datasheet
2Mb / 27P
[Old version datasheet]   TLV3801-Q1 225-ps High-Speed Comparator with LVDS Outputs
OCTOBER 2022
TLV3801 TI-TLV3801_V01 Datasheet
2Mb / 32P
[Old version datasheet]   TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
REVISED OCTOBER 2022
TLV3604 TI-TLV3604_V01 Datasheet
1Mb / 27P
[Old version datasheet]   TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
logo
Linear Technology
LTC6754 LINER-LTC6754 Datasheet
1Mb / 22P
   High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com