Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM111 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM111
Description  DIFFERENTIAL COMPARATORS WITH STROBES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM111 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM111 Datasheet HTML 6Page - Texas Instruments LM111 Datasheet HTML 7Page - Texas Instruments LM111 Datasheet HTML 8Page - Texas Instruments LM111 Datasheet HTML 9Page - Texas Instruments LM111 Datasheet HTML 10Page - Texas Instruments LM111 Datasheet HTML 11Page - Texas Instruments LM111 Datasheet HTML 12Page - Texas Instruments LM111 Datasheet HTML 13Page - Texas Instruments LM111 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LM111, LM211, LM311
DIFFERENTIAL COMPARATORS WITH STROBES
SLCS007H – SEPTEMBER 1973 – REVISED AUGUST 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 8
60
40
20
0
05
10
80
100
120
15
VCC± = ±15 V
t
≤ 10 s
VID = –10 mV
TA = 25°C
VO – Output Voltage – V
140
160
300
200
100
0
400
500
600
700
800
OUTPUT CURRENT AND DISSIPATION
vs
OUTPUT VOLTAGE
PO (right scale)
IO (left scale)
Figure 9
3
2
1
0
05
10
4
5
6
15
TA = 25°C
No Load
VCC+ – Positive Supply Voltage – V
VID = –10 mV
POSITIVE SUPPLY CURRENT
vs
POSITIVE SUPPLY VOLTAGE
VID = 10 mV
–3
–2
–1
0
0
–5
–10
–4
–5
–6
–15
NEGATIVE SUPPLY CURRENT
vs
NEGATIVE SUPPLY VOLTAGE
VCC– – Negative Supply Voltage – V
VID = 10 mV or –10 mV
TA = 25°C
No Load
Figure 10


Similar Part No. - LM111

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM111 NSC-LM111 Datasheet
1Mb / 23P
   Voltage Comparator
logo
Seoul Semiconductor
LM111 SEOUL-LM111 Datasheet
285Kb / 13P
   Infrared LAMP LED
logo
NXP Semiconductors
LM111 PHILIPS-LM111 Datasheet
71Kb / 4P
   Voltage comparator
August 31, 1994
logo
Seoul Semiconductor
LM111 SEOUL-LM111 Datasheet
390Kb / 14P
   BLUE OVAL LAMP LED
logo
STMicroelectronics
LM111 STMICROELECTRONICS-LM111 Datasheet
236Kb / 14P
   Voltage comparator with strobe
More results

Similar Description - LM111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM211P TI1-LM211P Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI1-LM111_14 Datasheet
1Mb / 32P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111_1003 TI-LM111_1003 Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI-LP211_06 Datasheet
240Kb / 11P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI1-LP211_14 Datasheet
829Kb / 14P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LM211-Q1 TI-LM211-Q1 Datasheet
339Kb / 18P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-Q1 TI1-LM211-Q1_14 Datasheet
354Kb / 21P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_14 Datasheet
820Kb / 24P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP Datasheet
597Kb / 22P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_16 Datasheet
820Kb / 23P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com