Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38856S-1.2 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP38856S-1.2
Description  3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38856S-1.2 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP38856S-1.2 Datasheet HTML 1Page - National Semiconductor (TI) LP38856S-1.2 Datasheet HTML 2Page - National Semiconductor (TI) LP38856S-1.2 Datasheet HTML 3Page - National Semiconductor (TI) LP38856S-1.2 Datasheet HTML 4Page - National Semiconductor (TI) LP38856S-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LP38856S-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LP38856S-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LP38856S-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LP38856S-1.2 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Typical Performance Characteristics Unless otherwise specified: T
J = 25˚C, VIN =VOUT(NOM) + 1V,
V
BIAS = 3.0V, IOUT = 10 mA, CIN =COUT = 10 µF Ceramic, CBIAS = 1 µF Ceramic, VEN =VBIAS.
V
BIAS Ground Pin Current (IGND(BIAS))vsVBIAS
V
BIAS Ground Pin Current (IGND(BIAS)) vs Temperature
20131187
20131161
V
IN Ground Pin Current (IGND(IN)) vs Temperature
Load Regulation vs Temperature
20131162
20131163
Dropout Voltage (V
DO) vs Temperature
Output Current Limit (I
SC) vs Temperature
20131165
20131166
www.national.com
5


Similar Part No. - LP38856S-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38856S-1.2/NOPB TI-LP38856S-1.2/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
More results

Similar Description - LP38856S-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38856 TI-LP38856_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
LP38856 TI1-LP38856_14 Datasheet
2Mb / 20P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
National Semiconductor ...
LP38855 NSC-LP38855 Datasheet
359Kb / 14P
   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38855 TI-LP38855_15 Datasheet
2Mb / 20P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38853 TI1-LP38853_14 Datasheet
1Mb / 27P
[Old version datasheet]   3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38859 TI-LP38859_15 Datasheet
2Mb / 25P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator With Soft Start
logo
National Semiconductor ...
LP38859 NSC-LP38859 Datasheet
851Kb / 14P
   3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
logo
Texas Instruments
LP38859 TI1-LP38859_14 Datasheet
2Mb / 21P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
LP38853 TI-LP38853 Datasheet
1Mb / 28P
[Old version datasheet]   LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI-LP38853_15 Datasheet
1Mb / 28P
[Old version datasheet]   LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com