Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL261-3ETR13 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IL261-3ETR13
Description  High Speed Five Channel Digital Couplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL261-3ETR13 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IL261-3ETR13 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL261-3ETR13 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL261-3ETR13 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL261-3ETR13 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL261-3ETR13 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL261-3ETR13 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL261-3ETR13 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL261-3ETR13 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL261-3ETR13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IL260 IL261
2
Absolute Maximum Ratings
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Storage Temperature
T
S
-55
175
°C
Ambient Operating Temperature
T
A
-55
125
°C
Supply Voltage
V
DD
1 ,VDD2
-0.5
7
V
Input Voltage
V
I
-0.5
V
DD+0.5
V
Output Voltage
V
O
-0.5
V
DD+0.5
V
Output Current
I
O
-10
10
mA
Drive Channel
Lead Solder Temperature
280
°C
10 s
ESD
2 kV Human Body Model
Recommended Operating Conditions
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Ambient Operating Temperature(1)
T
A
-40
85
°C
Supply Voltage
V
DD
1 ,VDD2
3.0
5.5
V
3.3/5.0 V Operation
Supply Voltage
V
DD
1 ,VDD2
4.5
5.5
V
5 V Operation
Logic High Input Voltage
V
IH
2.4
V
DD
mA
Logic Low Input Voltage
V
IL
0
0.8
V
Minimum Input Signal Rise and
Fall Times
t
IR, tIF
1
µsec
Insulation Specifications
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Creepage Distance (external)
0.15'' SOIC
4.026
mm
0.30'' SOIC
8.077
mm
Leakage Current(5)
0.2
µA
RMS
240 V
RMS
Barrier Impedance (5)
>1014||7
Ω || pC
Safety & Approvals
IEC61010-1
TUV Certificate Numbers:
Approval Pending
Classification
Model
Package
Pollution Degree
Material Group
Max. Working
Voltage
IL260, IL261
.30
'' 16-pin SOIC
II
III
300 VRMS
IL260-3, IL261-3
.15
'' 16-pin SOIC
II
III
150 VRMS
UL 1577
Component Recognition program. File #:
Approval Pending
Rated 2500VRMS for 1 minute (SOIC, PDIP), 1000VRMS for 1 minute (MSOP)
Electrostatic Discharge Sensitivity
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, NVE recommends that all integrated
circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from performance
degradation to complete failure.


Similar Part No. - IL261-3ETR13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL261-3B ETC-IL261-3B Datasheet
489Kb / 7P
   High Speed Five Channel Digital Coupler
IL261-3BTR13 ETC-IL261-3BTR13 Datasheet
489Kb / 7P
   High Speed Five Channel Digital Coupler
IL261-3BTR7 ETC-IL261-3BTR7 Datasheet
489Kb / 7P
   High Speed Five Channel Digital Coupler
More results

Similar Description - IL261-3ETR13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL26X ETC-IL26X Datasheet
489Kb / 7P
   High Speed Five Channel Digital Coupler
logo
API Technologies Corp
DDF5311 APITECH-DDF5311 Datasheet
1Mb / 1P
   FIVE & SIX CHANNEL HIGH SPEED DRIVERS
DDF6311 APITECH-DDF6311 Datasheet
1Mb / 1P
   FIVE & SIX CHANNEL HIGH SPEED DRIVERS
logo
Silicon Laboratories
SI844X SILABS-SI844X Datasheet
1Mb / 32P
   FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
SI8650 SILABS-SI8650 Datasheet
759Kb / 44P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI8650 SKYWORKS-SI8650 Datasheet
1Mb / 42P
   Low Power Five-Channel Digital Isolator
December 3, 2021
SI844X SKYWORKS-SI844X Datasheet
991Kb / 31P
   FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
logo
List of Unclassifed Man...
SI8450 ETC2-SI8450 Datasheet
462Kb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8450 SILABS-SI8450 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
SI8650 SILABS-SI8650_18 Datasheet
914Kb / 42P
   Low Power Five-Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com