Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM311PSR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM311PSR
Description  DIFFERENTIAL COMPARATORS WITH STROBES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM311PSR Datasheet(HTML) 1 Page - Texas Instruments

  LM311PSR Datasheet HTML 1Page - Texas Instruments LM311PSR Datasheet HTML 2Page - Texas Instruments LM311PSR Datasheet HTML 3Page - Texas Instruments LM311PSR Datasheet HTML 4Page - Texas Instruments LM311PSR Datasheet HTML 5Page - Texas Instruments LM311PSR Datasheet HTML 6Page - Texas Instruments LM311PSR Datasheet HTML 7Page - Texas Instruments LM311PSR Datasheet HTML 8Page - Texas Instruments LM311PSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM111, LM211, LM311
DIFFERENTIAL COMPARATORS WITH STROBES
SLCS007H – SEPTEMBER 1973 – REVISED AUGUST 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Fast Response Times
D Strobe Capability
D Maximum Input Bias Current . . . 300 nA
D Maximum Input Offset Current . . . 70 nA
D Can Operate From Single 5-V Supply
D Available in Q-Temp Automotive
– High-Reliability Automotive Applications
– Configuration Control/Print Support
– Qualification to Automotive Standards
1
2
3
4
8
7
6
5
EMIT OUT
IN+
IN–
VCC–
VCC+
COL OUT
BAL/STRB
BALANCE
LM111 ...JG PACKAGE
LM211 . . . D, P, OR PW PACKAGE
LM311 . . . D, P, PS, OR PW PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
COL OUT
NC
BAL/STRB
NC
NC
IN+
NC
IN–
NC
LM111 ...FK PACKAGE
(TOP VIEW)
NC – No internal connection
description/ordering information
The LM111, LM211, and LM311 are single high-speed voltage comparators. These devices are designed to
operate from a wide range of power-supply voltages, including
±15-V supplies for operational amplifiers and
5-V supplies for logic systems. The output levels are compatible with most TTL and MOS circuits. These
comparators are capable of driving lamps or relays and switching voltages up to 50 V at 50 mA. All inputs and
outputs can be isolated from system ground. The outputs can drive loads referenced to ground, VCC+ or VCC–.
Offset balancing and strobe capabilities are available, and the outputs can be wire-OR connected. If the strobe
is low, the output is in the off state, regardless of the differential input.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - LM311PSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM311PSR TI-LM311PSR Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM311PSR TI1-LM311PSR Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM311PSR TI1-LM311PSR Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
LM311PSR TI1-LM311PSR Datasheet
2Mb / 38P
[Old version datasheet]   LMx11 Quad Differential Comparators
LM311PSRE4 TI-LM311PSRE4 Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
More results

Similar Description - LM311PSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM211P TI1-LM211P Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI1-LM111_14 Datasheet
1Mb / 32P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111_1003 TI-LM111_1003 Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI-LP211_06 Datasheet
240Kb / 11P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI1-LP211_14 Datasheet
829Kb / 14P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LM211-Q1 TI-LM211-Q1 Datasheet
339Kb / 18P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-Q1 TI1-LM211-Q1_14 Datasheet
354Kb / 21P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_14 Datasheet
820Kb / 24P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP Datasheet
597Kb / 22P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_16 Datasheet
820Kb / 23P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com