Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7WZ02 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7WZ02
Description  TinyLogic UHS Dual 2-Input NOR Gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ02 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7WZ02 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ02 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ02 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ02 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ02 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ02 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ02 Datasheet HTML 7Page - Fairchild Semiconductor NC7WZ02 Datasheet HTML 8Page - Fairchild Semiconductor NC7WZ02 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
NC7WZ02 Rev. 1.0.0
AC Electrical Characteristics
Notes:
2. CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current
consumption (ICCD) at no output loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD
dynamic operating current by the expression:
CPD = ICCD / (VCC) (F).
AC Loading and Waveforms
Symbol
Parameter
Conditions
VCC (V)
TA =
Units
Figure
Number
+25˚C
–40°C to +85°C
Min
Typ
Max
Min
Max
tPLH, tPHL Propagation Delay
RL = 1MΩ,
CL = 15pF
1.8 ± 0.15
2.0
5.4
9.8
2.0
10
ns
Figure 1
Figure 3
2.5 ± 0.2
1.2
3.3
5.4
1.2
5.8
3.3 ± 0.3
0.8
2.5
3.8
0.8
4.1
5.0 ± 0.5
0.5
2.0
3.0
0.5
3.3
tPLH, tPHL Propagation Delay
RL = 500Ω,
CL = 50pF
3.3 ± 0.3
1.2
3.1
4.6
1.2
5.0
ns
Figure 1
Figure 3
5.0 ± 0.5
0.8
2.4
3.7
0.8
4.0
CIN
Input Capacitance
0
2.5
pF
CPD
Power Dissipation
Capacitance
Note 2
3.3
13.5
pF
Figure 2
5.0
17.5
tRISE = 3ns
Input
Output
tPHL
Input
Output
Figure 3. AC Waveforms
Figure 1. AC Test Circuit
Figure 2. ICCD Test Circuit
tFALL = 3ns
VOH
90%
50%
50%
90%
10%
10%
50%
50%
tPLH
VOL
VCC
VCC
GND
RL
CL*
Input
VCC
*CL includes load and stray capacitance.
Input PRR = 1.0MHz; tW = 500ns
Input = AC Waveform; tr, tf = 1.8ns;
PRR = 10MHz; Duty Cycle = 50%
A


Similar Part No. - NC7WZ02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ02 ONSEMI-NC7WZ02 Datasheet
1Mb / 12P
   UHS Dual 2-Input NOR Gate
January 2006 Rev. 1.0.0
NC7WZ02K8X ONSEMI-NC7WZ02K8X Datasheet
1Mb / 12P
   UHS Dual 2-Input NOR Gate
January 2006 Rev. 1.0.0
NC7WZ02L8X ONSEMI-NC7WZ02L8X Datasheet
1Mb / 12P
   UHS Dual 2-Input NOR Gate
January 2006 Rev. 1.0.0
More results

Similar Description - NC7WZ02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ02 FAIRCHILD-NC7SZ02 Datasheet
82Kb / 7P
   TinyLogic UHS 2-Input NOR Gate
NC7SZ02 FAIRCHILD-NC7SZ02_05 Datasheet
169Kb / 9P
   TinyLogic UHS 2-Input NOR Gate
NC7SZ27 FAIRCHILD-NC7SZ27 Datasheet
99Kb / 7P
   TinyLogic UHS 3-Input NOR Gate
NC7SZ27 FAIRCHILD-NC7SZ27_04 Datasheet
149Kb / 7P
   TinyLogic UHS 3-Input NOR Gate
logo
ON Semiconductor
NC7WZ02 ONSEMI-NC7WZ02 Datasheet
1Mb / 12P
   UHS Dual 2-Input NOR Gate
January 2006 Rev. 1.0.0
logo
Fairchild Semiconductor
NC7WZ00 FAIRCHILD-NC7WZ00 Datasheet
97Kb / 7P
   TinyLogic UHS Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WZ08 ONSEMI-NC7WZ08_V01 Datasheet
426Kb / 9P
   TinyLogic UHS Dual 2-Input AND Gate
April, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7WZ38 FAIRCHILD-NC7WZ38 Datasheet
180Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
NC7WZ00 FAIRCHILD-NC7WZ00_05 Datasheet
187Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WZ32 ONSEMI-NC7WZ32_V01 Datasheet
429Kb / 9P
   TinyLogic UHS Dual 2-Input OR Gate
March, 2022 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com