Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7WZ02 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7WZ02
Description  TinyLogic UHS Dual 2-Input NOR Gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ02 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7WZ02 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ02 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ02 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ02 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ02 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ02 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ02 Datasheet HTML 7Page - Fairchild Semiconductor NC7WZ02 Datasheet HTML 8Page - Fairchild Semiconductor NC7WZ02 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
January 2006
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
NC7WZ02 Rev. 1.0.0
NC7WZ02
TinyLogic® UHS Dual 2-Input NOR Gate
General Description
The NC7WZ02 is a dual 2-Input NOR Gate from Fair-
child’s Ultra High Speed Series of TinyLogic®. The
device is fabricated with advanced CMOS technology to
achieve ultra high speed with high output drive while
maintaining low static power dissipation over a very
broad VCC operating range. The device is specified to
operate over the 1.65V to 5.5V VCC range. The inputs
and output are high impedance when VCC is 0V. Inputs
tolerate voltages up to 7V independent of VCC operating
voltage.
Features
Space saving US8 surface mount package
MicroPak™ Pb-Free leadless package
Ultra High Speed: tPD 2.4ns typ into 50pF at 5V VCC
High Output Drive: ±24mA at 3V VCC
Broad VCC Operating Range: 1.65V to 5.5V
Matches the performance of LCX when operated at
3.3V VCC
Power down high impedance inputs/output
Overvoltage tolerant inputs facilitate 5V to 3V
translation
Patented noise/EMI reduction circuitry implemented
Ordering Information
Pb-Free package per JEDEC J-STD-020B.
Logic Symbol
Order
Number
Package
Number
Package Code
Top Mark
Package Description
Supplied As
NC7WZ02K8X
MAB08A
WZ02
8-Lead US8, JEDEC MO-187,
Variation CA 3.1mm Wide
3k Units on Tape and
Reel
NC7WZ02L8X
MAC08A
P5
Pb-Free 8-Lead MicroPak,
1.6 mm Wide
5k Units on Tape and
Reel
A1
IEEE/IEC
≥1
Y1
B1
A2
B2
Y2
TinyLogic® is a registered trademark of Fairchild Semiconductor Corporation. MicroPak™ is a trademark of Fairchild Semiconductor Corporation.


Similar Part No. - NC7WZ02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ02 ONSEMI-NC7WZ02 Datasheet
1Mb / 12P
   UHS Dual 2-Input NOR Gate
January 2006 Rev. 1.0.0
NC7WZ02K8X ONSEMI-NC7WZ02K8X Datasheet
1Mb / 12P
   UHS Dual 2-Input NOR Gate
January 2006 Rev. 1.0.0
NC7WZ02L8X ONSEMI-NC7WZ02L8X Datasheet
1Mb / 12P
   UHS Dual 2-Input NOR Gate
January 2006 Rev. 1.0.0
More results

Similar Description - NC7WZ02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ02 FAIRCHILD-NC7SZ02 Datasheet
82Kb / 7P
   TinyLogic UHS 2-Input NOR Gate
NC7SZ02 FAIRCHILD-NC7SZ02_05 Datasheet
169Kb / 9P
   TinyLogic UHS 2-Input NOR Gate
NC7SZ27 FAIRCHILD-NC7SZ27 Datasheet
99Kb / 7P
   TinyLogic UHS 3-Input NOR Gate
NC7SZ27 FAIRCHILD-NC7SZ27_04 Datasheet
149Kb / 7P
   TinyLogic UHS 3-Input NOR Gate
logo
ON Semiconductor
NC7WZ02 ONSEMI-NC7WZ02 Datasheet
1Mb / 12P
   UHS Dual 2-Input NOR Gate
January 2006 Rev. 1.0.0
logo
Fairchild Semiconductor
NC7WZ00 FAIRCHILD-NC7WZ00 Datasheet
97Kb / 7P
   TinyLogic UHS Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WZ08 ONSEMI-NC7WZ08_V01 Datasheet
426Kb / 9P
   TinyLogic UHS Dual 2-Input AND Gate
April, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7WZ38 FAIRCHILD-NC7WZ38 Datasheet
180Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
NC7WZ00 FAIRCHILD-NC7WZ00_05 Datasheet
187Kb / 8P
   TinyLogic UHS Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WZ32 ONSEMI-NC7WZ32_V01 Datasheet
429Kb / 9P
   TinyLogic UHS Dual 2-Input OR Gate
March, 2022 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com