Electronic Components Datasheet Search |
|
0402-0015-82 Datasheet(PDF) 1 Page - Bel Fuse Inc. |
|
0402-0015-82 Datasheet(HTML) 1 Page - Bel Fuse Inc. |
|
1 / 1 page defining a degree of excellence Corporate Office Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302-4496 Tel: 201-432-0463 Fax: 201-432-9542 E-Mail: BelFuse@belfuse.com Internet: http://www.belfuse.com Specifications subject to change without notice. Far East Office Bel Fuse Ltd. 8F/8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel: 852-2328-5515 Fax: 852-2352-3706 European Office Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Preston PR1 8UD Lancashire, U.K. Tel: 44-1772-556601 Fax: 44-1772-888366 Cat 27-R3 Compatible with ECL & TTL circuits Terminals: 24 Awg tin copper Performance warranty is limited to specified parameters listed Epoxy Encapsulated 31 3 PIN SIP PASSIVE DELAY MODULES Delay Measurement Rise Time Measurement Distortion Insulation Resistance @ 50 Vdc Dielectric Withstanding Voltage Operating Temperature Range Temperature Coefficient of Delay Minimum Input Pulse Width Maximum Duty Cycle Part Numbers Electrical Characteristics Notes .375 Max .49 Max .055 .125 Min 32 1 .12 Max .025 .30 .10 .020 3 Gnd 2 1 bel (P/N) (DC) 55 Ohms + 10% 0402-00.5-55 0402-0001-55 0402-01.5-55 0402-0002-55 0402-02.5-55 0402-0003-55 0402-03.5-55 0402-0004-55 0402-04.5-55 0402-0005-55 0402-05.5-55 0402-0006-55 0402-06.5-55 0402-0007-55 0402-07.5-55 0402-0008-55 0402-08.5-55 0402-0009-55 0402-09.5-55 0402-0010-55 0402-0012-55 0402-0015-55 75 Ohms + 10% 0402-00.5-75 0402-0001-75 0402-01.5-75 0402-0002-75 0402-02.5-75 0402-0003-75 0402-03.5-75 0402-0004-75 0402-04.5-75 0402-0005-75 0402-05.5-75 0402-0006-75 0402-06.5-75 0402-0007-75 0402-07.5-75 0402-0008-75 0402-08.5-75 0402-0009-75 0402-09.5-75 0402-0010-75 0402-0012-75 0402-0015-75 82 Ohms + 10% 0402-00.5-82 0402-0001-82 0402-01.5-82 0402-0002-82 0402-02.5-82 0402-0003-82 0402-03.5-82 0402-0004-82 0402-04.5-82 0402-0005-82 0402-05.5-82 0402-0006-82 0402-06.5-82 0402-0007-82 0402-07.5-82 0402-0008-82 0402-08.5-82 0402-0009-82 0402-09.5-82 0402-0010-82 0402-0012-82 0402-0015-82 93 Ohms + 10% 0402-00.5-93 0402-0001-93 0402-01.5-93 0402-0002-93 0402-02.5-93 0402-0003-93 0402-03.5-93 0402-0004-93 0402-04.5-93 0402-0005-93 0402-05.5-93 0402-0006-93 0402-06.5-93 0402-0007-93 0402-07.5-93 0402-0008-93 0402-08.5-93 0402-0009-93 0402-09.5-93 0402-0010-93 0402-0012-93 0402-0015-93 0.5 + 0.20 ns 1.0 + 0.20 ns 1.5 + .020 ns 2.0 + 0.20 ns 2.5 + 0.20 ns 3.0 + 0.20 ns 3.5 + 0.20 ns 4.0 + 0.20 ns 4.5 + 0.25 ns 5.0 + 0.25 ns 5.5 + 0.30 ns 6.0 + 0.30 ns 6.5 + 0.30 ns 7.0 + 0.30 ns 7.5 + 0.30 ns 8.0 + 0.30 ns 8.5 + 0.30 ns 9.0 + 0.30 ns 9.5 + 0.30 ns 10.0 + 0.30 ns 12.0 + 0.30 ns 15.0 + 0.40 ns Rise Time (True) 1.6 ns 1.6 ns 1.6 ns 1.6 ns 1.7 ns 1.7 ns 1.7 ns 1.7 ns 1.8 ns 1.8 ns 1.9 ns 2.0 ns 2.1 ns 2.2 ns 2.3 ns 2.4 ns 2.5 ns 2.6 ns 2.7 ns 2.8 ns 3.2 ns 3.8 ns Test Conditions @ 25oC Ein Trin PW PP Pulse Voltage Rise Time Pulse Width Pulse Period 1 Volt Typical 1.0 ns (10%-90%) 3 x Total Delay 4 x Pulse Width 50% Levels 20%-80% Levels + 10% 10K Megohms Min. 50 Vdc -55oC to +125oC 100 PPM/oC Max. 3 x Trout or 5 ns W.I.G. 60% DCR Maximum 0.18 Ohms 0.20 Ohms 0.23 Ohms 0.25 Ohms 0.33 Ohms 0.37 Ohms 0.46 Ohms 0.50 Ohms 0.58 Ohms 0.62 Ohms 0.71 Ohms 0.75 Ohms 0.78 Ohms 0.80 Ohms 0.83 Ohms 0.85 Ohms 0.88 Ohms 0.90 Ohms 0.93 Ohms 0.95 Ohms 1.05 Ohms 1.50 Ohms Total Delay Other Delays and Impedances Available Contact Sales |
Similar Part No. - 0402-0015-82 |
|
Similar Description - 0402-0015-82 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |