Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB-XX12D Datasheet(PDF) 2 Page - Recom International Power

Part # RB-XX12D
Description  ECONOLINE - DC/DC-Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RB-XX12D Datasheet(HTML) 2 Page - Recom International Power

  RB-XX12D Datasheet HTML 1Page - Recom International Power RB-XX12D Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
EC 21
August 2002
Package Style and Pinning (mm)
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
1.27
0.25
12.70
2.0
12
4 5 6
6.00
19.60
10.20
0.51 typ.
4.10
0.51 typ.
RB-0505D
RECOM
****
12
5
RB-0505D
RECOM
****
6
4
Dual Output
12
5
RB-0505S
RECOM
****
6
Single Output
4
2.54
1.00ø+0.15/–0
2.54
3rd angle
projection
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
–Vin
–Vin
4NC
–Vout
5–Vout
Com
6+Vout
+Vout
NC = No Connection
ECONOLINE - DC/DC-Converter
RB Series, 1 Watt, SIP7 (Single & Dual Output)
Recommended Footprint Details
8 PIN DIP Package


Similar Part No. - RB-XX12D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-xx12D RECOM-RB-xx12D Datasheet
126Kb / 3P
   1 Watt SIP7 Single & Dual Output
RB-xx12D RECOM-RB-xx12D Datasheet
121Kb / 3P
   1 Watt SIP7 Single & Dual Output-13
RB-xx12D RECOM-RB-xx12D Datasheet
121Kb / 3P
   Low Cost 1W Converter Power Sharing on Dual Output Version
More results

Similar Description - RB-XX12D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAA RECOM-RAA Datasheet
93Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
   ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com