Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0402-06.5-93 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0402-06.5-93
Description  3 PIN SIP PASSIVE DELAY MODULES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0402-06.5-93 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0402-06.5-93 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
defining a degree of excellence
Corporate Office
Bel Fuse Inc.
198 Van Vorst Street, Jersey City, NJ 07302-4496
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: BelFuse@belfuse.com
Internet: http://www.belfuse.com
Specifications subject to change without notice.
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K.
Tel: 44-1772-556601
Fax: 44-1772-888366
Cat 27-R3
Compatible with ECL & TTL circuits
Terminals: 24 Awg tin copper
Performance warranty is limited to specified parameters listed
Epoxy Encapsulated
31
3 PIN SIP
PASSIVE DELAY MODULES
Delay Measurement
Rise Time Measurement
Distortion
Insulation Resistance @ 50 Vdc
Dielectric Withstanding Voltage
Operating Temperature Range
Temperature Coefficient of Delay
Minimum Input Pulse Width
Maximum Duty Cycle
Part Numbers
Electrical Characteristics
Notes
.375 Max
.49 Max
.055
.125 Min
32
1
.12 Max
.025
.30
.10
.020
3
Gnd 2
1
bel (P/N) (DC)
55 Ohms + 10%
0402-00.5-55
0402-0001-55
0402-01.5-55
0402-0002-55
0402-02.5-55
0402-0003-55
0402-03.5-55
0402-0004-55
0402-04.5-55
0402-0005-55
0402-05.5-55
0402-0006-55
0402-06.5-55
0402-0007-55
0402-07.5-55
0402-0008-55
0402-08.5-55
0402-0009-55
0402-09.5-55
0402-0010-55
0402-0012-55
0402-0015-55
75 Ohms + 10%
0402-00.5-75
0402-0001-75
0402-01.5-75
0402-0002-75
0402-02.5-75
0402-0003-75
0402-03.5-75
0402-0004-75
0402-04.5-75
0402-0005-75
0402-05.5-75
0402-0006-75
0402-06.5-75
0402-0007-75
0402-07.5-75
0402-0008-75
0402-08.5-75
0402-0009-75
0402-09.5-75
0402-0010-75
0402-0012-75
0402-0015-75
82 Ohms + 10%
0402-00.5-82
0402-0001-82
0402-01.5-82
0402-0002-82
0402-02.5-82
0402-0003-82
0402-03.5-82
0402-0004-82
0402-04.5-82
0402-0005-82
0402-05.5-82
0402-0006-82
0402-06.5-82
0402-0007-82
0402-07.5-82
0402-0008-82
0402-08.5-82
0402-0009-82
0402-09.5-82
0402-0010-82
0402-0012-82
0402-0015-82
93 Ohms + 10%
0402-00.5-93
0402-0001-93
0402-01.5-93
0402-0002-93
0402-02.5-93
0402-0003-93
0402-03.5-93
0402-0004-93
0402-04.5-93
0402-0005-93
0402-05.5-93
0402-0006-93
0402-06.5-93
0402-0007-93
0402-07.5-93
0402-0008-93
0402-08.5-93
0402-0009-93
0402-09.5-93
0402-0010-93
0402-0012-93
0402-0015-93
0.5 + 0.20 ns
1.0 + 0.20 ns
1.5 + .020 ns
2.0 + 0.20 ns
2.5 + 0.20 ns
3.0 + 0.20 ns
3.5 + 0.20 ns
4.0 + 0.20 ns
4.5 + 0.25 ns
5.0 + 0.25 ns
5.5 + 0.30 ns
6.0 + 0.30 ns
6.5 + 0.30 ns
7.0 + 0.30 ns
7.5 + 0.30 ns
8.0 + 0.30 ns
8.5 + 0.30 ns
9.0 + 0.30 ns
9.5 + 0.30 ns
10.0 + 0.30 ns
12.0 + 0.30 ns
15.0 + 0.40 ns
Rise Time
(True)
1.6 ns
1.6 ns
1.6 ns
1.6 ns
1.7 ns
1.7 ns
1.7 ns
1.7 ns
1.8 ns
1.8 ns
1.9 ns
2.0 ns
2.1 ns
2.2 ns
2.3 ns
2.4 ns
2.5 ns
2.6 ns
2.7 ns
2.8 ns
3.2 ns
3.8 ns
Test Conditions @ 25oC
Ein
Trin
PW
PP
Pulse Voltage
Rise Time
Pulse Width
Pulse Period
1 Volt Typical
1.0 ns (10%-90%)
3 x Total Delay
4 x Pulse Width
50% Levels
20%-80% Levels
+ 10%
10K Megohms Min.
50 Vdc
-55oC to +125oC
100 PPM/oC Max.
3 x Trout or 5 ns W.I.G.
60%
DCR
Maximum
0.18 Ohms
0.20 Ohms
0.23 Ohms
0.25 Ohms
0.33 Ohms
0.37 Ohms
0.46 Ohms
0.50 Ohms
0.58 Ohms
0.62 Ohms
0.71 Ohms
0.75 Ohms
0.78 Ohms
0.80 Ohms
0.83 Ohms
0.85 Ohms
0.88 Ohms
0.90 Ohms
0.93 Ohms
0.95 Ohms
1.05 Ohms
1.50 Ohms
Total Delay
Other Delays and Impedances Available
Contact Sales


Similar Part No. - 0402-06.5-93

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
0402-000132 TOSHIBA-0402-000132 Datasheet
5Mb / 70P
   COLOUR TELEVISION
0402-000233 TOSHIBA-0402-000233 Datasheet
5Mb / 70P
   COLOUR TELEVISION
0402-000493 TOSHIBA-0402-000493 Datasheet
5Mb / 70P
   COLOUR TELEVISION
0402-000534 TOSHIBA-0402-000534 Datasheet
5Mb / 70P
   COLOUR TELEVISION
0402-000537 TOSHIBA-0402-000537 Datasheet
5Mb / 70P
   COLOUR TELEVISION
More results

Similar Description - 0402-06.5-93

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0403-0001-50 BEL-0403-0001-50 Datasheet
55Kb / 1P
   4 PIN SIP PASSIVE DELAY MODULES
0401-1403-02 BEL-0401-1403-02 Datasheet
57Kb / 1P
   HIGH-SPEED 4 PIN SIP PASSIVE DELAY MODULES
0475-0005-50 BEL-0475-0005-50 Datasheet
57Kb / 1P
   5 TAP 7 PIN SIP PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
SIP16 RHOMBUS-IND-SIP16 Datasheet
27Kb / 1P
   19-Pin SIP 16-Tap High Performance Passive Delay Modules
SIL2 RHOMBUS-IND-SIL2 Datasheet
28Kb / 1P
   SIL2 Series Mini-SIP Passive Delay Modules
SP3 RHOMBUS-IND-SP3 Datasheet
26Kb / 1P
   SP3 Series Mini-SIP Passive Delay Modules
SL2T RHOMBUS-IND-SL2T Datasheet
32Kb / 1P
   SIL2 Series Mini-SIP Passive Delay Modules
logo
PCA ELECTRONICS INC.
EP9910-XX PCA-EP9910-XX Datasheet
17Kb / 1P
   Mini SIP Passive Delay Lines
EP9910N-1A PCA-EP9910N-1A Datasheet
41Kb / 1P
   Mini SIP Passive Delay Lines
EP9910 PCA-EP9910_15 Datasheet
18Kb / 1P
   Mini SIP Passive Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com