Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2245ADB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC2245ADB
Description  Octal transceiver with direction pin; 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2245ADB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC2245ADB Datasheet HTML 5Page - NXP Semiconductors 74LVC2245ADB Datasheet HTML 6Page - NXP Semiconductors 74LVC2245ADB Datasheet HTML 7Page - NXP Semiconductors 74LVC2245ADB Datasheet HTML 8Page - NXP Semiconductors 74LVC2245ADB Datasheet HTML 9Page - NXP Semiconductors 74LVC2245ADB Datasheet HTML 10Page - NXP Semiconductors 74LVC2245ADB Datasheet HTML 11Page - NXP Semiconductors 74LVC2245ADB Datasheet HTML 12Page - NXP Semiconductors 74LVC2245ADB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
2003 Nov 17
9
Philips Semiconductors
Product specification
Octal transceiver with direction pin, 30
Ω series
termination resistors; 5 V tolerant input/output; 3-state
74LVC2245A
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.5 ns.
Notes
1. Typical values are measured at VCC = 3.3 V.
2. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed
by design.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C
tPHL/tPLH
propagation delay An to Bn; Bn to An
see Figs 5 and 7 1.2
26
ns
2.7
1.5
4.0
7.3
ns
3.0 to 3.6 1.5
3.6(1)
6.3
ns
tPZH/tPZL
3-state output enable time
OE to An; OE to Bn
see Figs 6 and 7 1.2
28
ns
2.7
1.5
5.9
9.5
ns
3.0 to 3.6 1.5
4.3(1)
8.2
ns
tPHZ/tPLZ
3-state output disable time
OE to An; OE to Bn
see Figs 6 and 7 1.2
12.0
ns
2.7
1.5
3.8
6.9
ns
3.0 to 3.6 1.7
3.4(1)
5.9
ns
tsk(0)
skew
note 2
−−
1.0
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay nAn to nYn
see Figs 5 and 7 1.2
13
ns
2.7
1.5
4.5
9.5
ns
3.0 to 3.6 1.5
3.6(1)
8.0
ns
tPZH/tPZL
3-state output enable time nOE to nYn
see Figs 6 and 7 1.2
20
ns
2.7
1.5
5.9
12.0
ns
3.0 to 3.6 1.5
4.3(1)
10.5
ns
tPHZ/tPLZ
3-state output disable time nOE to nYn see Figs 6 and 7 1.2
10
ns
2.7
1.5
3.8
9.0
ns
3.0 to 3.6 1.7
3.4(1)
7.5
ns
tsk(0)
skew
note 2
−−
1.5
ns


Similar Part No. - 74LVC2245ADB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC2245AD NEXPERIA-74LVC2245AD Datasheet
258Kb / 14P
   Octal transceiver with direction pin, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6 - 30 April 2021
More results

Similar Description - 74LVC2245ADB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2245A PHILIPS-74LVC2245A_15 Datasheet
297Kb / 16P
   Octal transceiver with direction pin, 30 series termination resistors; 5 V tolerant input/output; 3-state
Rev. 5-4 November 2011
logo
Nexperia B.V. All right...
74LVC2245A NEXPERIA-74LVC2245A Datasheet
258Kb / 14P
   Octal transceiver with direction pin, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6 - 30 April 2021
logo
NXP Semiconductors
74LVC_LVCH162245A PHILIPS-74LVC_LVCH162245A_15 Datasheet
237Kb / 16P
   16-bit transceiver with direction pin, 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-23 November 2011
logo
Nexperia B.V. All right...
74LVCH162245A NEXPERIA-74LVCH162245A Datasheet
257Kb / 14P
   16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
74LVC162245A-Q100 NEXPERIA-74LVC162245A-Q100 Datasheet
237Kb / 14P
   16-bit transceiver with direction pin; 30 廓 series termination resistors; 5 V tolerant input/output; 3-state
logo
NXP Semiconductors
74LVC322245A PHILIPS-74LVC322245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state
1999 Sep 01
74LVC2244A PHILIPS-74LVC2244A Datasheet
84Kb / 16P
   Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
74LVCH322245A PHILIPS-74LVCH322245A_15 Datasheet
119Kb / 15P
   32-bit bus transceiver with direction pin; 30 ??series termination resistors; 5 V tolerant; 3-state
Rev. 4-20 December 2011
74LVC245A PHILIPS-74LVC245A Datasheet
125Kb / 20P
   Octal bus transceiver with direction pin with 5 V tolerant input/outputs (3-state)
2003 May 07
74ABT2245 PHILIPS-74ABT2245 Datasheet
107Kb / 12P
   Octal transceiver with direction pin with 30ohm series termination resistors 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com