Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7AH-07C1A0 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # V7AH-07C1A0
Description  NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7AH-07C1A0 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  V7AH-07C1A0 Datasheet HTML 1Page - Bel Fuse Inc. V7AH-07C1A0 Datasheet HTML 2Page - Bel Fuse Inc. V7AH-07C1A0 Datasheet HTML 3Page - Bel Fuse Inc. V7AH-07C1A0 Datasheet HTML 4Page - Bel Fuse Inc. V7AH-07C1A0 Datasheet HTML 5Page - Bel Fuse Inc. V7AH-07C1A0 Datasheet HTML 6Page - Bel Fuse Inc. V7AH-07C1A0 Datasheet HTML 7Page - Bel Fuse Inc. V7AH-07C1A0 Datasheet HTML 8Page - Bel Fuse Inc. V7AH-07C1A0 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2003 Bel Fuse Inc.
Specifications subject to change without notice. 02.03
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP03x7AH-07C
3.3V Input / 0.9V – 2.5V Output / 7A
Nonisolated
Compact, low profile surface mount package
Fixed frequency
High efficiency means less power dissipation
Excellent thermal performance
Optimized for cost
Remote on/off
Undervoltage lockout (UVLO)
Over current and short circuit protection
Industrial temperature range -40° to +85° C
Description
The Bel S7AH-07C and V7AH-07C modules are a series of non-isolated, step down DC/DC power converters that operate
from a nominal 3.3V source. These converters are available in a range of output voltages from 0.9V to 2.5V. They are pack-
aged in a compact, overmolded package rated at 7A. Optional lead forming provides a vertical mount product for minimal
footprint or a surface mount option for a very low profile. Standard features include remote on/off, over current and short circuit
protection, and output voltage adjust. These products may be used almost anywhere low voltage silicon is employed and a
3.3V source is available. Typical applications include file servers, routers, line cards and other computing and communications
equipment.
Applications
page 1
S7AH-07C / V7AH-07C Series
Distributed power architectures
Data networking equipment
Telecommunications
Computers and peripherals
Part Number Selection
Options
Wide range adjustable output
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
n
I
e
g
a
t
l
o
V
t
u
p
t
u
O
.
x
a
M
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
r
e
w
o
P
l
a
c
i
p
y
T
y
c
n
e
i
c
i
f
f
E
r
e
b
m
u
N
t
r
a
P
t
n
u
o
M
e
c
a
f
r
u
S
r
e
b
m
u
N
t
r
a
P
t
n
u
o
M
l
a
c
i
t
r
e
V
V
5
.
2V
3
.
3A
7W
5
.
7
1%
2
90
5
2
C
7
0
-
H
A
7
S0
5
2
C
7
0
-
H
A
7
V
V
8
.
1V
3
.
3A
7W
6
.
2
1%
8
80
8
1
C
7
0
-
H
A
7
S0
8
1
C
7
0
-
H
A
7
V
V
5
.
1V
3
.
3A
7W
5
.
0
1%
6
80
5
1
C
7
0
-
H
A
7
S0
5
1
C
7
0
-
H
A
7
V
V
2
.
1V
3
.
3A
7W
4
.
8%
3
80
2
1
C
7
0
-
H
A
7
S0
2
1
C
7
0
-
H
A
7
V
V
9
.
0V
3
.
3A
7W
3
.
6%
0
80
9
0
C
7
0
-
H
A
7
S0
9
0
C
7
0
-
H
A
7
V
V
5
.
2
-
V
9
.
0V
3
.
3A
7W
5
.
7
1%
2
90
A
1
C
7
0
-
H
A
7
S0
A
1
C
7
0
-
H
A
7
V


Similar Part No. - V7AH-07C1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7AH-07A1A0 BEL-V7AH-07A1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output
More results

Similar Description - V7AH-07C1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPB-10C BEL-VRPB-10C Datasheet
229Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
X7AH-03C1A0 BEL-X7AH-03C1A0 Datasheet
155Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input 0.9V-2.5V/3A Output
V7PB-10C BEL-V7PB-10C Datasheet
222Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
X7AH-10J BEL-X7AH-10J Datasheet
127Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 2.5V Input 0.9V-1.65V/10A Output
SRAH-08B BEL-SRAH-08B Datasheet
346Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
S7AH-08B BEL-S7AH-08B Datasheet
339Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
V7PB-10B BEL-V7PB-10B Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
VRPB-10B BEL-VRPB-10B Datasheet
248Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
V7PC-07A BEL-V7PC-07A Datasheet
266Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 7A
SRAH-05C BEL-SRAH-05C Datasheet
210Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com