Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDT-020UV Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # UDT-020UV
Description  Amplifier Hybrids
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UDT-020UV Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  UDT-020UV Datasheet HTML 1Page - List of Unclassifed Manufacturers UDT-020UV Datasheet HTML 2Page - List of Unclassifed Manufacturers UDT-020UV Datasheet HTML 3Page - List of Unclassifed Manufacturers UDT-020UV Datasheet HTML 4Page - List of Unclassifed Manufacturers UDT-020UV Datasheet HTML 5Page - List of Unclassifed Manufacturers UDT-020UV Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Photodiode Care and Handling Instructions
AVOID DIRECT LIGHT
Since the spectral response of silicon photodiode includes the visible light region, care must be taken to avoid photodiode exposure to high ambient
light levels, particularly from tungsten sources or sunlight. During shipment from UDT Sensors, your photodiodes are packaged in opaque, padded
containers to avoid ambient light exposure and damage due to shock from dropping or jarring.
AVOID SHARP PHYSICAL SHOCK
Photodiodes can be rendered inoperable if dropped or sharply jarred. The wire bonds are delicate and can become separated from the photodiode’s
bonding pads when the detector is dropped or otherwise receives a sharp physical blow.
CLEAN WINDOWS WITH OPTICAL GRADE CLOTH / TISSUE
Most windows on UDT Sensors photodiodes are either silicon or quartz. They should be cleaned with isopropyl alcohol and a soft (optical grade) pad.
OBSERVE STORAGE TEMPERATURES AND HUMIDITY LEVELS
Photodiode exposure to extreme high or low storage temperatures can affect the subsequent performance of a silicon photodiode. Storage temperature
guidelines are presented in the photodiode performance specifications of this catalog. Please maintain a non-condensing environment for optimum
performance and lifetime.
OBSERVE ELECTROSTATIC DISCHARGE (ESD) PRECAUTIONS
UDT Sensors photodiodes, especially with IC devices (e.g. Photops) are considered ESD sensitive. The photodiodes are shipped in ESD protective
packaging. When unpacking and using these products, anti-ESD precautions should be observed.
DO NOT EXPOSE PHOTODIODES TO HARSH CHEMICALS
Photodiode packages and/or operation may be impaired if exposed to CHLOROTHENE, THINNER, ACETONE, or TRICHLOROETHYLENE.
INSTALL WITH CARE
Most photodiodes in this catalog are provided with wire or pin leads for installation in circuit boards or sockets. Observe the soldering temperatures and
conditions specified below:
Photodiodes in plastic packages should be given special care. Clear plastic packages are more sensitive to environmental stress than those of black
plastic. Storing devices in high humidity can present problems when soldering. Since the rapid heating during soldering stresses the wire bonds and can
cause wire to bonding pad separation, it is recommended that devices in plastic packages to be baked for 24 hours at 85°C.
The leads on the photodiode SHOULD NOT BE FORMED. If your application requires lead spacing modification, please contact UDT Sensors
Applications group at (310)978-0516 before forming a product’s leads. Product warranties could be voided.
Soldering Iron:
Soldering 30 W or less
Temperature at tip of iron 300°C or lower.
Dip Soldering:
Bath Temperature:
260±5°C.
Immersion Time:
within 5 Sec.
Soldering Time:
within 3 Sec.
Vapor Phase Soldering:
DO NOT USE
Reflow Soldering:
DO NOT USE
Great Britain: LASER COMPONENTS (UK) Ltd., Phone: +44 1245 491 499, Fax: +44 1245 491 801, info@lasercomponents.co.uk


Similar Part No. - UDT-020UV

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
UDT GAMEWELL-FCI-UDT Datasheet
478Kb / 2P
   LOUDSPEAKER APPLIANCES
logo
Lineage Power Corporati...
UDT020A0X3-SRDZ LINEAGEPOWER-UDT020A0X3-SRDZ Datasheet
792Kb / 40P
   20A Digital Micro DLynxTM:
UDT020A0X3-SRZ LINEAGEPOWER-UDT020A0X3-SRZ Datasheet
792Kb / 40P
   20A Digital Micro DLynxTM:
UDT020A0X43-SRZ LINEAGEPOWER-UDT020A0X43-SRZ Datasheet
792Kb / 40P
   20A Digital Micro DLynxTM:
UDT040A0X4-SR-P-HZ LINEAGEPOWER-UDT040A0X4-SR-P-HZ Datasheet
467Kb / 14P
   40A Analog Mega DLynxTM:
More results

Similar Description - UDT-020UV

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
SD112-42-11-221 ADVANCEDPHOTONIX-SD112-42-11-221 Datasheet
63Kb / 2P
   Detector/Amplifier Hybrids With Feedback Resistor
logo
Luna Innovations Incorp...
SD444-43-23-262 LUNA-SD444-43-23-262 Datasheet
141Kb / 3P
   Detector/Amplifier Hybrids Without Feedback Resistor
SD112-45-11-221 LUNA-SD112-45-11-221 Datasheet
109Kb / 3P
   Detector/Amplifier Hybrids with Feedback Resistor
SD100-42-22-231 LUNA-SD100-42-22-231 Datasheet
129Kb / 3P
   Detector/Amplifier Hybrids Without Feedback Resistor
SD112-43-11-221 LUNA-SD112-43-11-221 Datasheet
129Kb / 3P
   Detector/Amplifier Hybrids With Feedback Resistor
SD112-42-11-221 LUNA-SD112-42-11-221 Datasheet
198Kb / 3P
   Detector/Amplifier Hybrids With Feedback Resistor
SD444-41-21-261 LUNA-SD444-41-21-261 Datasheet
141Kb / 2P
   Detector/Amplifier Hybrids Without Feedback Resistor
logo
Advanced Photonix, Inc.
SD112-43-11-221 ADVANCEDPHOTONIX-SD112-43-11-221 Datasheet
54Kb / 2P
   Detector/Amplifier Hybrids With Feedback Resistor
SD112-45-11-221 ADVANCEDPHOTONIX-SD112-45-11-221 Datasheet
99Kb / 2P
   Detector/Amplifier Hybrids With Feedback Resistor
logo
Luna Innovations Incorp...
SD444-42-22-261 LUNA-SD444-42-22-261 Datasheet
177Kb / 3P
   Detector/Amplifier Hybrids Without Feedback Resistor BLUE ENHANCED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com