Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH1206HBU Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MCH1206HBU
Description  Military Grade High Voltage Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MCH1206HBU Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCH1206HBU Datasheet HTML 1Page - List of Unclassifed Manufacturers MCH1206HBU Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MCH0211
L = Length
W = Width
T = Thickness
D = Pad dimension
How to build a part number….
Type
Case size
TCR
1
Value
2
Tolerance
3
Termination
MCH
High Voltage
Chip
See dimension
table above
E = + 25ppm/ºC
H = + 50ppm/ºC
K = + 100ppm/ºC
L = + 200ppm/ºC
Resistance value
expressed as a four
digit number where
the first three num-
bers are the signifi-
cant value, and the
forth number is the
number of zeros.
B = + 0.1 %
C = + 0.25 %
D = + 0.5 %
F = + 1.0 %
G = + 2.0%
J = + 5.0 %
K = + 10 %
N = + 15 %
L = + 20 %
M = + 30 %
P = + 50 %
B = Solderable wrap-around
(solder coated with nickel
barrier)
S = Solderable single surface
(flip-chip)
G = Wire Bond able (gold)
U = Bondable wraparound
(gold)
Example: For a High Voltage, 125 Meg-ohm resistor with case size of 0805,
a TCR of + 50 ppm/C, a +1% tolerance, and wrap-around solderable
terminations - the part number would be:
MCH0805H1256FB
RHOPOINT COMPONENTS
Hurst Green, Oxted, Surrey, RH8 9AX
Tel: +44 (0) 1883 717988
Fax: +44 (0) 1883 712938
Email: sales@rhopointcomponents.com
Web: www.rhopointcomponents.com
Dimensions
Wrap-around
Type B & U
terminations
Case Size
?
Length (L)
(mils)
Width (W)
(mils)
Thickness (T)
Max. (mils)
Pad (D)
(mils)
0402
40 + 5
20 + 3
20
10 (+ 5)
0403
40 + 5
30 + 5
20
10 (+ 5)
0502
50 (+10,-5)
25 + 5
20
10 (+ 5)
0503
55 (+10,-5)
30+ 5
20
6 (+ 2)
0504
50 (+10,-5)
40+ 5
20
6 (+ 2)
0603
63 (+10,-5)
31 + 5
20
10 (+10,-5)
0805
79 (+10,-5)
50 + 5
25
10 (+10,-5)
1004
100 (+10,-5)
40 + 5
25
15 (+10,-5)
1005
100 (+10,-5)
50 + 5
25
15 (+10,-5)
1206
126 (+10,-5)
63 + 5
30
15 (+10,-5)
1210
126 (+10,-5)
98 + 5
30
15 (+10,-5)
1505
150 (+10,-5)
50 + 5
30
15 (+10,-5)
2010
200 (+10,-5)
100 + 5
30
20 (+10,-5)
2208
225 (+10,-5)
75 + 5
30
20(+10,-5)
2510
250 (+10,-5)
100 + 5
30
20 (+10,-5)
2512
250 (+10,-5)
125 + 5
30
20 (+10,-5)
3512
350 (+10,-5)
125 + 5
30
20 (+10,-5)
Bondable
Type G & S
terminations
Note 1: TCR measured from –55
ºC to +125ºC.
Note 2: Value is dependent on case size.
Note 3: Tolerance is dependent on case size & value.


Similar Part No. - MCH1206HBU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCH12140 MOTOROLA-MCH12140 Datasheet
71Kb / 4P
   PHASE-FREQUENCY DETECTOR
logo
ON Semiconductor
MCH12140 ONSEMI-MCH12140 Datasheet
49Kb / 4P
   Phase-Frequency Detector
April, 2004 ??Rev. 7
MCH12140 ONSEMI-MCH12140 Datasheet
130Kb / 5P
   Phase-Frequency Detector
July, 2006 ??Rev. 9
MCH12140D ONSEMI-MCH12140D Datasheet
49Kb / 4P
   Phase-Frequency Detector
April, 2004 ??Rev. 7
MCH12140D ONSEMI-MCH12140D Datasheet
130Kb / 5P
   Phase-Frequency Detector
July, 2006 ??Rev. 9
More results

Similar Description - MCH1206HBU

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
logo
IRC - a TT electronics ...
M55342E04B1E00C IRCTT-M55342E04B1E00C Datasheet
302Kb / 3P
   Precision Military Qualified Chip Resistors
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
   High Voltage Chip Resistors
logo
TT Electronics.
M55342E06B4B22R TTELEC-M55342E06B4B22R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B10A0R TTELEC-M55342E06B10A0R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
logo
Vishay Siliconix
CRHV VISHAY-CRHV Datasheet
175Kb / 2P
   High Voltage Chip Resistors
Revision: 02-Oct-14
logo
YAGEO Corporation
RV0603DR-0710KL YAGEO-RV0603DR-0710KL Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
logo
IRC - a TT electronics ...
TKC-HVC1206100K-K IRCTT-TKC-HVC1206100K-K Datasheet
295Kb / 2P
   High Voltage Chip Resistors
logo
TT Electronics.
D55342E07B3B74R TTELEC-D55342E07B3B74R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
D55342E07B2B49R TTELEC-D55342E07B2B49R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com