Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S469-0030-01 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S469-0030-01
Description  10 TAP 14 PIN DIP PASSIVE DELAY MODULES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S469-0030-01 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S469-0030-01 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
defining a degree of excellence
Corporate Office
Bel Fuse Inc.
198 Van Vorst Street, Jersey City, NJ 07302-4496
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: Belfuse@compuserve.com
Internet: http://www.belfuse.com
Specifications subject to change without notice.
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K.
Tel: 44-1772-556601
Fax: 44-1772-888366
0.5 + 0.3 ns
1.0 + 0.4 ns
2.0 + 1.0 ns
3.0 + 1.0 ns
4.0 + 1.0 ns
5.0 + 2.0 ns
6.0 + 2.0 ns
7.0 + 2.0 ns
8.0 + 2.0 ns
9.0 + 2.0 ns
10.0 + 3.0 ns
15.0 + 3.0 ns
20.0 + 3.0 ns
25.0 + 3.0 ns
30.0 + 3.0 ns
40.0 + 3.0 ns
50.0 + 3.0 ns
Cat 20-R4
35
Part Numbers
5 + 0.3 ns
10 + 0.5 ns
20 + 1.0 ns
30 + 1.5 ns
40 + 2.0 ns
50 + 2.5 ns
60 + 3.0 ns
70 + 3.5 ns
80 + 4.0 ns
90 + 4.5 ns
100 + 5.0 ns
150 + 7.5 ns
200 + 10.0 ns
250 + 12.5 ns
300 + 15.0 ns
400 + 20.0 ns
500 + 25.0 ns
5%
5%
5%
5%
5%
5%
8%
8%
8%
8%
10%
10%
10%
10%
10%
10%
10%
.012
.008
100o
90o
.23 Max
.285 Max
.20 Max
.60 + .01
(P/N)
.80 Max
.10 Typ
.325
.018
.015 Min
.045
bel (DC)
.030
4o
.015
.004
.012
.008
.285 Max
.80 Max
.10 Typ
.60 + .01
.018
.22 Max
.350
bel (DC)
(P/N)
.375
.12 Min
Coplanarity + .002
In 1
Gnd 14
13 12 11 10
9
23
5
6
7 Out
8 Gnd
A446-0005-XX
A446-0010-XX
A446-0020-XX
A446-0030-XX
A446-0040-XX
A446-0050-XX
A446-0060-XX
A446-0070-XX
A446-0080-XX
A446-0090-XX
A446-0100-XX
A446-0150-XX
A446-0200-XX
A446-0250-XX
A446-0300-XX
A446-0400-XX
A446-0500-XX
S469-0005-XX
S469-0010-XX
S469-0020-XX
S469-0030-XX
S469-0040-XX
S469-0050-XX
S469-0060-XX
S469-0070-XX
S469-0080-XX
S469-0090-XX
S469-0100-XX
S469-0150-XX
S469-0200-XX
S469-0250-XX
S469-0300-XX
S469-0400-XX
S469-0500-XX
Impedance in Ohms + 10%, XX = 50; 50 Ohms, XX = 01; 100 Ohms, XX = 02; 200 Ohms
50% Levels
10%-90% Levels
+ 10%
10K Megohms Min.
50 Vdc
-55oC to +125oC
100 PPM/oC Max.
3 x Trout or 5 ns W.I.G.
60%
Delay Measurement
Rise Time Measurement
Distortion
Insulation Resistance @ 50 Vdc
Dielectric Withstanding Voltage
Operating Temperature Range
Temperature Coefficient of Delay
Minimum Input Pulse Width
Maximum Duty Cycle
Electrical Characteristics
Ein
Trin
PW
PP
Pulse Voltage
Rise Time
Pulse Width
Pulse Period
1 Volt Typical
2.0 ns (10%-90%)
3 x Total Delay
4 x Pulse Width
Test Conditions @ 25oC
300o C
Time in Minutes
for 90 Seconds Max
> 185o C
225o C Max Temp.
Infra Red
0
200o C
100o C
8
6
4
2
Recommended Temperature Profile
10 TAP 14 PIN DIP
PASSIVE DELAY MODULES
3.0 ns
3.8 ns
5.0 ns
7.0 ns
8.5 ns
10.0 ns
12.0 ns
14.0 ns
16.0 ns
18.0 ns
20.0 ns
30.0 ns
40.0 ns
50.0 ns
60.0 ns
80.0 ns
100.0 ns
SMD
Thru-Hole
Rise Time
Attenuation
Maximum
Total Delay
Tap - Tap
Delay
Other Delays and Impedances Available
Consult Sales
Transfer molded for better reliability
Compatible with ECL & TTL circuits
Terminals: Electro-Tin plate phosphor bronze
Performance warranty is limited to specified parameters listed
Tape & Reel available
32mm Wide x 16mm Pitch, 500 pieces per 13" reel
Notes


Similar Part No. - S469-0030-01

ManufacturerPart #DatasheetDescription
logo
Sensitron
S469-01 SENSITRON-S469-01 Datasheet
156Kb / 2P
   SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S469-02 SENSITRON-S469-02 Datasheet
156Kb / 2P
   SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S469-03 SENSITRON-S469-03 Datasheet
156Kb / 2P
   SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S469-04 SENSITRON-S469-04 Datasheet
156Kb / 2P
   SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S469-05 SENSITRON-S469-05 Datasheet
156Kb / 2P
   SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
More results

Similar Description - S469-0030-01

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
AIZ-55 RHOMBUS-IND-AIZ-55 Datasheet
76Kb / 2P
   AIZ Series Passive 10-Tap DIP/SMD Delay Modules
D2TZM1-10 RHOMBUS-IND-D2TZM1-10 Datasheet
39Kb / 1P
   14 Pin 10-Tap TTL Buffered Delay Modules
logo
PCA ELECTRONICS INC.
EP6400-1 PCA-EP6400-1 Datasheet
22Kb / 1P
   14 Pin DIP Passive Delay Lines
EP19830 PCA-EP19830 Datasheet
21Kb / 1P
   14 Pin DIP Passive Delay Lines
EP6400 PCA-EP6400_15 Datasheet
22Kb / 1P
   14 Pin DIP Passive Delay Lines
EP8301 PCA-EP8301 Datasheet
23Kb / 1P
   14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
EPA619-50 PCA-EPA619-50 Datasheet
24Kb / 1P
   14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
logo
Bel Fuse Inc.
0475-0005-50 BEL-0475-0005-50 Datasheet
57Kb / 1P
   5 TAP 7 PIN SIP PASSIVE DELAY MODULES
logo
PCA ELECTRONICS INC.
EPA245-50 PCA-EPA245-50 Datasheet
30Kb / 1P
   SMD 14 Pin 10 Tap TTL Compatible Active Delay Modules
logo
Rhombus Industries Inc.
AMZ-2.55 RHOMBUS-IND-AMZ-2.55 Datasheet
42Kb / 1P
   AMZ & AMY Series Passive 5-Tap DIP/SMD Delay Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com