Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRAH-05C120 Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # SRAH-05C120
Description  NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRAH-05C120 Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button SRAH-05C120 Datasheet HTML 3Page - Bel Fuse Inc. SRAH-05C120 Datasheet HTML 4Page - Bel Fuse Inc. SRAH-05C120 Datasheet HTML 5Page - Bel Fuse Inc. SRAH-05C120 Datasheet HTML 6Page - Bel Fuse Inc. SRAH-05C120 Datasheet HTML 7Page - Bel Fuse Inc. SRAH-05C120 Datasheet HTML 8Page - Bel Fuse Inc. SRAH-05C120 Datasheet HTML 9Page - Bel Fuse Inc. SRAH-05C120 Datasheet HTML 10Page - Bel Fuse Inc. SRAH-05C120 Datasheet HTML 11Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP05xRAH-05C
3.3V Input / 1.2V – 2.5V Output / 5A
page 7
Transient Response
Transient response: di/dt = 0.5A/µS, no external load capacitance
Vout=2.5V
50% to 100% load transients at 3.3V input and Ta=25° C
Vout=2.5V
100% to 50% load transients at 3.3V input and Ta=25° C
Vout=1.8V
50% to 100% load transients at 3.3V input and Ta=25° C
Vout=1.8V
100% to 50% load transients at 3.3V input and Ta=25° C


Similar Part No. - SRAH-05C120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
SRAH-05A090 BEL-SRAH-05A090 Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
SRAH-05A100 BEL-SRAH-05A100 Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
SRAH-05A120 BEL-SRAH-05A120 Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
SRAH-05A150 BEL-SRAH-05A150 Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
More results

Similar Description - SRAH-05C120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-08C BEL-S7DB-08C Datasheet
179Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 8A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
S7AH-05B BEL-S7AH-05B Datasheet
182Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
S7DB-12C BEL-S7DB-12C Datasheet
168Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 12A
V7PD-15C BEL-V7PD-15C Datasheet
347Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
VRPD-15C BEL-VRPD-15C Datasheet
350Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
S7AH-05C BEL-S7AH-05C Datasheet
202Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2- 2.5V Output / 5A
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
S7DB-08B BEL-S7DB-08B Datasheet
289Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com