![]() |
Electronic Components Datasheet Search |
|
MCH1206LCU Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
MCH1206LCU Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 2 page ![]() MCH0211 L = Length W = Width T = Thickness D = Pad dimension How to build a part number…. Type Case size TCR 1 Value 2 Tolerance 3 Termination MCH High Voltage Chip See dimension table above E = + 25ppm/ºC H = + 50ppm/ºC K = + 100ppm/ºC L = + 200ppm/ºC Resistance value expressed as a four digit number where the first three num- bers are the signifi- cant value, and the forth number is the number of zeros. B = + 0.1 % C = + 0.25 % D = + 0.5 % F = + 1.0 % G = + 2.0% J = + 5.0 % K = + 10 % N = + 15 % L = + 20 % M = + 30 % P = + 50 % B = Solderable wrap-around (solder coated with nickel barrier) S = Solderable single surface (flip-chip) G = Wire Bond able (gold) U = Bondable wraparound (gold) Example: For a High Voltage, 125 Meg-ohm resistor with case size of 0805, a TCR of + 50 ppm/C, a +1% tolerance, and wrap-around solderable terminations - the part number would be: MCH0805H1256FB RHOPOINT COMPONENTS Hurst Green, Oxted, Surrey, RH8 9AX Tel: +44 (0) 1883 717988 Fax: +44 (0) 1883 712938 Email: sales@rhopointcomponents.com Web: www.rhopointcomponents.com Dimensions Wrap-around Type B & U terminations Case Size ? Length (L) (mils) Width (W) (mils) Thickness (T) Max. (mils) Pad (D) (mils) 0402 40 + 5 20 + 3 20 10 (+ 5) 0403 40 + 5 30 + 5 20 10 (+ 5) 0502 50 (+10,-5) 25 + 5 20 10 (+ 5) 0503 55 (+10,-5) 30+ 5 20 6 (+ 2) 0504 50 (+10,-5) 40+ 5 20 6 (+ 2) 0603 63 (+10,-5) 31 + 5 20 10 (+10,-5) 0805 79 (+10,-5) 50 + 5 25 10 (+10,-5) 1004 100 (+10,-5) 40 + 5 25 15 (+10,-5) 1005 100 (+10,-5) 50 + 5 25 15 (+10,-5) 1206 126 (+10,-5) 63 + 5 30 15 (+10,-5) 1210 126 (+10,-5) 98 + 5 30 15 (+10,-5) 1505 150 (+10,-5) 50 + 5 30 15 (+10,-5) 2010 200 (+10,-5) 100 + 5 30 20 (+10,-5) 2208 225 (+10,-5) 75 + 5 30 20(+10,-5) 2510 250 (+10,-5) 100 + 5 30 20 (+10,-5) 2512 250 (+10,-5) 125 + 5 30 20 (+10,-5) 3512 350 (+10,-5) 125 + 5 30 20 (+10,-5) Bondable Type G & S terminations Note 1: TCR measured from –55 ºC to +125ºC. Note 2: Value is dependent on case size. Note 3: Tolerance is dependent on case size & value. |
Similar Part No. - MCH1206LCU |
|
Similar Description - MCH1206LCU |