Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRDB-07A150 Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # SRDB-07A150
Description  NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRDB-07A150 Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button SRDB-07A150 Datasheet HTML 6Page - Bel Fuse Inc. SRDB-07A150 Datasheet HTML 7Page - Bel Fuse Inc. SRDB-07A150 Datasheet HTML 8Page - Bel Fuse Inc. SRDB-07A150 Datasheet HTML 9Page - Bel Fuse Inc. SRDB-07A150 Datasheet HTML 10Page - Bel Fuse Inc. SRDB-07A150 Datasheet HTML 11Page - Bel Fuse Inc. SRDB-07A150 Datasheet HTML 12Page - Bel Fuse Inc. SRDB-07A150 Datasheet HTML 13Page - Bel Fuse Inc. SRDB-07A150 Datasheet HTML 14Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc.
Specifications subject to change without notice. 02.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06SRDB-07A
12V Input / 1.2V – 5.0V Output / 7A
page 11
SRDB-07A500 Trim Resistor Calculation
Rtrim down =
10.52
Vo – Vo, adj
– 4.55
) Kohm
(
Rtrim up =
2
Vo, adj – Vo
– 2.05
) Kohm
(
Output Voltage Set-Point Adjustment
SRDB-07A330 Trim Resistor Calculation
Rtrim down =
5.08
Vo – Vo, adj
– 4.55
) Kohm
(
Rtrim up =
3.175
Vo, adj – Vo
– 2.05
) Kohm
(
3.5
3.65
3.8
3.95
4.1
4.25
4.4
4.55
4.7
4.85
5
0.05
5.04
10.04
15.04
20.03
25.03
30.02
35.02
40.01
45
Adjusted outp ut voltage Vo,adj (V)
5
5.05
5.1
5.15
5.2
5.25
5.3
5.35
5.4
5.45
5.5
1
10.9
20.8
30.7
40.6
50.5
60.4
70.3
80.2
90.1
100
Adjusted outp ut voltage Vo,adj(V)
2.31
2.41
2.51
2.61
2.71
2.8
2.9
3
3.1
3.2
3.3
0.05
5.04
10.04
15.04
20.03
25.03
30.02
35.02
40.01
45
Adjusted outp ut voltage Vo,adj (V)
3.3
3.33
3.37
3.4
3.43
3.46
3.5
3.53
3.56
3.6
3.63
1
10.9
20.8
30.7
40.6
50.5
60.4
70.3
80.2
90.1
100
Adjusted outp ut voltage Vo,adj(V)


Similar Part No. - SRDB-07A150

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDB-04C500 BEL-SRDB-04C500 Datasheet
143Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5 V/4 A Output
SRDB-04HX20 BEL-SRDB-04HX20 Datasheet
141Kb / 5P
   NON-ISOLATED DC/DC CONVERTER 9.0 V - 32 V Input 10 V - 12 V/3.5 A Output
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRDB-08B120 BEL-SRDB-08B120 Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRDB-08B150 BEL-SRDB-08B150 Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
More results

Similar Description - SRDB-07A150

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-07A BEL-S7DB-07A Datasheet
249Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
V7PF-15A1AC BEL-V7PF-15A1AC Datasheet
287Kb / 8P
   NON-ISOLATED DC/DC CONVERTER 12V Input 1.2V-5.0V/15A Output
V7PC-07A BEL-V7PC-07A Datasheet
266Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 7A
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
SRAH-03A BEL-SRAH-03A Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
V7PB-10A BEL-V7PB-10A Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com