Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GCA300AA120 Datasheet(PDF) 1 Page - SanRex Corporation

Part # GCA300AA120
Description  IGBT MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

GCA300AA120 Datasheet(HTML) 1 Page - SanRex Corporation

  GCA300AA120 Datasheet HTML 1Page - SanRex Corporation GCA300AA120 Datasheet HTML 2Page - SanRex Corporation GCA300AA120 Datasheet HTML 3Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
28
GCA300AA120
IGBT MODULE
Unit
mm
SanRex IGBT Module GCA300AA120 is designed for high speed, high current
switching applications. This Module is electrically isolated and contains two IGBTs
connected in series with a fast switching, soft recovery diode (trr=0.1
s) reverse
connected across each IGBT.
Ic
300A
VCES
1200V
VCE sat
3.0V Typ
tf
0.10
s Typ
Soft recovery diode
Applications
Inverter for motor control (VVVF)
UPS, AC servo
DC power supply, Welder
Maximum Ratings
Unless otherwise Tj
25
Symbol
Item
VCES
Collector-Emitter Voltage
Conditions
with gate terminal shorted to emitter
Ratings
GCA300AA120
Unit
V
1200
VGES
Gate-Emitter Voltage
with collector shorted to emitter
V
20
Ic
Collector
Current
DC
Pulse
ms
A
300
ICP
600
Ic
Reverse Collector Current
A
300
PT
Total Power Dissipation
Tc
25
W
2100
Tj
Junction Temperature
150
Tstg
Storage Temperature
40
125
VISO
Isolation Voltage
R.M.S.
A.C.
minute
V
2500
Mounting
Torque
Mounting
6
Terminal
5
Recommended Value 2.5
3.9
25
40
N m
kgf cm
4.7
48
Recommended Value 1.5
2.5
15
25
2.7
28
Mass
Typical Value
g
450
Eiectrical Characteristics
Unless otherwise Tj
25
Symbol
Item
IGES
Gate Leakage Current
Conditions
VGE
20V
VCE
0V
Ratings
Min.
Typ.
Max.
Unit
nA
500
ICES
Collector Cut-Off Current
VCE
1200V
VGE
0V
mA
1.00
V BR CES
Collector-Emitter Breakdown Voltage
VGE
0V
Ic
mA
V
1200
VGE th
Gate Threshold Voltage
VCE
10V
Ic
30mA
V
4.5
3.00
7.50
VCE sat
Collector-Emitter Saturation Voltage
Ic
300A
VGE
15V
V
30.00
3.40
Cies
Input Capacitance
VCE
10V
VGE
0V
f
1MHz
nF
0.10
60.00
tr
Switching
Time
Rise Time
Turn-on Delay Time
Fall Time
Turn-off Delay Time
Ic
300A
VGE
15V/
5V
Vcc
600V
RG
1.0
s
0.15
0.25
td on
0.10
0.35
tf
Emitter-Collector Voltage
0.30
0.35
td off
2.50
0.60
VECS
Ic
300A
VGE
0V
V
0.15
3.50
trr
Reverse Recovery Time
Ic
300A
VGE
10V
di / dt
600A/ s
s
0.25
Rth j-c
Thermal Resistance
IGBT-Case
/W
0.06
Diode-Case
0.15
UL;E76102 M


Similar Part No. - GCA300AA120

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GCA3100E-18-1SNB AMPHENOL-GCA3100E-18-1SNB Datasheet
2Mb / 54P
   Inhaltsverzeichnis
GCA3100E-18-1SNB-T2 AMPHENOL-GCA3100E-18-1SNB-T2 Datasheet
2Mb / 54P
   Inhaltsverzeichnis
GCA3100M-18-1SNB AMPHENOL-GCA3100M-18-1SNB Datasheet
2Mb / 54P
   Inhaltsverzeichnis
GCA3100M-18-1SNB-T2 AMPHENOL-GCA3100M-18-1SNB-T2 Datasheet
2Mb / 54P
   Inhaltsverzeichnis
GCA3100N-18-1SNB AMPHENOL-GCA3100N-18-1SNB Datasheet
2Mb / 54P
   Inhaltsverzeichnis
More results

Similar Description - GCA300AA120

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com