Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY5DU28422DLT Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY5DU28422DLT
Description  128Mb-S DDR SDRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU28422DLT Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY5DU28422DLT Datasheet HTML 1Page - Hynix Semiconductor HY5DU28422DLT Datasheet HTML 2Page - Hynix Semiconductor HY5DU28422DLT Datasheet HTML 3Page - Hynix Semiconductor HY5DU28422DLT Datasheet HTML 4Page - Hynix Semiconductor HY5DU28422DLT Datasheet HTML 5Page - Hynix Semiconductor HY5DU28422DLT Datasheet HTML 6Page - Hynix Semiconductor HY5DU28422DLT Datasheet HTML 7Page - Hynix Semiconductor HY5DU28422DLT Datasheet HTML 8Page - Hynix Semiconductor HY5DU28422DLT Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Rev. 0.0 / Apr. 2003
4
HY5DU28422D(L)T
HY5DU28822D(L)T
HY5DU281622D(L)T
PIN CONFIGURATION
ROW AND COLUMN ADDRESS TABLE
ITEMS
32Mx4
16Mx8
8Mx16
Organization
8M x 4 x 4banks
4M x 8 x 4banks
2M x 16 x 4banks
Row Address
A0 - A11
A0 - A11
A0 - A11
Column Address
A0-A9, A11
A0-A9
A0-A8
Bank Address
BA0, BA1
BA0, BA1
BA0, BA1
Auto Precharge Flag
A10
A10
A10
Refresh
4K
4K
4K
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
NC
VDDQ
LDQS
NC
VDD
NC
LDM
/WE
/CAS
/RAS
/CS
NC
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
VSSQ
UDQS
NC
VREF
VSS
UDM
/CK
CK
CKE
NC
NC
A11
A9
A8
A7
A6
A5
A4
VSS
VDD
DQ0
VDDQ
NC
DQ1
VSSQ
NC
DQ2
VDDQ
NC
DQ3
VSSQ
NC
NC
VDDQ
NC
NC
VDD
NC
NC
/WE
/CAS
/RAS
/CS
NC
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
VSS
DQ7
VSSQ
NC
DQ6
VDDQ
NC
DQ5
VSSQ
NC
DQ4
VDDQ
NC
NC
VSSQ
DQS
NC
VREF
VSS
DM
/CK
CK
CKE
NC
NC
A11
A9
A8
A7
A6
A5
A4
VSS
VDD
NC
VDDQ
NC
DQ0
VSSQ
NC
NC
VDDQ
NC
DQ1
VSSQ
NC
NC
VDDQ
NC
NC
VDD
NC
NC
/WE
/CAS
/RAS
/CS
NC
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
VSS
NC
VSSQ
NC
DQ3
VDDQ
NC
NC
VSSQ
NC
DQ2
VDDQ
NC
NC
VSSQ
DQS
NC
VREF
VSS
DM
/CK
CK
CKE
NC
NC
A11
A9
A8
A7
A6
A5
A4
VSS
x16
x8
x4
x4
x8
x16
400mil X 875mil
66pin TSOP -II
0.65mm pin pitch


Similar Part No. - HY5DU28422DLT

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU28422BLT HYNIX-HY5DU28422BLT Datasheet
344Kb / 33P
   128M-S DDR SDRAM
HY5DU28422BLT-X HYNIX-HY5DU28422BLT-X Datasheet
344Kb / 33P
   128M-S DDR SDRAM
HY5DU28422BT HYNIX-HY5DU28422BT Datasheet
344Kb / 33P
   128M-S DDR SDRAM
HY5DU28422BT-X HYNIX-HY5DU28422BT-X Datasheet
344Kb / 33P
   128M-S DDR SDRAM
HY5DU28422ET HYNIX-HY5DU28422ET Datasheet
829Kb / 35P
   128Mb DDR SDRAM
More results

Similar Description - HY5DU28422DLT

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU28422ET HYNIX-HY5DU28422ET Datasheet
829Kb / 35P
   128Mb DDR SDRAM
HY5DU28422ETP HYNIX-HY5DU28422ETP Datasheet
831Kb / 35P
   128Mb DDR SDRAM
logo
Samsung semiconductor
K4H280438B-TCA0 SAMSUNG-K4H280438B-TCA0 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
logo
Hynix Semiconductor
H5DU1262GTR-FA HYNIX-H5DU1262GTR-FA Datasheet
356Kb / 37P
   128Mb DDR SDRAM
logo
White Electronic Design...
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD12RB8ALFA ELPIDA-EBD12RB8ALFA Datasheet
155Kb / 16P
   128MB Registered DDR SDRAM DIMM
EBD12RB8ALFB ELPIDA-EBD12RB8ALFB Datasheet
207Kb / 17P
   128MB Registered DDR SDRAM DIMM
EBD13UB6ALS ELPIDA-EBD13UB6ALS Datasheet
174Kb / 16P
   128MB DDR SDRAM S.O. DIMM
logo
White Electronic Design...
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG7218S-JD3 WEDC-WED3EG7218S-JD3 Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com