Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L1085S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L1085S
Description  3A Adjustable Low Dropout Linear Regulator (LDO)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L1085S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L1085S Datasheet HTML 1Page - List of Unclassifed Manufacturers L1085S Datasheet HTML 2Page - List of Unclassifed Manufacturers L1085S Datasheet HTML 3Page - List of Unclassifed Manufacturers L1085S Datasheet HTML 4Page - List of Unclassifed Manufacturers L1085S Datasheet HTML 5Page - List of Unclassifed Manufacturers L1085S Datasheet HTML 6Page - List of Unclassifed Manufacturers L1085S Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
3A Adjustable Low Dropout
Linear Regulator (LDO)
NIKO-SEM
L1085
TO-252,263,220
MAY-31-2001
GENERAL DESCRIPTION
The L1085 is a positive and low dropout
three-terminal voltage regulator with 3A out-
put current capability. This device is design-
ed for use in low voltage applications that
offers lower dropout voltage and faster tran-
sient response.
This device is fully protected against over
current faults, over temperature operation,
reversed input polarity, reversed lead insert-
ion, transient voltage spike …etc.
On-Chips trimming the reference voltage to
1% and features the low dropout of maxi-
mum 1.45 volts.
The L1085 Series regulators are available
in the popular industry standard TO-220
TO-263 and TO-252 packages.
FEATURES
Very easy to use, it requires only two
external resistors to set the output voltage
Low dropout voltage:
1.3V typical at up to 3A
Low ground current
Fast transient response
Current & thermal limiting
Line regulation: 0.5% typical
Load regulation: 0.5% typical
TO-220, TO-263 and TO-252 packages
APPLICATIONS
High current microprocessor supplies
Low voltage logic supply
Powering VGA & sound card
Portable instrumentation
Constant current regulator
Post regulator for switching power supply
TYPICAL APPLICATION
- Basic Adjustable Regulator Circuit -
+
Cin
10uF
R2
+
Cout
10uF
R1
IN
ADJ
OUT
L1085
Vin
1. Cin needed if device is far from from filter capacitors.
Iadj
Vo = Vref (1+R2/R1) + Iadj x R2
Vout
Vref
2. Cout required for stability.


Similar Part No. - L1085S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1085S-3.3 ETC1-L1085S-3.3 Datasheet
85Kb / 8P
   3A Fixed Low Dropout Linear Regulator (LDO)
L1085S3-3.3 ETC1-L1085S3-3.3 Datasheet
85Kb / 8P
   3A Fixed Low Dropout Linear Regulator (LDO)
logo
NIKO SEMICONDUCTOR CO.,...
L1085S3G-3.3 NIKOSEM-L1085S3G-3.3 Datasheet
137Kb / 8P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
L1085S5-3.3 ETC1-L1085S5-3.3 Datasheet
85Kb / 8P
   3A Fixed Low Dropout Linear Regulator (LDO)
logo
NIKO SEMICONDUCTOR CO.,...
L1085S5G-3.3 NIKOSEM-L1085S5G-3.3 Datasheet
137Kb / 8P
   3A Adjustable Low Dropout Linear Regulator (LDO)
More results

Similar Description - L1085S

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV1085 AVICTEK-AV1085 Datasheet
108Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
NIKO SEMICONDUCTOR CO.,...
L1085XG NIKOSEM-L1085XG Datasheet
137Kb / 8P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G1085 GMT-G1085 Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
L1085-3.3 ETC1-L1085-3.3 Datasheet
85Kb / 8P
   3A Fixed Low Dropout Linear Regulator (LDO)
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084XG ETC2-L1084XG Datasheet
145Kb / 7P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com