Electronic Components Datasheet Search |
|
IDT707288S20PFI Datasheet(PDF) 6 Page - Integrated Device Technology |
|
IDT707288S20PFI Datasheet(HTML) 6 Page - Integrated Device Technology |
6 / 16 page 6.42 IDT707288S/L High-Speed 64K x 16 Dual-Port Static RAM Industrial and Commercial Temperature Ranges 6 DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(1,6) (VCC = 5.0V ± 10%) NOTES: 1. 'X' in part numbers indicates power rating (S or L). 2. VCC = 5V, TA = +25 °C, and are not production tested. ICCDC = 120mA (Typ.) 3. At f = fMAX , address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/ tRC, and using “AC Test Conditions” of input levels of GND to 3V. 4. f = 0 means no address or control lines change. 5. Port "A" may be either left or right port. Port "B" is the opposite from port "A". 6. Refer to Truth Table I. 707288X15 Com'l Only 707288X20 Com'l & Ind 707288X25 Com'l & Ind Symbol Parameter Test Condition Version Typ. (2) Max. Typ. (2) Max. Typ. (2) Max. Unit ICC Dynamic Operating Current (Both Ports Active) CE = VIL, Outputs Disabled MBSEL = VIH f = fMAX (3) COM'L S L 220 220 350 300 200 200 340 290 190 190 330 280 mA IND S L ____ ____ ____ ____ 250 250 370 320 240 240 360 310 ISB1 Standby Current (Both Ports - TTL Level Inputs) CEL = CER = VIH MBSELR = MBSELL = VIH f = fMAX (3) COM'L S L 50 50 90 65 45 45 90 65 40 40 90 65 mA IND S L ____ ____ ____ ____ 45 45 100 75 40 40 100 75 ISB2 Standby Current (One Port - TTL Level Inputs) CE"A" = VIL and CE"B" = VIH(5) Active Port Outputs Disabled, f=fMAX (3) MBSELR = MBSELL = VIH COM'L S L 130 130 230 200 120 120 215 185 110 110 200 170 mA IND S L ____ ____ ____ ____ 140 140 235 205 130 130 220 190 ISB3 Full Standby Current (Both Ports - All CMOS Level Inputs) Both Ports CEL and CER > VCC - 0.2V VIN > VCC - 0.2V or VIN < 0.2V, f = 0 (4) MBSELR = MBSELL > VCC - 0.2V COM'L S L 1.5 1.5 15 5 1.5 1.5 15 5 1.5 1.5 15 5 mA IND S L ____ ____ ____ ____ 1.5 1.5 30 10 1.5 1.5 30 10 ISB4 Full Standby Current (One Port - All CMOS Level Inputs) CE"A" < 0.2V and CE"B" > VCC - 0.2V(5) MBSELR = MBSELL > VCC - 0.2V VIN > VCC - 0.2V or VIN < 0.2V Active Port Outputs Disabled f = fMAX (3) COM'L S L 145 145 230 195 135 135 210 180 130 130 200 170 mA IND S L ____ ____ ____ ____ 135 135 230 200 130 130 220 190 3592 tbl 10 |
Similar Part No. - IDT707288S20PFI |
|
Similar Description - IDT707288S20PFI |