Electronic Components Datasheet Search |
|
IDT707288S25PF Datasheet(PDF) 5 Page - Integrated Device Technology |
|
IDT707288S25PF Datasheet(HTML) 5 Page - Integrated Device Technology |
5 / 16 page 6.42 IDT707288S/L High-Speed 64K x 16 Dual-Port Static RAM Industrial and Commercial Temperature Ranges 5 Absolute Maximum Ratings(1) DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range (VCC = 5.0V ± 10%) Capacitance(1) (TA = +25°C, f = 1.0mhz) TQFP Package Recommended DC Operating Conditions Maximum Operating Temperature and Supply Voltage(1) NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VTERM must not exceed Vcc + 10% for more than 25% of the cycle time or 10ns maximum, and is limited to < 20mA for the period of VTERM > Vcc + 10%. NOTES: 1. VIL > -1.5V for pulse width less than 10ns. 2. VTERM must not exceed Vcc + 10%. NOTES: 1. This parameter is determined by device characterization but is not production tested. 2. 3dV represents the interpolated capacitance when the input and output signals switch from 0V to 3V or from 3V to 0V. 3. COUT represents CI/O as well. NOTE: 1. At Vcc < 2.0V, input leakages are undefined. NOTES: 1. This is the parameter TA. This is the "instant on" case temperature. Symbol Rating Commercial & Industrial Unit VTERM(2) Terminal Voltage with Respect to GND -0.5 to +7.0 V TBIAS Temperature Under Bias -55 to +125 oC TSTG Storage Temperature -65 to +150 oC IOUT DC Output Current 50 mA 3592 tbl 05 Grade Ambient Temperature GND Vcc Commercial 0OC to +70OC0V 5.0V + 10% Industrial -40OC to +85OC0V 5.0V + 10% 3592 tbl 06 Symbol Parameter Min. Typ. Max. Unit VCC Supply Voltage 4.5 5.0 5.5 V GND Ground 0 0 0 V VIH Input High Voltage 2.2 ____ 6.0(2) V VIL Input Low Voltage -0.5(1) ____ 0.8 V 3592 tbl 07 Symbol Parameter Conditions(2) Max. Unit CIN Input Capacitance VIN = 3dV 9 pF COUT(3) Output Capacitance VOUT = 3dV 10 pF 3592 tbl 08 Symbol Parameter Test Conditions 707288S 707288L Unit Min. Max. Min. Max. |ILI| Input Leakage Current(1) VCC = 5.5V, VIN = 0V to VCC ___ 10 ___ 5µ A |ILO| Output Leakage Current CE = VIH, MBSEL = VIH, VOUT = 0V to VCC ___ 10 ___ 5µ A VOL Output Low Voltage IOL = +4mA ___ 0.4 ___ 0.4 V VOH Output High Voltage IOH = -4mA 2.4 ___ 2.4 ___ V 3592 tbl 09 |
Similar Part No. - IDT707288S25PF |
|
Similar Description - IDT707288S25PF |