Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6084AIMX Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6084AIMX
Description  Precision CMOS Quad Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6084AIMX Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMC6084AIMX Datasheet HTML 4Page - National Semiconductor (TI) LMC6084AIMX Datasheet HTML 5Page - National Semiconductor (TI) LMC6084AIMX Datasheet HTML 6Page - National Semiconductor (TI) LMC6084AIMX Datasheet HTML 7Page - National Semiconductor (TI) LMC6084AIMX Datasheet HTML 8Page - National Semiconductor (TI) LMC6084AIMX Datasheet HTML 9Page - National Semiconductor (TI) LMC6084AIMX Datasheet HTML 10Page - National Semiconductor (TI) LMC6084AIMX Datasheet HTML 11Page - National Semiconductor (TI) LMC6084AIMX Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Typical Performance Characteristics (Continued)
Non-Inverting Large
Signal Pulse Response
Crosstalk Rejection
vs Frequency
01146735
01146736
Stability vs Capacitive
Load, R
L = 600
Stability vs Capacitive
Load R
L =1M
01146737
01146738
Applications Hints
AMPLIFIER TOPOLOGY
The LMC6084 incorporates a novel op-amp design topology
that enables it to maintain rail-to-rail output swing even when
driving a large load. Instead of relying on a push-pull unity
gain output buffer stage, the output stage is taken directly
from the internal integrator, which provides both low output
impedance and large gain. Special feed-forward compensa-
tion design techniques are incorporated to maintain stability
over a wider range of operating conditions than traditional
micropower op-amps. These features make the LMC6084
both easier to design with, and provide higher speed than
products typically found in this ultra-low power class.
COMPENSATING FOR INPUT CAPACITANCE
It is quite common to use large values of feedback resis-
tance for amplifiers with ultra-low input current, like the
LMC6084.
Although the LMC6084 is highly stable over a wide range of
operating conditions, certain precautions must be met to
achieve the desired pulse response when a large feedback
resistor is used. Large feedback resistors and even small
values of input capacitance, due to transducers, photo-
diodes, and circuit board parasitics, reduce phase margins.
When high input impedances are demanded, guarding of the
LMC6084 is suggested. Guarding input lines will not only
reduce leakage, but lowers stray input capacitance as well.
(See Printed-Circuit-Board Layout for High Impedance
Work).
The effect of input capacitance can be compensated for by
adding a capacitor, C
f, around the feedback resistors (as in
Figure 1 ) such that:
or
R
1 CIN
≤ R
2 Cf
Since it is often difficult to know the exact value of C
IN,Cf can
be experimentally adjusted so that the desired pulse re-
sponse is achieved. Refer to the LMC660 and LMC662 for a
more detailed discussion on compensating for input capaci-
tance.
www.national.com
8


Similar Part No. - LMC6084AIMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6084AIMX/NOPB TI1-LMC6084AIMX/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   LMC6084 Precision CMOS Quad Operational Amplifier
More results

Similar Description - LMC6084AIMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
   Precision CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6084 TI1-LMC6084 Datasheet
1Mb / 20P
[Old version datasheet]   LMC6084 Precision CMOS Quad Operational Amplifier
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
[Old version datasheet]   Precision CMOS Quad Micropower Operational Amplifier
LMC6064IM TI1-LMC6064IM Datasheet
1Mb / 22P
[Old version datasheet]   LMC6064 Precision CMOS Quad Micropower Operational Amplifier
LMC6064 TI1-LMC6064 Datasheet
1Mb / 22P
[Old version datasheet]   LMC6064 Precision CMOS Quad Micropower Operational Amplifier
logo
Intersil Corporation
HA-5134883 INTERSIL-HA-5134883 Datasheet
123Kb / 5P
   Precision Quad Operational Amplifier
logo
Linear Technology
RH1014M LINER-RH1014M_15 Datasheet
115Kb / 6P
   Quad Precision Operational Amplifier
logo
STMicroelectronics
TS514 STMICROELECTRONICS-TS514_05 Datasheet
248Kb / 10P
   Precision Quad Operational Amplifier
logo
Texas Instruments
LT1014D-EP TI-LT1014D-EP_15 Datasheet
684Kb / 22P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIER
logo
Linear Technology
RH1014M LINER-RH1014M Datasheet
196Kb / 8P
   Quad Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com