Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256-BWMN6T Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24256-BWMN6T
Description  256/128 Kbit Serial IC Bus EEPROM With Three Chip Enable Lines
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-BWMN6T Datasheet(HTML) 1 Page - STMicroelectronics

  M24256-BWMN6T Datasheet HTML 1Page - STMicroelectronics M24256-BWMN6T Datasheet HTML 2Page - STMicroelectronics M24256-BWMN6T Datasheet HTML 3Page - STMicroelectronics M24256-BWMN6T Datasheet HTML 4Page - STMicroelectronics M24256-BWMN6T Datasheet HTML 5Page - STMicroelectronics M24256-BWMN6T Datasheet HTML 6Page - STMicroelectronics M24256-BWMN6T Datasheet HTML 7Page - STMicroelectronics M24256-BWMN6T Datasheet HTML 8Page - STMicroelectronics M24256-BWMN6T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
PRELIMINARY DATA
February 2000
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M24256-B
M24128-B
256/128 Kbit Serial I C Bus EEPROM
With Three Chip Enable Lines
s
Compatible with I2C Extended Addressing
s
Two Wire I2C Serial Interface
Supports 400 kHz Protocol
s
Single Supply Voltage:
– 4.5V to 5.5V for M24xxx-B
– 2.5V to 5.5V for M24xxx-BW
– 1.8V to 3.6V for M24xxx-BR
s
Hardware Write Control
s
BYTE and PAGE WRITE (up to 64 Bytes)
s
RANDOM and SEQUENTIAL READ Modes
s
Self-Timed Programming Cycle
s
Automatic Address Incrementing
s
Enhanced ESD/Latch-Up Behavior
s
100000 Erase/Write Cycles (minimum)
s
40 Year Data Retention (minimum)
DESCRIPTION
These I2C-compatible electrically erasable pro-
grammable memory (EEPROM) devices are orga-
nized as 32Kx8 bits (M24256-B) and 16Kx8 bits
(M24128-B).
These memory devices are compatible with the
I2C extended memory standard. This is a two wire
serial interface that uses a bi-directional data bus
and serial clock. The memory carries a built-in 4-
bit unique Device Type Identifier code (1010) in
accordance with the I2C bus definition.
Figure 1. Logic Diagram
AI02809
SDA
VCC
M24256-B
M24128-B
WC
SCL
VSS
3
E0-E2
Table 1. Signal Names
E0, E1, E2
Chip Enable Inputs
SDA
Serial Data/Address Input/
Output
SCL
Serial Clock
WC
Write Control
VCC
Supply Voltage
VSS
Ground
PSDIP8 (BN)
0.25 mm frame
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
8
1
8
1
8
1
TSSOP14 (DL)
169 mil width
14
1


Similar Part No. - M24256-BWMN6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256-BWMN6T STMICROELECTRONICS-M24256-BWMN6T Datasheet
454Kb / 25P
   256Kbit and 128Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines
M24256-BWMN6TG STMICROELECTRONICS-M24256-BWMN6TG Datasheet
454Kb / 25P
   256Kbit and 128Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines
M24256-BWMN6TG STMICROELECTRONICS-M24256-BWMN6TG Datasheet
265Kb / 31P
   512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
M24256-BWMN6TP STMICROELECTRONICS-M24256-BWMN6TP Datasheet
454Kb / 25P
   256Kbit and 128Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines
M24256-BWMN6TP STMICROELECTRONICS-M24256-BWMN6TP Datasheet
265Kb / 31P
   512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
More results

Similar Description - M24256-BWMN6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256-BF STMICROELECTRONICS-M24256-BF Datasheet
507Kb / 42P
   256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
M24256 STMICROELECTRONICS-M24256 Datasheet
135Kb / 17P
   256/128 Kbit Serial I짼C Bus EEPROM Without Chip Enable Lines
M24512-W STMICROELECTRONICS-M24512-W_08 Datasheet
321Kb / 35P
   512 Kbit and 256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
M24512-W STMICROELECTRONICS-M24512-W Datasheet
265Kb / 31P
   512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
M24256-A STMICROELECTRONICS-M24256-A Datasheet
176Kb / 20P
   256 Kbit Serial I C Bus EEPROM With Two Chip Enable Lines
M14256 STMICROELECTRONICS-M14256 Datasheet
111Kb / 12P
   Memory Card IC 256/128 Kbit Serial I짼C Bus EEPROM
M24128-125 STMICROELECTRONICS-M24128-125 Datasheet
290Kb / 29P
   Automotive 128-Kbit serial IC bus EEPROM
March 2012 Rev 1
M24256-BW STMICROELECTRONICS-M24256-BW Datasheet
454Kb / 25P
   256Kbit and 128Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
   128-Kbit serial I2C bus EEPROM
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com