Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256-BW4MN6T Datasheet(PDF) 11 Page - STMicroelectronics

Part # M24256-BW4MN6T
Description  256/128 Kbit Serial IC Bus EEPROM With Three Chip Enable Lines
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-BW4MN6T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M24256-BW4MN6T Datasheet HTML 7Page - STMicroelectronics M24256-BW4MN6T Datasheet HTML 8Page - STMicroelectronics M24256-BW4MN6T Datasheet HTML 9Page - STMicroelectronics M24256-BW4MN6T Datasheet HTML 10Page - STMicroelectronics M24256-BW4MN6T Datasheet HTML 11Page - STMicroelectronics M24256-BW4MN6T Datasheet HTML 12Page - STMicroelectronics M24256-BW4MN6T Datasheet HTML 13Page - STMicroelectronics M24256-BW4MN6T Datasheet HTML 14Page - STMicroelectronics M24256-BW4MN6T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/19
M24256-B, M24128-B
Table 9. AC Characteristics
Note: 1. For a reSTART condition, or following a write cycle.
2. Sampled only, not 100% tested.
3. To avoid spurious STAR T and STOP conditions, a minimum delay is placed between SCL=1 and the falling or rising edge of SDA.
4. This is preliminary data.
Symbol
Alt.
Parameter
M24256-B / M24128-B
Unit
VCC=4.5 to 5.5 V
TA=–40 to 85°C
VCC=2.5 to 5.5 V
TA=–40 to 85°C
VCC=1.8 to 3.6 V
TA=–20 to 85°C
4
Min
Max
Min
Max
Min
Max
tCH1CH2
tR
Clock Rise Time
300
300
300
ns
tCL1CL2
tF
Clock Fall Time
300
300
300
ns
tDH1DH2 2
tR
SDA Rise Time
20
300
20
300
20
300
ns
tDL1DL2 2
tF
SDA Fall Time
20
300
20
300
20
300
ns
tCHDX 1
tSU:STA
Clock High to Input Transition
600
600
600
ns
tCHCL
tHIGH
Clock Pulse Width High
600
600
600
ns
tDLCL
tHD:STA
Input Low to Clock Low (START)
600
600
600
ns
tCLDX
tHD:DAT
Clock Low to Input Transition
0
0
0
µs
tCLCH
tLOW
Clock Pulse Width Low
1.3
1.3
1.3
µs
tDXCX
tSU:DAT
Input Transition to Clock
Transition
100
100
100
ns
tCHDH
tSU:STO Clock High to Input High (STOP)
600
600
600
ns
tDHDL
tBUF
Input High to Input Low (Bus
Free)
1.3
1.3
1.3
µs
tCLQV 3
tAA
Clock Low to Data Out Valid
200
900
200
900
200
900
ns
tCLQX
tDH
Data Out Hold Time After Clock
Low
200
200
200
ns
fC
fSCL
Clock Frequency
400
400
400
kHz
tW
tWR
Write Time
10
10
10
ms
Table 10. AC Measurement Conditions
Input Rise and Fall Times
≤ 50 ns
Input Pulse Voltages
0.2VCC to 0.8VCC
Input and Output Timing
Reference Voltages
0.3VCC to 0.7VCC
Figure 9. AC Testing Input Output Waveforms
AI00825
0.8VCC
0.2VCC
0.7VCC
0.3VCC


Similar Part No. - M24256-BW4MN6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256-BW STMICROELECTRONICS-M24256-BW Datasheet
454Kb / 25P
   256Kbit and 128Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines
M24256-BW STMICROELECTRONICS-M24256-BW Datasheet
265Kb / 31P
   512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
M24256-BW STMICROELECTRONICS-M24256-BW Datasheet
321Kb / 35P
   512 Kbit and 256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
M24256-BW STMICROELECTRONICS-M24256-BW Datasheet
507Kb / 42P
   256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
M24256-BW STMICROELECTRONICS-M24256-BW Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
More results

Similar Description - M24256-BW4MN6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256-BF STMICROELECTRONICS-M24256-BF Datasheet
507Kb / 42P
   256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
M24256 STMICROELECTRONICS-M24256 Datasheet
135Kb / 17P
   256/128 Kbit Serial I짼C Bus EEPROM Without Chip Enable Lines
M24512-W STMICROELECTRONICS-M24512-W_08 Datasheet
321Kb / 35P
   512 Kbit and 256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
M24512-W STMICROELECTRONICS-M24512-W Datasheet
265Kb / 31P
   512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
M24256-A STMICROELECTRONICS-M24256-A Datasheet
176Kb / 20P
   256 Kbit Serial I C Bus EEPROM With Two Chip Enable Lines
M14256 STMICROELECTRONICS-M14256 Datasheet
111Kb / 12P
   Memory Card IC 256/128 Kbit Serial I짼C Bus EEPROM
M24128-125 STMICROELECTRONICS-M24128-125 Datasheet
290Kb / 29P
   Automotive 128-Kbit serial IC bus EEPROM
March 2012 Rev 1
M24256-BW STMICROELECTRONICS-M24256-BW Datasheet
454Kb / 25P
   256Kbit and 128Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
   128-Kbit serial I2C bus EEPROM
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com