Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256-BSMN6T Datasheet(PDF) 10 Page - STMicroelectronics

Part # M24256-BSMN6T
Description  256/128 Kbit Serial IC Bus EEPROM With Three Chip Enable Lines
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-BSMN6T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M24256-BSMN6T Datasheet HTML 6Page - STMicroelectronics M24256-BSMN6T Datasheet HTML 7Page - STMicroelectronics M24256-BSMN6T Datasheet HTML 8Page - STMicroelectronics M24256-BSMN6T Datasheet HTML 9Page - STMicroelectronics M24256-BSMN6T Datasheet HTML 10Page - STMicroelectronics M24256-BSMN6T Datasheet HTML 11Page - STMicroelectronics M24256-BSMN6T Datasheet HTML 12Page - STMicroelectronics M24256-BSMN6T Datasheet HTML 13Page - STMicroelectronics M24256-BSMN6T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
M24256-B, M24128-B
10/19
Table 7. DC Characteristics
(TA = –40 to 85 °C; VCC = 4.5 to 5.5 V or 2.5 to 5.5 V)
(TA = –20 to 85 °C; VCC = 1.8 to 3.6 V)
Note: 1. This is preliminary data.
Table 8. Input Parameters1 (TA =25 °C, f = 400 kHz)
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
(SCL, SDA)
0V
≤ VIN ≤ VCC
± 2
µA
ILO
Output Leakage Current
0 V
≤ VOUT ≤ VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC=5V, fc=400kHz (rise/fall time < 30ns)
2mA
-W series:
VCC =2.5V, fc=400kHz (rise/fall time < 30ns)
1mA
-R series:
VCC =1.8V, fc=100kHz (rise/fall time < 30ns)
0.51
mA
ICC1
Supply Current
(Stand-by)
VIN =VSS or VCC ,VCC =5 V
10
µA
-W series:
VIN =VSS or VCC ,VCC = 2.5 V
2
µA
-R series:
VIN =VSS or VCC ,VCC = 1.8 V
11
µA
VIL
Input Low Voltage (SCL, SDA)
–0.3
0.3VCC
V
VIH
Input High Voltage (SCL, SDA)
0.7VCC
VCC+1
V
VIL
Input Low Voltage
(E0-E2, WC)
–0.3
0.5
V
VIH
Input High Voltage
(E0-E2, WC)
0.7VCC
VCC+1
V
VOL
Output Low
Voltage
IOL = 3 mA, VCC =5 V
0.4
V
-W series:
IOL = 2.1 mA, VCC = 2.5 V
0.4
V
-R series:
IOL = 0.7 mA, VCC = 1.8 V
0.21
V
Symbol
Parameter
Test Condition
Min.
Max.
Unit
CIN
Input Capacitance (SDA)
8
pF
CIN
Input Capacitance (other pins)
6
pF
ZL
Input Impedance (E0-E2, WC)
VIN
≤ 0.5 V
50
k
ZH
Input Impedance (E0-E2, WC)
VIN
≥ 0.7VCC
500
k
tNS
Pulse width ignored
(Input Filter on SCL and SDA)
Single glitch
100
ns


Similar Part No. - M24256-BSMN6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256-BF STMICROELECTRONICS-M24256-BF Datasheet
507Kb / 42P
   256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
M24256-BF STMICROELECTRONICS-M24256-BF Datasheet
716Kb / 39P
   256-Kbit serial I짼C bus EEPROM
M24256-BF STMICROELECTRONICS-M24256-BF Datasheet
345Kb / 37P
   Random and sequential read modes
January 2009 Rev 13
M24256-BF STMICROELECTRONICS-M24256-BF Datasheet
410Kb / 41P
   256-Kbit serial I짼C bus EEPROM
M24256-BFDW6TP STMICROELECTRONICS-M24256-BFDW6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
More results

Similar Description - M24256-BSMN6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256-BF STMICROELECTRONICS-M24256-BF Datasheet
507Kb / 42P
   256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
M24256 STMICROELECTRONICS-M24256 Datasheet
135Kb / 17P
   256/128 Kbit Serial I짼C Bus EEPROM Without Chip Enable Lines
M24512-W STMICROELECTRONICS-M24512-W_08 Datasheet
321Kb / 35P
   512 Kbit and 256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
M24512-W STMICROELECTRONICS-M24512-W Datasheet
265Kb / 31P
   512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
M24256-A STMICROELECTRONICS-M24256-A Datasheet
176Kb / 20P
   256 Kbit Serial I C Bus EEPROM With Two Chip Enable Lines
M14256 STMICROELECTRONICS-M14256 Datasheet
111Kb / 12P
   Memory Card IC 256/128 Kbit Serial I짼C Bus EEPROM
M24128-125 STMICROELECTRONICS-M24128-125 Datasheet
290Kb / 29P
   Automotive 128-Kbit serial IC bus EEPROM
March 2012 Rev 1
M24256-BW STMICROELECTRONICS-M24256-BW Datasheet
454Kb / 25P
   256Kbit and 128Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
   128-Kbit serial I2C bus EEPROM
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com