Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34074 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC34074
Description  Single Supply 3.0 V to 44 V Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34074 Datasheet(HTML) 3 Page - ON Semiconductor

  MC34074 Datasheet HTML 1Page - ON Semiconductor MC34074 Datasheet HTML 2Page - ON Semiconductor MC34074 Datasheet HTML 3Page - ON Semiconductor MC34074 Datasheet HTML 4Page - ON Semiconductor MC34074 Datasheet HTML 5Page - ON Semiconductor MC34074 Datasheet HTML 6Page - ON Semiconductor MC34074 Datasheet HTML 7Page - ON Semiconductor MC34074 Datasheet HTML 8Page - ON Semiconductor MC34074 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MC34071,2,4,A MC33071,2,4,A
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = −15 V, RL = connected to ground, unless otherwise noted. See Note 3 for
TA = Tlow to Thigh)
A Suffix
Non−Suffix
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (RS = 100 W, VCM = 0 V, VO = 0 V)
VCC = +15 V, VEE = −15 V, TA = +25°C
VCC = +5.0 V, VEE = 0 V, TA = +25°C
VCC = +15 V, VEE = −15 V, TA = Tlow to Thigh
VIO
0.5
0.5
3.0
3.0
5.0
1.0
1.5
5.0
5.0
7.0
mV
Average Temperature Coefficient of Input Offset
Voltage
RS = 10 W, VCM = 0 V, VO = 0 V,
TA = Tlow to Thigh
DVIO/DT
10
10
mV/°C
Input Bias Current (VCM = 0 V, VO = 0 V)
TA = +25°C
TA = Tlow to Thigh
IIB
100
500
700
100
500
700
nA
Input Offset Current (VCM = 0 V, VO = 0V)
TA = +25°C
TA = Tlow to Thigh
IIO
6.0
50
300
6.0
75
300
nA
Input Common Mode Voltage Range
TA = +25°C
TA = Tlow to Thigh
VICR
VEE to (VCC −1.8)
VEE to (VCC −2.2)
VEE to (VCC −1.8)
VEE to (VCC −2.2)
V
Large Signal Voltage Gain (VO = ±10 V, RL = 2.0 kW)
TA = +25°C
TA = Tlow to Thigh
AVOL
50
25
100
25
20
100
V/mV
Output Voltage Swing (VID = ±1.0 V)
VCC = +5.0 V, VEE = 0 V, RL = 2.0 kW, TA = +25°C
VCC = +15 V, VEE = −15 V, RL = 10 kW, TA = +25°C
VCC = +15 V, VEE = −15 V, RL = 2.0 kW,
TA = Tlow to Thigh
VOH
3.7
13.6
13.4
4.0
14
3.7
13.6
13.4
4.0
14
V
VCC = +5.0 V, VEE = 0 V, RL = 2.0 kW, TA = +25°C
VCC = +15 V, VEE = −15 V, RL = 10 kW, TA = +25°C
VCC = +15 V, VEE = −15 V, RL = 2.0 kW,
TA = Tlow to Thigh
VOL
0.1
−14.7
0.3
−14.3
−13.5
0.1
−14.7
0.3
−14.3
−13.5
V
Output Short Circuit Current (VID = 1.0 V, VO = 0 V,
TA = 25°C)
Source
Sink
ISC
10
20
30
30
10
20
30
30
mA
Common Mode Rejection
RS ≤ 10 kW, VCM = VICR, TA = 25°C
CMR
80
97
70
97
dB
Power Supply Rejection (RS = 100 W)
VCC/VEE = +16.5 V/−16.5 V to +13.5 V/−13.5 V,
TA = 25°C
PSR
80
97
70
97
dB
Power Supply Current (Per Amplifier, No Load)
VCC = +5.0 V, VEE = 0 V, VO = +2.5 V, TA = +25°C
VCC = +15 V, VEE = −15 V, VO = 0 V, TA = +25°C
VCC = +15 V, VEE = −15 V, VO = 0 V,
TA = Tlow to Thigh
ID
1.6
1.9
2.0
2.5
2.8
1.6
1.9
2.0
2.5
2.8
mA
3. Tlow
= −40
°C for MC33071, 2, 4, /A
Thigh
= +85
°C for MC33071, 2, 4, /A
=0
°C for MC34071, 2, 4, /A
= +70
°C for MC34071, 2, 4, /A
= −40
°C for MC34072, 4/V
= +125
°C for MC34072, 4/V


Similar Part No. - MC34074

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34074 ONSEMI-MC34074 Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
logo
Unisonic Technologies
MC34074 UTC-MC34074 Datasheet
308Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
logo
ON Semiconductor
MC34074 ONSEMI-MC34074 Datasheet
275Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2010 ??Rev. 16
logo
Unisonic Technologies
MC34074 UTC-MC34074 Datasheet
520Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074 Datasheet
518Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
More results

Similar Description - MC34074

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33074ADG ONSEMI-MC33074ADG Datasheet
268Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
May, 2013 ??Rev. 19
MC34071 ONSEMI-MC34071_06 Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34071A ONSEMI-MC34071A_10 Datasheet
275Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2010 ??Rev. 16
MC34071 ONSEMI-MC34071_V01 Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
MC33074DG ONSEMI-MC33074DG Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
MC33074ADR2G ONSEMI-MC33074ADR2G Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33171 ONSEMI-MC33171_06 Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
Texas Instruments
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com