Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R71E473KA01 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GRM188R71E473KA01
Description  High Dielectric Constant Type 6.3/16/25/50V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GRM188R71E473KA01 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GRM188R71E473KA01 Datasheet HTML 2Page - List of Unclassifed Manufacturers GRM188R71E473KA01 Datasheet HTML 3Page - List of Unclassifed Manufacturers GRM188R71E473KA01 Datasheet HTML 4Page - List of Unclassifed Manufacturers GRM188R71E473KA01 Datasheet HTML 5Page - List of Unclassifed Manufacturers GRM188R71E473KA01 Datasheet HTML 6Page - List of Unclassifed Manufacturers GRM188R71E473KA01 Datasheet HTML 7Page - List of Unclassifed Manufacturers GRM188R71E473KA01 Datasheet HTML 8Page - List of Unclassifed Manufacturers GRM188R71E473KA01 Datasheet HTML 9Page - List of Unclassifed Manufacturers GRM188R71E473KA01 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
No.
Item
Specifications
Test Method
Temperature
Compensating Type
High Dielectric Type
The measured and observed characteristics should satisfy the
specifications in the following table
More than 10,000M
Ω or 500Ω • F (Whichever is smaller)
Within
T2.5% or T0.25pF
(Whichever is larger)
30pF and over : Q
U1000
30pF and below :
Q
U400W20C
C : Nominal Capacitance (pF)
Resistance
to
Soldering
Heat
14
Preheat the capacitor at 120 to 150
D for 1 minute.
Immerse the capacitor in an eutectic solder solution at 270
T5D
for 10
T0.5 seconds. Set at room temperature for 24T2 hours
(temperature compensating tyoe) or 48
T4 hours (high dielectric
constant type), then measure.
#Initial measurement for high dielectric constant type
Perform a heat treatment at 150
W0/Y10D for one hour and
then set at room temperature for 48
T4 hours.
Perform the initial measurement.
#Preheating for GRM32/43/55
B1, B3, R1, R6, R7
: Within
T7.5%
F1, F5, E4 : Within
T20%
[B1, B3, R1, R6, R7, E4]
W.V. : 25Vmin. : 0.025max.
W.V. : 16/10V : 0.035max.
W.V. : 6.3V/4V
: 0.05max. (C
F3.3µF)
: 0.1max. (C
U3.3µF)
[F1, F5]
W.V. : 25Vmin.
: 0.05max. (C
F0.1µF)
: 0.09max. (C
U0.1µF)
W.V. : 16V/10V : 0.125max.
W.V. : 6.3V : 0.15max.
Appearance
I.R.
No defects
Dielectric
Strength
Capacitance
Change
Q/D.F.
75% of the terminations are to be soldered evenly and
continuously
Solderability of
Termination
13
Immerse the capacitor in a solution of ethanol (JIS-K-8101) and
rosin (JIS-K-5902) (25% rosin in weight propotion) .
Preheat at 80 to 120
D for 10 to 30 seconds.
After preheating, immerse in an eutectic solder solution for
2
T0.5 seconds at 230T5D.
No defects or abnormalities
Step
1
2
100
D to 120D
170
D to 200D
1 min.
1 min.
Temperature
Time
Continued from the preceding page.
Continued on the following page.
30pF and over : Q
U1000
30pF and below :
Q
U400W20C
C : Nominal Capacitance (pF)
[B1, B3, R1, R6, R7, E4]
W.V. : 25Vmin. : 0.025max.
W.V. : 16/10V : 0.035max.
W.V. : 6.3V/4V
: 0.05max. (C
F3.3µF)
: 0.1max. (C
U3.3µF)
[F1, F5]
W.V. : 25Vmin.
: 0.05max. (C
F0.1µF)
: 0.09max. (C
U0.1µF)
W.V. : 16V/10V : 0.125max.
W.V. : 6.3V : 0.15max.
No defects or abnormalities
Within the specified tolerance
Vibration
Resistance
Deflection
11
12
Solder the capacitor on the test jig (glass epoxy board) shown
in Fig. 2a using an eutectic solder. Then apply a force in the
direction shown in Fig. 3a for 5
T1sec. The soldering should be
done either with an iron or using the reflow method and should
be conducted with care so that the soldering is uniform and free
of defects such as heat shock.
Solder the capacitor on the test jig (glass epoxy board) in the
same manner and under the same conditions as (10).
The capacitor should be subjected to a simple harmonic motion
having a total amplitude of 1.5mm, the frequency being varied
uniformly between the approximate limits of 10 and 55Hz. The
frequency range, from 10 to 55Hz and return to 10Hz, should
be traversed in approximately 1 minute. This motion should be
applied for a period of 2 hours in each 3 mutually perpendicular
directions (total of 6 hours).
Appearance
Capacitance
Q/D.F.
b
a
c
100
φ4.5
Capacitance meter
Flexure :
V1
20
50
R230
Pressurizing
speed : 1.0mm/sec.
Pressurize
45
45
Fig. 3a
No crack or marked defect should occur
Type
a
b
c
GRp03
GRp15
GRM18
GRM21
GRM31
GRM32
GRM43
GRM55
0.3
0.4
1.0
1.2
2.2
2.2
3.5
4.5
0.9
1.5
3.0
4.0
5.0
5.0
7.0
8.0
0.3
0.5
1.2
1.65
2.0
2.9
3.7
5.6
t : 1.6mm (GRp03/15 : t : 0.8mm)
(in mm)
Fig. 2a
!Note • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification
before ordering. Especially, please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in them to prevent smoking and/or burning, etc.
• You are able to read a detailed specification in the website (http://search.murata.co.jp/) before to require our product specification or to transact the approval sheet for product specification.
Capacitors


Similar Part No. - GRM188R71E473KA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM188R71E473KA01J MURATA-GRM188R71E473KA01J Datasheet
88Kb / 2P
   Capacitor data sheet
More results

Similar Description - GRM188R71E473KA01

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HIK LSTD-HIK Datasheet
108Kb / 2P
   Adjusted dielectric constant
LOK LSTD-LOK Datasheet
134Kb / 2P
   Low dielectric constant
logo
Kemet Corporation
C1210C226Z4VACTU KEMET-C1210C226Z4VACTU Datasheet
1Mb / 18P
   Y5V Dielectric, 6.3- 50 VDC (Commercial Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1206C105Z4VACTU KEMET-C1206C105Z4VACTU Datasheet
1Mb / 17P
   Y5V Dielectric, 6.3 ??50 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
logo
ERNI Electronics
100103210120 ERNI-100103210120 Datasheet
100Kb / 1P
   TMC-S 25-EESV-3.0-6.3-BA8-ZV
logo
Taiyo Yuden (U.S.A.), I...
EMK063BJ153KP-F TAIYO-YUDEN-EMK063BJ153KP-F Datasheet
407Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com