Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN1220E-50-F-T5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RN1220E-50-F-T5
Description  high-precision chip distributors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RN1220E-50-F-T5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RN1220E-50-F-T5 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
26
RN****E series, high-precision
chip distributors
This series has a small-reflection feature, thus suitable for high-frequency applications.
The chip construction contributes for saving space.
RN 1632 E - 50 - F - T1 (T5)
Resistance Tolerance
Impedance
Circuit
Part Code
Dimensions
SPECIFICATIONS
Electrical
PART NUMBER
Mechanical
Type
Resistance
RN1220E
Package
1,000
•5,000pcs/reel
Operating Tem. Range
55 C
125 C
Resistance Tolerance
1%(F)
Power Rating
Temperature Coefficient of Resistance
RN1632E
33mW/element,100mW/package
50ppm/ C
42mW/element,125mW/package
R1 R2 R3 50
Ω ; typical
R2
R3
R1
W
P1
P2
P3
L
T
Dimension
(mm)
RN1220E
(0805)
RN1632E
(1206)
L
W
T
P1
P2
P3
2.00 0.10
1.25 0.10
0.40 0.10
0.50 0.20
0.30 0.20
0.30 0.20
3.20 0.20
1.60 0.20
0.40 0.10
1.00 0.25
0.40 0.25
0.40 0.25
Equivalent circuit
susumu group catalog
Package(T Tape, B Bulk)


Similar Part No. - RN1220E-50-F-T5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN1220 ETC-RN1220 Datasheet
45Kb / 1P
   Thin Film Chip Resistor Networks
RN1220A ETC-RN1220A Datasheet
45Kb / 1P
   Thin Film Chip Resistor Networks
RN1220ABNB ETC-RN1220ABNB Datasheet
45Kb / 1P
   Thin Film Chip Resistor Networks
RN1220ABNC ETC-RN1220ABNC Datasheet
45Kb / 1P
   Thin Film Chip Resistor Networks
RN1220ABVB ETC-RN1220ABVB Datasheet
45Kb / 1P
   Thin Film Chip Resistor Networks
More results

Similar Description - RN1220E-50-F-T5

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
617DS-1676 TOKO-617DS-1676 Datasheet
246Kb / 1P
   Distributors
logo
Festo Corporation.
8114037 FESTO-8114037 Datasheet
85Kb / 2P
   Distributors
11/29/22
8114038 FESTO-8114038 Datasheet
85Kb / 2P
   Distributors
11/29/22
logo
Vishay Siliconix
VFC1506 VISHAY-VFC1506 Datasheet
112Kb / 2P
   High Precision Flip Chip
Revision 13-Aug-04
logo
Bourns Electronic Solut...
CRP1206-LF BOURNS-CRP1206-LF Datasheet
286Kb / 2P
   High precision chip resistors
logo
UNIOHM CORPORATION
RP25 UNIOHM-RP25 Datasheet
2Mb / 7P
   High Precision Chip Resistors
logo
List of Unclassifed Man...
AR01 ETC-AR01 Datasheet
1Mb / 2P
   HIGH PRECISION CHIP RESISTORS
logo
Bourns Electronic Solut...
CRP0603-LF BOURNS-CRP0603-LF Datasheet
259Kb / 2P
   High precision chip resistors
logo
RHOPOINT COMPONENTS
CHM0805 RHOPOINT-CHM0805 Datasheet
47Kb / 2P
   Precision High Value Chip Resistors
AEN-0103 RHOPOINT-AEN-0103 Datasheet
14Kb / 1P
   High Resistance Precision Chip Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com