Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC646A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC646A
Description  Octal bus transceiver/register 3-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC646A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC646A Datasheet HTML 4Page - NXP Semiconductors 74LVC646A Datasheet HTML 5Page - NXP Semiconductors 74LVC646A Datasheet HTML 6Page - NXP Semiconductors 74LVC646A Datasheet HTML 7Page - NXP Semiconductors 74LVC646A Datasheet HTML 8Page - NXP Semiconductors 74LVC646A Datasheet HTML 9Page - NXP Semiconductors 74LVC646A Datasheet HTML 10Page - NXP Semiconductors 74LVC646A Datasheet HTML 11Page - NXP Semiconductors 74LVC646A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product specification
74LVC646A
Octal bus transceiver/register (3-State)
1998 Jul 29
8
AC CHARACTERISTICS
GND = 0 V; tr = tf v 2.5 ns; CL = 50 pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
VCC =
1.2V
UNIT
MIN
TYP1
MAX
MIN
MAX
TYP
tPHL/tPLH
Propagation delay
An, Bn to Bn, An
Figures 1, 6
1.5
3.9
6.8
1.5
7.8
15
ns
tPHL/tPLH
Propagation delay
CPAB, CPBA to Bn, An
Figures 2, 6
1.5
4.6
7.6
1.5
8.6
19
ns
tPHL/tPLH
Propagation delay
SAB, SBA to Bn, An
Figures 3, 6
1.5
4.9
8.5
1.5
9.5
19
ns
tPZH/tPZL
3-State output enable time
OEn to An, Bn
Figures 4, 6
1.5
4.5
7.8
1.5
8.8
20
ns
tPHZ/tPLZ
3-State output disable time
OEn to An, Bn
Figures 4, 6
1.5
3.9
6.1
1.5
7.1
10
ns
tPZH/tPZL
3-State output enable time
DIR to An, Bn
Figures 5, 6
1.5
4.6
7.9
1.5
8.9
20
ns
tPHZ/tPLZ
3-State output disable time
DIR to An, Bn
Figures 5, 6
1.5
3.5
6.0
1.5
7.0
12
ns
tW
Clock pulse width
HIGH or LOW
CPAB or CPBA
Figure 1, 3
3.3
1.9
3.3
ns
tsu
Set-up time
An, Bn to CPAB, CPBA
Figure 2
1.6
0.35
1.6
ns
th
Hold time
An, Bn to CPAB, CPBA
Figure 2
1.0
–0.3
1.0
ns
fmax
Maximum clock pulse frequency
Figure 2
150
250
125
ns
NOTE:
1. These typical values are at VCC = 3.3V and Tamb = 25°C.


Similar Part No. - 74LVC646A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
74LVC623AD PHILIPS-74LVC623AD Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
74LVC623ADB PHILIPS-74LVC623ADB Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
74LVC623APW PHILIPS-74LVC623APW Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
   Octal transceiver/register with dual enable 3-State
1998 Jul 29
More results

Similar Description - 74LVC646A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
   Octal bus transceiver/register; 3-state
September 1993
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
   HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74HC646 PHILIPS-74HC646 Datasheet
91Kb / 12P
   Octal bus transceiver/register; 3-state
September 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com