Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3163MNR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP3163MNR2G
Description  3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3163MNR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP3163MNR2G Datasheet HTML 3Page - ON Semiconductor NCP3163MNR2G Datasheet HTML 4Page - ON Semiconductor NCP3163MNR2G Datasheet HTML 5Page - ON Semiconductor NCP3163MNR2G Datasheet HTML 6Page - ON Semiconductor NCP3163MNR2G Datasheet HTML 7Page - ON Semiconductor NCP3163MNR2G Datasheet HTML 8Page - ON Semiconductor NCP3163MNR2G Datasheet HTML 9Page - ON Semiconductor NCP3163MNR2G Datasheet HTML 10Page - ON Semiconductor NCP3163MNR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
NCP3163
http://onsemi.com
7
Figure 14. Current Limit Comparator Threshold
Voltage vs. Temperature
Figure 15. Current Limit Comparator Input Bias
Current vs. Temperature
254
252
250
248
246
−55
−25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
1.6
1.4
1.2
1.0
0.8
−55
−25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
0.6
VCC = 15 V
VCC = 15 V
VIpk (Sense) = 15 V
Figure 16. Standby Supply Current
vs. Supply Voltage
Figure 17. Standby Supply Current
vs. Temperature
8.0
6.0
4.0
2.0
0
0
102030
40
VCC, SUPPLY VOLTAGE (V)
Pins 7, 8, 16 = VCC
Pins 4, 6, 14 = GND
Remaining Pins Open
TA = 25°C
7.2
6.4
5.6
4.8
−55
−25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
4.0
VCC = 15 V
Pins 7, 8, 16 = VCC
Pins 4, 6, 14 = GND
Remaining Pins Open
Figure 18. Minimum Operating Supply
Voltage vs. Temperature
3.0
2.6
2.2
1.8
1.4
1.0
−55
−25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
Pin 16 Open
CT = 620 pF
Pins 7,8 = VCC
Pins 4, 14 = GND
Pin 9 = 1.0 k
W to 15 V
Pin 10 = 100
W to 15 V
Pin 16 = VCC


Similar Part No. - NCP3163MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3163MNR2G ONSEMI-NCP3163MNR2G Datasheet
210Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
January, 2007-Rev. 4
NCP3163MNR2G ONSEMI-NCP3163MNR2G Datasheet
254Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50-300 kHz Switching Regulator
April, 2010-Rev. 7
More results

Similar Description - NCP3163MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3163 ONSEMI-NCP3163_10 Datasheet
254Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50-300 kHz Switching Regulator
April, 2010-Rev. 7
NCP3163 ONSEMI-NCP3163_07 Datasheet
210Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
January, 2007-Rev. 4
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCV33163 ONSEMI-NCV33163 Datasheet
203Kb / 16P
   2.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2002 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com