Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLD2Y10K00DB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SLD2Y10K00DB
Description  Precision Resistor 1-2-3 Network(Conformally Coated)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SLD2Y10K00DB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLD2Y10K00DB Datasheet HTML 1Page - List of Unclassifed Manufacturers SLD2Y10K00DB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Precision Resistor 1-2-3Network
(Conformally Coated)
TCR, Resistance Range,Tolerance, Rated Power
Table 1. TCR Tracking is Subject to Resistance Ratio
Power Derating Curve
Configuration
Composition of Type Number
SLD 1X 1 0 K 0 0 B A
SLD 2 X 1 K 0 0 0 1 0 K 0 0 B Q
Example:R1
R2
Example:R1
R2
1
2
3
4
5
6
1
1
2
3
4
5
6
2
3
4
5
6
Type
Number of Values
TCR absolute
Nominal Resistance Values
Resistance Tolerance(Absolute)
Resistance Tolerance(Matching)
Type
TCR(ppm C)
SLD
25 C to
125 C
Resistance
Range
Element( )*
Resistance
Tolerance(%)
Rated Power
Package(W)
at 70 C
50 to 100
100 to 30k
0
5(X)
0
2.5(Y)
Absolute Tracking
Absolute
Matching
See
Table 1
0.1(B)
0.5(D)
0.05(A)
0.1 (B)
0.05(A)
0.1 (B)
0.02(Q)
0.05(A)
0.1 (B)
0.25
Resistance Ratio
Resistance Ratio
1
1
Resistance Ratio
100
Resistance Ratio
10
Resistance Ratio
TCR Tracking Available (ppm C)
0.5
1
2
3
Symbols parenthesized are for type number composition.
*Consult factory for resistance values composing network.
Type
L
W
T
F
t
a
b
c
SLD
7.5
0.5
7.5
0.5
2.2
0.5
2.54 0.25
5
1
0.3
0.05
1.0
0.05
0.65 0.05
0.4
0.05
Dimensions in mm
L
T
F
t
a
b
c
20
40
60
80
100
100
80
60
40
20
(%)
( C)
125
120
70
140
Ambient Temperature
Resistance value, in ohm, is expressed by a series of 5 characters, 4 of
which represent significant digits while the 5th R or K is a dual purpose
letter that designates both the value range (R for ohmic;K for kilo-ohm)
and the location of decimal point.
10
100


Similar Part No. - SLD2Y10K00DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLD2083CZ ETC1-SLD2083CZ Datasheet
129Kb / 5P
   10 Watt high performance LDMOS transistor designed for operation to 2700MHz
logo
Sony Corporation
SLD231VL SONY-SLD231VL Datasheet
70Kb / 3P
   Index-Guided High Power AlGaAs Laser Diode
SLD233VL SONY-SLD233VL Datasheet
47Kb / 3P
   Index-Guided High Power AlGaAs Laser Diode
SLD234VL SONY-SLD234VL Datasheet
51Kb / 3P
   Index-Guided High Power AlGaAs Laser Diode
logo
List of Unclassifed Man...
SLD234VL ETC2-SLD234VL Datasheet
31Kb / 2P
   High Power Laser Diode that Achieves High-Speed CD-R Recording
More results

Similar Description - SLD2Y10K00DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLA ETC-FLA Datasheet
50Kb / 2P
   Precision Resistor (Conformally Coated)
logo
RENCO ELECTRONICS, INC.
RL-1505 RENCO-RL-1505 Datasheet
177Kb / 2P
   MINI-INDUCTORS CONFORMALLY COATED
RL-1507 RENCO-RL-1507 Datasheet
1Mb / 3P
   MINI-INDUCTORS CONFORMALLY COATED
logo
Cornell Dubilier Electr...
M15 CDE-M15 Datasheet
157Kb / 6P
   Conformally coated, radial leaded
logo
Kemet Corporation
SBCP-47HY150HB KEMET-SBCP-47HY150HB Datasheet
366Kb / 6P
   Conformally Coated SBCP Coils
SBC1-101-571 KEMET-SBC1-101-571 Datasheet
509Kb / 12P
   Conformally Coated SBC Coils
logo
Cornell Dubilier Electr...
P10 CDE-P10 Datasheet
189Kb / 4P
   Conformally coated, axial leaded
logo
RENCO ELECTRONICS, INC.
RL-1506 RENCO-RL-1506 Datasheet
1Mb / 3P
   MINI-INDUCTORS CONFORMALLY COATED
RL-1508 RENCO-RL-1508 Datasheet
1Mb / 2P
   MINI-INDUCTORS CONFORMALLY COATED
logo
NIC-Components Corp.
NCM NIC-NCM Datasheet
83Kb / 2P
   Conformally Coated, Radial Multilayer Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com