Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC823A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC823A
Description  9-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC823A Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC823A Datasheet HTML 1Page - NXP Semiconductors 74LVC823A Datasheet HTML 2Page - NXP Semiconductors 74LVC823A Datasheet HTML 3Page - NXP Semiconductors 74LVC823A Datasheet HTML 4Page - NXP Semiconductors 74LVC823A Datasheet HTML 5Page - NXP Semiconductors 74LVC823A Datasheet HTML 6Page - NXP Semiconductors 74LVC823A Datasheet HTML 7Page - NXP Semiconductors 74LVC823A Datasheet HTML 8Page - NXP Semiconductors 74LVC823A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74LVC823A
9-bit D-type flip-flop with 5-volt tolerant
inputs/outputs; positive-edge trigger (3-State)
1998 Sep 24
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
OE
Output enable input
(active LOW)
2, 3, 4, 5, 6,
7, 8, 9, 10
D0 to D8
Data inputs
11
MR
Master reset (active LOW)
12
GND
Ground (0 V)
13
CP
Clock pulse (active rising)
14
CE
Clock enable (active LOW)
23, 22, 21, 20,
19, 18, 17, 16,
15
Q0 to Q8
3-State flip-flop outputs
24
VCC
Positive supply voltage
FUNCTION TABLE
OPERATING MODES
INPUTS
INTERNAL FLIP FLOPS
OUTPUTS
OPERATING MODES
OE
MR
CE
CP
Dn
INTERNAL FLIP-FLOPS
Q0 to Q8
Clear
L
L
X
X
X
L
L
Load and read register
L
L
H
H
L
L
l
h
L
H
L
H
Load register and disable outputs
H
H
H
H
L
L
X
X
l
h
L
H
Z
Z
Hold
L
H
H
NC
X
NC
NC
H = HIGH voltage level
h
= HIGH voltage level one set-up time prior to the LOW-to-HIGH
CP transition
L
= LOW voltage level
l
= LOW voltage level one set-up time prior to the LOW-to-HIGH
CP transition
Z = high impedance OFF-state
↑ = LOW–to–HIGH clock transition
NC= no change
PIN CONFIGURATION
D 0
D 1
D 2
D 3
D 4
D 5
D 6
GND
D 7
D 8
MR
Q 0
Q 1
Q 2
Q 3
Q 4
V CC
Q 5
Q 6
Q 7
Q 8
CE
CP
1
2
3
4
5
6
7
8
9
10
11
12
20
21
22
23
24
19
18
17
16
15
14
13
OE
SA00418
LOGIC SYMBOL
MR
11
Q 7
Q 8
2
D 0
Q 0
19
20
21
22
23
9
10
D 7
D 8
8
D 6
Q 6
7
D 5
Q 5
6
D 4
Q 4
15
5
D 3
Q 3
16
4
D 2
Q 2
17
3
D 1
Q 1
18
13
14
1
CP
CE
OE
SA00419


Similar Part No. - 74LVC823A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC823A NEXPERIA-74LVC823A Datasheet
288Kb / 18P
   9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 18 June 2020
74LVC823A-Q100 NEXPERIA-74LVC823A-Q100 Datasheet
239Kb / 16P
   9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
74LVC823ABQ NEXPERIA-74LVC823ABQ Datasheet
288Kb / 18P
   9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 18 June 2020
74LVC823ABQ-Q100 NEXPERIA-74LVC823ABQ-Q100 Datasheet
239Kb / 16P
   9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
74LVC823AD NEXPERIA-74LVC823AD Datasheet
288Kb / 18P
   9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 18 June 2020
More results

Similar Description - 74LVC823A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC821A PHILIPS-74LVC821A Datasheet
102Kb / 12P
   10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 25
logo
Nexperia B.V. All right...
74LVC823A NEXPERIA-74LVC823A Datasheet
288Kb / 18P
   9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 18 June 2020
74LVC823A-Q100 NEXPERIA-74LVC823A-Q100 Datasheet
239Kb / 16P
   9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
logo
NXP Semiconductors
74LVC374A PHILIPS-74LVC374A Datasheet
101Kb / 12P
   Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
74LVC574A PHILIPS-74LVC574A Datasheet
99Kb / 10P
   Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
74LVC821ABQ NXP-74LVC821ABQ Datasheet
147Kb / 20P
   10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 4-23 November 2012
logo
List of Unclassifed Man...
74LVC821ABQ ETC2-74LVC821ABQ Datasheet
123Kb / 20P
   10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
logo
Nexperia B.V. All right...
74LVC574A NEXPERIA-74LVC574A Datasheet
271Kb / 15P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 30 August 2021
logo
NXP Semiconductors
74LVC574ABQ PHILIPS-74LVC574ABQ Datasheet
142Kb / 19P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger 3-state
Rev. 5-18 December 2012
logo
Nexperia B.V. All right...
74LVC374A-Q100 NEXPERIA-74LVC374A-Q100 Datasheet
805Kb / 18P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com