Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8445PST Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-8445PST
Description  Quad / Octal ARINC 429 Line Receivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8445PST Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-8445PST Datasheet HTML 1Page - Holt Integrated Circuits HI-8445PST Datasheet HTML 2Page - Holt Integrated Circuits HI-8445PST Datasheet HTML 3Page - Holt Integrated Circuits HI-8445PST Datasheet HTML 4Page - Holt Integrated Circuits HI-8445PST Datasheet HTML 5Page - Holt Integrated Circuits HI-8445PST Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HOLT INTEGRATED CIRCUITS
5
HI-8444, HI-8445, HI-8448
HI-8444PSI
20 PIN PLASTIC TSSOP
-40°C TO +85°C
I
None
NO
SOLDER
HI-8444PSI-10
20 PIN PLASTIC TSSOP
-40°C TO +85°C
I
10K
NO
SOLDER
HI-8444PST
20 PIN PLASTIC TSSOP
-55°C TO +125°C
T
None
NO
SOLDER
HI-8444PST-10
20 PIN PLASTIC TSSOP
-55°C TO +125°C
T
10K
NO
SOLDER
HI-8445PSI
20 PIN PLASTIC TSSOP
-40°C TO +85°C
I
None
NO
SOLDER
HI-8445PSI-10
20 PIN PLASTIC TSSOP
-40°C TO +85°C
I
10K
NO
SOLDER
HI-8445PST
20 PIN PLASTIC TSSOP
-55°C TO +125°C
T
None
NO
SOLDER
HI-8445PST-10
20 PIN PLASTIC TSSOP
-55°C TO +125°C
T
10K
NO
SOLDER
HI-8448PQI
44 PIN PLASTIC QUAD FLATPACK (PQFP)
-40°C TO +85°C
I
None
NO
SOLDER
HI-8448PQI-10
44 PIN PLASTIC QUAD FLATPACK (PQFP)
-40°C TO +85°C
I
10K
NO
SOLDER
HI-8448PQT
44 PIN PLASTIC QUAD FLATPACK (PQFP)
-55°C TO +125°C
T
None
NO
SOLDER
HI-8448PQT-10 44 PIN PLASTIC QUAD FLATPACK (PQFP)
-55°C TO +125°C
T
10K
NO
SOLDER
W
W
W
W
W
W
TIMING DIAGRAMS
1.5V
1.5V
tLH
tHL
tLH
tHL
IN A
IN B
OUT A
OUT B
1.5V
tTOH
tTOL
1.5V
TEST A
/
TEST B
OUT A
/
OUT B
ARINC 429 Receiver Timing
Test Mode Timing
PACKAGE
DESCRIPTION
TEMPERATURE
RANGE
PART
NUMBER
LEAD
FINISH
ORDERING INFORMATION
PROCESS
FLOW
BURN
IN
INTERNAL LIGHTNING PROTECTION (-10 Only)
The HI-8444-10, HI-8445-10 and HI-8488-10 are similar to the
“non -10” configurations with the exception that an external
10 Kohm resistor must be added in series with each ARINC input
in order to properly detect the ARINC 429 specified input
thresholds. This option is especially useful in applications where
external lightning protection circuitry is required.
The HI-8444-10, HI-8445-10 and HI-8448-10 will meet the
requirements of DO-160D, Level 3, waveforms 3, 4 and 5A with
the 10 Kohm series resistors in place.
Please refer to the Holt AN-300 Application Note for additional
information and recommendations on lightening protection of Holt
Line Drivers and Receivers.
EXTERNAL
RESISTOR


Similar Part No. - HI-8445PST

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8445PST HOLTIC-HI-8445PST Datasheet
84Kb / 9P
   Quad / Octal ARINC 429 Line Receivers
HI-8445PST-10 HOLTIC-HI-8445PST-10 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8445PST-10 HOLTIC-HI-8445PST-10 Datasheet
84Kb / 9P
   Quad / Octal ARINC 429 Line Receivers
HI-8445PSTF HOLTIC-HI-8445PSTF Datasheet
84Kb / 9P
   Quad / Octal ARINC 429 Line Receivers
HI-8445PSTF-10 HOLTIC-HI-8445PSTF-10 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
More results

Similar Description - HI-8445PST

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8444 HOLTIC-HI-8444_06 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8444 HOLTIC-HI-8444_10 Datasheet
84Kb / 9P
   Quad / Octal ARINC 429 Line Receivers
HI-3596 HOLTIC-HI-3596_15 Datasheet
1Mb / 18P
   Octal ARINC 429 Receivers
HI-8444 HOLTIC-HI-8444_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
HI-8448 HOLTIC-HI-8448_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
logo
Device Engineering Inco...
DEI1148 DEIAZ-DEI1148 Datasheet
532Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046A DEIAZ-DEI1046A Datasheet
211Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1049 DEIAZ-DEI1049 Datasheet
690Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046 DEIAZ-DEI1046 Datasheet
413Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1044A DEIAZ-DEI1044A Datasheet
212Kb / 7P
   QUAD ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com