Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8448PQT Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8448PQT
Description  Quad / Octal ARINC 429 Line Receivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8448PQT Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8448PQT Datasheet HTML 1Page - Holt Integrated Circuits HI-8448PQT Datasheet HTML 2Page - Holt Integrated Circuits HI-8448PQT Datasheet HTML 3Page - Holt Integrated Circuits HI-8448PQT Datasheet HTML 4Page - Holt Integrated Circuits HI-8448PQT Datasheet HTML 5Page - Holt Integrated Circuits HI-8448PQT Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HI-8444, HI-8445, HI-8448
PIN DESCRIPTIONS (HI-8448)
PIN
SYMBOL
FUNCTION
RECEIVER SET
DESCRIPTION
1
IN2 BX
ARINC input
X
2
IN2 AY
ARINC input
Y
3
IN2 BY
4
N/C
Not connected
5
TESTA(X)
Logic input
X
Test input
6
TESTB(X)
7
TESTA(Y)
9
IN3 AX
10
IN3 BX
11
IN3 AY
12
IN3 BY
13
IN4 AX
14
IN4 BX
15
IN4 AY
Y
16
IN4 BY
Y
Receiver 2 negative input
Receiver 2 positive input
ARINC input
Y
Receiver 2 negative input
Logic input
X
Test input
Logic input
Y
Test input
8
TESTB(Y)
Logic input
Y
Test input
ARINC input
X
Receiver 3 positive input
ARINC input
X
Receiver 3 negative input
ARINC input
Y
Receiver 3 positive input
ARINC input
Y
Receiver 3 negative input
ARINC input
X
Receiver 4 positive input
ARINC input
X
Receiver 4 negative input
ARINC input
Receiver 4 positive input
ARINC input
Receiver 4 negative input
17
N/C
Not connected
18
OUT4 BY
Logic output
Y
Receiver 4 "ZERO" output
19
OUT4 AY
Logic output
Y
Receiver 4 "ONE" output
20
OUT4 BX
Logic output
X
Receiver 4 "ZERO" output
21
OUT4 AX
Logic output
X
Receiver 4 "ONE" output
22
OUT3 BY
Logic output
Y
Receiver 3 "ZERO" output
23
OUT3 AY
Logic output
Y
Receiver 3 "ONE" output
24
OUT3 BX
Logic output
X
Receiver 3 "ZERO" output
25
OUT3 AX
Logic output
X
Receiver 3 "ONE" output
26
N/C
Not connected
27
VSS
Power
Ground supply
28
N/C
Not connected
29
VDD
Power
Positive supply voltage 3.3V or 5.0 V
30
N/C
Not connected
31
OUT2 BY
Logic output
Y
Receiver 2 "ZERO" output
32
OUT2 AY
Logic output
Y
Receiver 2 "ONE" output
33
OUT2 BX
Logic output
X
Receiver 2 "ZERO" output
34
OUT2 AX
Logic output
X
Receiver 2 "ONE" output
35
OUT1 BY
Logic output
Y
Receiver 1 "ZERO" output
36
OUT1 AY
Logic output
Y
Receiver 1 "ONE" output
37
OUT1 BX
Logic output
X
Receiver 1 "ZERO" output
38
OUT1 AX
Logic output
X
Receiver 1 "ONE" output
39
N/C
Not connected
40
IN1 AX
ARINC input
X
Receiver 1 positive input
41
IN1 BX
ARINC input
X
Receiver 1 negative input
42
IN1 AY
ARINC input
Y
Receiver 1 positive input
43
IN1 BY
ARINC input
Y
Receiver 1 negative input
44
IN2 AX
ARINC input
X
Receiver 2 positive input
HOLT INTEGRATED CIRCUITS
3


Similar Part No. - HI-8448PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8448PQT HOLTIC-HI-8448PQT Datasheet
84Kb / 9P
   Quad / Octal ARINC 429 Line Receivers
HI-8448PQT-10 HOLTIC-HI-8448PQT-10 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8448PQT-10 HOLTIC-HI-8448PQT-10 Datasheet
84Kb / 9P
   Quad / Octal ARINC 429 Line Receivers
HI-8448PQTF HOLTIC-HI-8448PQTF Datasheet
84Kb / 9P
   Quad / Octal ARINC 429 Line Receivers
HI-8448PQTF-10 HOLTIC-HI-8448PQTF-10 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
More results

Similar Description - HI-8448PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8444 HOLTIC-HI-8444_06 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8444 HOLTIC-HI-8444_10 Datasheet
84Kb / 9P
   Quad / Octal ARINC 429 Line Receivers
HI-3596 HOLTIC-HI-3596_15 Datasheet
1Mb / 18P
   Octal ARINC 429 Receivers
HI-8444 HOLTIC-HI-8444_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
HI-8448 HOLTIC-HI-8448_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
logo
Device Engineering Inco...
DEI1148 DEIAZ-DEI1148 Datasheet
532Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046A DEIAZ-DEI1046A Datasheet
211Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1049 DEIAZ-DEI1049 Datasheet
690Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046 DEIAZ-DEI1046 Datasheet
413Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1044A DEIAZ-DEI1044A Datasheet
212Kb / 7P
   QUAD ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com