Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83950BVQB-MPC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83950BVQB-MPC
Description  REPEATER INTERFACE CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83950BVQB-MPC Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DP83950BVQB-MPC Datasheet HTML 1Page - National Semiconductor (TI) DP83950BVQB-MPC Datasheet HTML 2Page - National Semiconductor (TI) DP83950BVQB-MPC Datasheet HTML 3Page - National Semiconductor (TI) DP83950BVQB-MPC Datasheet HTML 4Page - National Semiconductor (TI) DP83950BVQB-MPC Datasheet HTML 5Page - National Semiconductor (TI) DP83950BVQB-MPC Datasheet HTML 6Page - National Semiconductor (TI) DP83950BVQB-MPC Datasheet HTML 7Page - National Semiconductor (TI) DP83950BVQB-MPC Datasheet HTML 8Page - National Semiconductor (TI) DP83950BVQB-MPC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MNDP83950B-VQB REV 0B0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC: PROCESSOR,LED,TWISTED PAIR,INTER-RIC & MGMT. INTERFACES
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vcc = 5V +5%
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Voh
Minimum High
Level Output
Voltage
Ioh = -8mA
3.5
V
1, 2,
3
Vol
Minimum Low Level
Output Voltage
Iol = 8mA
0.4
V
1, 2,
3
Vih
Minimum High
Level Input
Voltage
2.0
V
1, 2,
3
Vil
Maximum Low Level
Input Voltage
0.8
V
1, 2,
3
Iin
Input Current
Vin = Vcc OR GND
-1.0
1.0
uA
1, 2,
3
Ioz
Maximum TRI-STATE
Output Leakage
Current
Vout = Vcc or GND
-10
10
uA
1, 2,
3
Icc
Average Supply
Current
Vin = Vcc or GND, Vcc = 5.25V
380
mA
1, 2,
3
DC PARAMETERS: AUI
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vcc = 5V +5%
Vod
Differential
Output
Voltage(TX+)
78 Ohms Termination and 270 Ohms
Pulldowns
PORT 1
+550
+1200
mV
1, 2,
3
Vds
Differential
Squelch Threshold
(RX+, CD+)
3, 5 PORT 1
-175
-300
mV
1, 2,
3
DC PARAMETERS: PSEUDO AUI
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vcc = 5V +5%
Vpod
Differential
Output Voltage
(TX+)
270 Ohms Termination and 1K Ohm
Pulldowns
3, 5 PORTS
2-13
+450
+1200
mV
1, 2,
3
Vpds
Differential
Squelch Threshold
(RX+, CD+)
3, 5 PORTS
2-13
-175
-300
mV
1, 2,
3
4


Similar Part No. - DP83950BVQB-MPC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83950BVQB NSC-DP83950BVQB Datasheet
948Kb / 80P
   RIC??Repeater Interface Controller
More results

Similar Description - DP83950BVQB-MPC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83955A NSC-DP83955A Datasheet
655Kb / 54P
   LitE Repeater Interface Controller
DP83950B NSC-DP83950B Datasheet
948Kb / 80P
   RIC??Repeater Interface Controller
logo
List of Unclassifed Man...
TC3097-8 ETC2-TC3097-8 Datasheet
862Kb / 35P
   Lite End Multiport Repeater Interface Controller
TC3097-8 ETC-TC3097-8 Datasheet
641Kb / 36P
   LITE END MULTIPORT REPEATER INTERFACE CONTROLLER
TC3097F-5 ETC-TC3097F-5 Datasheet
665Kb / 34P
   LITE END MULTIPORT REPEATER INTERFACE CONTROLLER - OCF
logo
National Semiconductor ...
DP83959 NSC-DP83959 Datasheet
283Kb / 38P
   8-Port Lite Ethernet Repeater Interface Controller
logo
List of Unclassifed Man...
TC3097F-8 ETC-TC3097F-8 Datasheet
671Kb / 34P
   LITE END MULTIPORT REPEATER INTERFACE CONTROLLER - OCF
logo
National Semiconductor ...
DP83952 NSC-DP83952 Datasheet
832Kb / 90P
   Repeater Interface Controller with Security Features (RIC II)
logo
Pepperl+Fuchs Inc.
VAR-G4F PF-VAR-G4F Datasheet
241Kb / 2P
   AS-Interface repeater
2019-08-23
VAR-KE3-TERM PF-VAR-KE3-TERM Datasheet
256Kb / 2P
   AS-Interface repeater
2019-08-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com