Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89567APFV Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB89567APFV
Description  8-bit Proprietary Microcontroller CMOS
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89567APFV Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB89567APFV Datasheet HTML 5Page - Fujitsu Component Limited. MB89567APFV Datasheet HTML 6Page - Fujitsu Component Limited. MB89567APFV Datasheet HTML 7Page - Fujitsu Component Limited. MB89567APFV Datasheet HTML 8Page - Fujitsu Component Limited. MB89567APFV Datasheet HTML 9Page - Fujitsu Component Limited. MB89567APFV Datasheet HTML 10Page - Fujitsu Component Limited. MB89567APFV Datasheet HTML 11Page - Fujitsu Component Limited. MB89567APFV Datasheet HTML 12Page - Fujitsu Component Limited. MB89567APFV Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
MB89560A Series
9
s PIN DESCRIPTION
(Continued)
Pin no.
Pin name
I/O circuit
type
Function
LQFP*1
LQFP*2
MQFP*3
QFP*4
43
45
X0
A
Crystal or other resonator connector pins for the main clock.
The external clock can be connected to X0. When this is done,
be sure to leave X1 open.
44
46
X1
42
44
MODA
C
Memory access mode setting pins.
Connect directly to VSS.
Hysteresis input type.
39
41
RST
D
Reset I/O pin
This pin is a CMOS output type with a pull-up resistor, and a
hysteresis input type.
“L” is output from this pin by an internal reset request (optional).
The internal circuit is initialized by the input of “L”.
49 to 52
51 to 54
P24/INT20
to
P27/INT23
E
General-purpose CMOS I/O ports
Also serve as an external interrupt 2 input (wake-up function).
External interrupt 2 input is hysteresis input.
Selectable pull-up resistor.
30 to 36,
38
32 to 38,
40
P10/INT10
to
P17/INT17
E
General-purpose CMOS I/O ports
Also serve as input for external interrupt 1 input.
External interrupt 1 input is hysteresis input.
Selectable pull-up resistor.
60
62
P44/UCK/
SCK1
E
General-purpose CMOS I/O ports
Also serve as the clock I/O for the High-speed UART and Serial
I/O.
The peripheral is a hysteresis input type.
Selectable pull-up resistor.
61
63
P45/UO/
SO1
F
General-purpose CMOS I/O ports
Also serves as the data output for the High-speed UART and
Serial I/O.
62
64
P46/UI/SI1
G
N-ch open drain general-purpose I/O ports
Also serves as the data input for the High-speed UART and Serial I/O.
The peripheral is a hysteresis input type.
63
65
P47/PWC
G
N-ch open drain general-purpose I/O port
Also serve as the external clock input for PWC.
The peripheral is a hysteresis input.
56
58
P40/WTO/
TO11
F
General-purpose CMOS I/O port
Also serves as an 8/16-bit timer/counter output and PWC output.


Similar Part No. - MB89567APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89567H FUJITSU-MB89567H Datasheet
985Kb / 52P
   8-bit Proprietary Microcontroller CMOS
MB89567HC FUJITSU-MB89567HC Datasheet
985Kb / 52P
   8-bit Proprietary Microcontroller CMOS
MB89567HCPF FUJITSU-MB89567HCPF Datasheet
985Kb / 52P
   8-bit Proprietary Microcontroller CMOS
MB89567HCPFM FUJITSU-MB89567HCPFM Datasheet
985Kb / 52P
   8-bit Proprietary Microcontroller CMOS
MB89567HCPFV FUJITSU-MB89567HCPFV Datasheet
985Kb / 52P
   8-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB89567APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89190 FUJITSU-MB89190 Datasheet
399Kb / 41P
   8-bit Proprietary Microcontroller CMOS
MB89560H FUJITSU-MB89560H Datasheet
985Kb / 52P
   8-bit Proprietary Microcontroller CMOS
MB89143A FUJITSU-MB89143A_01 Datasheet
284Kb / 31P
   8-bit Proprietary Microcontroller CMOS
MB89490 FUJITSU-MB89490_03 Datasheet
564Kb / 57P
   8-bit Proprietary Microcontroller CMOS
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com