Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-389U-BLK Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HSMP-389U-BLK
Description  Surface Mount RF PIN Switch Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-389U-BLK Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HSMP-389U-BLK Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMP-389U-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-389U-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-389U-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-389U-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-389U-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-389U-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMP-389U-BLK Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMP-389U-BLK Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Equivalent Circuit Model
HSMP-389x Chip*
0.12 pF*
* Measured at -20 V
0.5
Rj
Rs
Cj
Rj =
20 Ω
I
0.9
RT = 0.5 + Rj
CT = CP + Cj
I = Forward Bias Current in mA
* See AN1124 for package models
Typical Applications for
HSMP-489x Low
Inductance Series
Microstrip Series Connection
for HSMP-489x Series
In order to take full advantage of
the low inductance of the
HSMP-489x series when using
them in series applications, both
lead 1 and lead 2 should be
connected together, as shown in
Figure 17.
12
3
HSMP-489x
Figure 16. Internal Connections.
Figure 17. Circuit Layout.
Microstrip Shunt Connections
for HSMP-489x Series
In Figure 18, the center conductor
of the microstrip line is inter-
rupted and leads 1 and 2 of the
HSMP-489x diode are placed
across the resulting gap. This
forces the 1.5 nH lead inductance
of leads 1 and 2 to appear as part
of a low pass filter, reducing the
shunt parasitic inductance and
increasing the maximum available
attenuation. The 0.3 nH of shunt
inductance external to the diode
is created by the via holes, and is
a good estimate for 0.032" thick
material.
50 OHM MICROSTRIP LINES
PAD CONNECTED TO
GROUND BY TWO
VIA HOLES
Figure 18. Circuit Layout.
0.3 nH
0.3 nH
0.3 pF
1.5 nH
1.5 nH
Figure 19. Equivalent Circuit.
Co-Planar Waveguide Shunt
Connection for HSMP-489x
Series
Co-Planar waveguide, with
ground on the top side of the
printed circuit board, is shown in
Figure 20. Since it eliminates the
need for via holes to ground, it
offers lower shunt parasitic
inductance and higher maximum
attenuation when compared to a
microstrip circuit.
Co-Planar Waveguide
Groundplane
Center Conductor
Groundplane
Figure 20. Circuit Layout.
0.3 pF
0.75 nH
Figure 21. Equivalent Circuit.
A SPICE model is not available
for PIN diodes as SPICE does not
provide for a key PIN diode
characteristic, carrier lifetime.


Similar Part No. - HSMP-389U-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-389U AVAGO-HSMP-389U Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes Matched Diodes for Consistent Performance
HSMP-389U AVAGO-HSMP-389U Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389U AVAGO-HSMP-389U Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389U AVAGO-HSMP-389U Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-389U BOARDCOM-HSMP-389U Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results

Similar Description - HSMP-389U-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-389C BOARDCOM-HSMP-389C Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3890 BOARDCOM-HSMP-3890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389B BOARDCOM-HSMP-389B Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389F BOARDCOM-HSMP-389F Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389E BOARDCOM-HSMP-389E Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389L BOARDCOM-HSMP-389L Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389T BOARDCOM-HSMP-389T Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3892 BOARDCOM-HSMP-3892 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3890 AVAGO-HSMP-3890_15 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-3893 BOARDCOM-HSMP-3893 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com