Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89PV560CF-101 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB89PV560CF-101
Description  8-bit Proprietary Microcontroller CMOS
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89PV560CF-101 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB89PV560CF-101 Datasheet HTML 7Page - Fujitsu Component Limited. MB89PV560CF-101 Datasheet HTML 8Page - Fujitsu Component Limited. MB89PV560CF-101 Datasheet HTML 9Page - Fujitsu Component Limited. MB89PV560CF-101 Datasheet HTML 10Page - Fujitsu Component Limited. MB89PV560CF-101 Datasheet HTML 11Page - Fujitsu Component Limited. MB89PV560CF-101 Datasheet HTML 12Page - Fujitsu Component Limited. MB89PV560CF-101 Datasheet HTML 13Page - Fujitsu Component Limited. MB89PV560CF-101 Datasheet HTML 14Page - Fujitsu Component Limited. MB89PV560CF-101 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
MB89560A Series
11
(Continued)
*1: FPT-80P-M05
*2: FPT-80P-M11
*3: MQP-80C-P01
*4: FPT-80P-M06
*5: When MB89567A / MB89567AC / MB89PV560-101 / MB89PV560-102 is used, this pin will become NC pin
without internal connection. There is no problem to leave pins open, to fix pins at VCC and to fix pins at VSS.
When MB89P568-101 or MB89P568-102 is used, this pin must be connected to VSS.
Pin no.
Pin name
I/O circuit
type
Function
LQFP*1
LQFP*2
MQFP*3
QFP*4
10 to 12
14 to 18
12 to 14
16 to 20
P60/
SEG16 to
P67/
SEG23
H
N-ch open-drain general-purpose output ports
Also serve as an LCD controller/driver segment output.
2 to 9
4 to 11
P50/SEG8
to
P57/
SEG15
H
N-ch open-drain general-purpose output ports
Also serve as an LCD controller/driver segment output.
74 to 80, 1
1 to 3
76 to 80
SEG0 to
SEG7
I
LCD controller/driver segment output-only pins
70 to 73
72 to 75
COM0
to
COM3
I
LCD controller/driver common output-only pins
66 to 69
68 to 71
V0 to V3
LCD driving power supply pins.
40
42
X0A
B
Crystal or other resonator connector pins for the subclock
(Subclock: 32.768 kHz)
41
43
X1A
53
55
Vcc
Power supply pin
37
39
C
Capacitor connection pin *5
13
15
Vss
Power supply (GND) pin
20
22
AVcc
A/D converter power supply pin
19
21
AVR
A/D converter reference voltage input pin
29
31
AVss
A/D converter power supply pin
Use this pin at the same voltage as VSS.


Similar Part No. - MB89PV560CF-101

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89PV560CF-101 FUJITSU-MB89PV560CF-101 Datasheet
985Kb / 52P
   8-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB89PV560CF-101

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89190 FUJITSU-MB89190 Datasheet
399Kb / 41P
   8-bit Proprietary Microcontroller CMOS
MB89560H FUJITSU-MB89560H Datasheet
985Kb / 52P
   8-bit Proprietary Microcontroller CMOS
MB89143A FUJITSU-MB89143A_01 Datasheet
284Kb / 31P
   8-bit Proprietary Microcontroller CMOS
MB89490 FUJITSU-MB89490_03 Datasheet
564Kb / 57P
   8-bit Proprietary Microcontroller CMOS
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com