Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC70_M Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC70_M
Description  Supervisory Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC70_M Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC70_M Datasheet HTML 1Page - Micrel Semiconductor MIC70_M Datasheet HTML 2Page - Micrel Semiconductor MIC70_M Datasheet HTML 3Page - Micrel Semiconductor MIC70_M Datasheet HTML 4Page - Micrel Semiconductor MIC70_M Datasheet HTML 5Page - Micrel Semiconductor MIC70_M Datasheet HTML 6Page - Micrel Semiconductor MIC70_M Datasheet HTML 7Page - Micrel Semiconductor MIC70_M Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MIC705/6/7/8
µP Supervisory Circuits
3
Electrical Characteristics
VCC = 4.75V to 5.5V for MIC705/MIC707, VCC = 4.5V to 5.5V for MIC706/MIC708, TA = -40°C to 85°C unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Units
MR Pull-Up Current
MR = 0V
100
250
600
µA
MR Pulse Width, tMR
150
nS
MR Input Threshold
VIL
0.8
V
VIH
2.0
MR to Reset Output Delay, tMD
250
nS
PFI Input Threshold
VCC = 5V
1.2
1.25
1.3
V
PFI Input Current
-25
0.01
+25
nA
PFO Output Voltage
ISink = 3.2mA
0.4
V
VCC = 5V, ISource = 800µA
VCC - 1.5V


Similar Part No. - MIC70_M

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC705MY MICREL-MIC705MY Datasheet
441Kb / 10P
   關P Supervisory Circuit
MIC706MY MICREL-MIC706MY Datasheet
441Kb / 10P
   關P Supervisory Circuit
MIC707MY MICREL-MIC707MY Datasheet
441Kb / 10P
   關P Supervisory Circuit
MIC708MY MICREL-MIC708MY Datasheet
180Kb / 7P
   uP Supervisory Circuit
MIC708MY MICREL-MIC708MY Datasheet
441Kb / 10P
   關P Supervisory Circuit
More results

Similar Description - MIC70_M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT1163WI28 ONSEMI-CAT1163WI28 Datasheet
143Kb / 12P
   Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
N84C163 ONSEMI-N84C163_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
N84C161 ONSEMI-N84C161_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
logo
Analog Devices
ADM705 AD-ADM705_08 Datasheet
338Kb / 12P
   Supervisory Circuits
Rev. G
logo
ON Semiconductor
CAT1024 ONSEMI-CAT1024_18 Datasheet
404Kb / 23P
   Supervisory Circuits
May, 2018 ??Rev. 21
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com