Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11822 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LB11822
Description  Three-Phase Brushless Motor Driver for OA Products
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11822 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LB11822 Datasheet HTML 3Page - Sanyo Semicon Device LB11822 Datasheet HTML 4Page - Sanyo Semicon Device LB11822 Datasheet HTML 5Page - Sanyo Semicon Device LB11822 Datasheet HTML 6Page - Sanyo Semicon Device LB11822 Datasheet HTML 7Page - Sanyo Semicon Device LB11822 Datasheet HTML 8Page - Sanyo Semicon Device LB11822 Datasheet HTML 9Page - Sanyo Semicon Device LB11822 Datasheet HTML 10Page - Sanyo Semicon Device LB11822 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
No. 7105-9/11
LB11822
Overview of the LB11822
1. Speed control circuit
This IC performs speed control by using both the speed discriminator circuit and PLL circuit. The speed control circuit
outputs the error signal once for every two cycles of FG (one FG cycle counted). The PLL circuit outputs the phase
error signal once for each cycle of FG.
As the FG servo frequency is calculated as follows, the motor speed is set with the number of FG pulses and clock
frequency.
fFG(servo) = fCLK/512
fCLK: Clock frequency
This IC achieves variable speed control with ease when combined with LB11825M.
2. Output drive circuit
This IC employs a direct PWM drive method to minimize the power loss at output. The output Tr is always saturated
at ON, and the motor drive force is adjusted through change of the duty at which the output is turned ON. Since the
output PWM switching is made with the lower-side output Tr, it is necessary to connect the schottky diode between
OUT and VCC (because the through current flows at an instant when the lower-side Tr is turned ON if the diode with a
short reverse recovery time is not used). The diode between OUT and GND is incorporated. When the large output
current presents problem (waveform disturbance at kickback on the lower side), connect a commutating diode or
schottky diode externally.
3. Current limiting circuit
The current limiting circuit performs limiting with the current determined from I = VRF/Rf (VRF = 0.5 Vtyp, Rf:
current detector resistance) (that is, this circuit limits the peak current).
Limiting operation includes decrease in the output on-duty to suppress the current.
Pin No.
Pin
Function
Equivalent circuit
Continued from preceding page.
GND pin (Other than the output)
20
GND1
2 k
27
VREG
300
300
22
24
26
21
23
25
VREG
Hall amplifier input.
IN+ > IN– is the input high state, and the reverse is the input low
state.
It is recommended that the Hall signal has an amplitude of 100m
Vp-p (differential) or more.
Connect a capacitor between the IN+ and IN– inputs if there is
noise in the Hall sensor signals.
22
21
24
23
26
25
IN1+
IN1–
IN2+
IN2–
IN3+
IN3–
Forward/reverse control pin
Low: 0 V to 1.5 V
High: 3.5 V to VREG
H level when open
Hysteresis width about 0.5 V
27
F/R


Similar Part No. - LB11822

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11820 SANYO-LB11820 Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
LB11820M SANYO-LB11820M Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
LB11824 SANYO-LB11824 Datasheet
178Kb / 17P
   Direct PWM Drive Brushless Motor Predriver for On-Demand Water Heater and Air Conditioner Motors
LB11824M SANYO-LB11824M Datasheet
178Kb / 17P
   Direct PWM Drive Brushless Motor Predriver for On-Demand Water Heater and Air Conditioner Motors
More results

Similar Description - LB11822

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1929 SANYO-LB1929 Datasheet
104Kb / 12P
   Three-Phase Brushless Motor Driver for OA Products
LB11922 SANYO-LB11922_08 Datasheet
185Kb / 15P
   For OA Products Three-Phase Brushless Motor Driver
LB11826 SANYO-LB11826_08 Datasheet
135Kb / 11P
   For OA Products Three-Phase Brushless Motor Driver
LB11827 SANYO-LB11827 Datasheet
144Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11920 SANYO-LB11920_08 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com