Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1503AB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LH1503AB
Description  2 Form A Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1503AB Datasheet(HTML) 3 Page - Vishay Siliconix

  LH1503AB Datasheet HTML 1Page - Vishay Siliconix LH1503AB Datasheet HTML 2Page - Vishay Siliconix LH1503AB Datasheet HTML 3Page - Vishay Siliconix LH1503AB Datasheet HTML 4Page - Vishay Siliconix LH1503AB Datasheet HTML 5Page - Vishay Siliconix LH1503AB Datasheet HTML 6Page - Vishay Siliconix LH1503AB Datasheet HTML 7Page - Vishay Siliconix LH1503AB Datasheet HTML 8Page - Vishay Siliconix LH1503AB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LH1503AAC/ AACTR/ AB
Document Number 83807
Rev. 1.3, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Transfer
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Pole-to-pole capacitance
(S1 to S2)
IF = 0 mA
3.0
pF
IF = 5.0 mA
4.0
pF
Switch offset
IF = 5.0 mA
VOS
0.15
V
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Capacitance (input-output)
VISO
CISO
1.1
pF
Turn-on time
IF = 10.0 mA, IL = 50 mA
ton
1.6
2.5
ms
Turn-off time
IF = 10.0 mA, IL = 50 mA
toff
0.65
2.5
ms
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Figure 1. Recommended Operating Conditions
Figure 2. LED Voltage vs. Temperature
ilh1503ab_00
60
80
0
40
110
100
20
-40
-20
0
20
40
60
80
Ambient Temperature (°C)
IFon=3.0 mA
IFon=5.0 mA
IFon=7.0 mA
IFon=8.0 to 20 mA
ilh1503ab_01
Ambient Temperature (°C)
-40
-20
0
20
40
60
80
1.6
1.5
1.4
1.3
1.2
1.1
1.0
IF=1.0 mA
IF=20 mA
IF=50 mA
IF=2.0 mA
IF=5.0 mA
IF=10 mA
Figure 3. LED Current for Switch Turn-on vs. Temperature
Figure 4. ON-Resistance vs. Temperature
ilh1503ab_02
Ambient Temperature (°C)
100
-60
80
60
40
-40
-40
-20
0
20
40
60
80
20
-20
0
IL= 100 mA
ilh1503ab_03
-40
-20
0
20
40
60
80
50
10
30
20
40
-20
-30
-10
-40
0
Ambient Temperature (°C)
IL=50mA


Similar Part No. - LH1503AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1503AB VISHAY-LH1503AB Datasheet
58Kb / 5P
   2 Form A Solid State Relay
Revision 06-March-02
LH1503AB VISHAY-LH1503AB Datasheet
156Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
More results

Similar Description - LH1503AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1503AAC VISHAY-LH1503AAC_11 Datasheet
156Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
logo
Solid State Optronic
AD42211 SSOUSA-AD42211 Datasheet
175Kb / 4P
   2 Form A Solid State Relay
logo
Vishay Siliconix
LH1513AAC VISHAY-LH1513AAC_11 Datasheet
157Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.5, 25-Jul-11
LH1503AB VISHAY-LH1503AB Datasheet
58Kb / 5P
   2 Form A Solid State Relay
Revision 06-March-02
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com