Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVCH16541A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVCH16541A
Description  16-bit buffer/line driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH16541A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVCH16541A Datasheet HTML 2Page - NXP Semiconductors 74LVCH16541A Datasheet HTML 3Page - NXP Semiconductors 74LVCH16541A Datasheet HTML 4Page - NXP Semiconductors 74LVCH16541A Datasheet HTML 5Page - NXP Semiconductors 74LVCH16541A Datasheet HTML 6Page - NXP Semiconductors 74LVCH16541A Datasheet HTML 7Page - NXP Semiconductors 74LVCH16541A Datasheet HTML 8Page - NXP Semiconductors 74LVCH16541A Datasheet HTML 9Page - NXP Semiconductors 74LVCH16541A Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74LVCH16541A
16-bit buffer/line driver; 5V tolerant I/O (3-State)
1998 May 19
6
AC CHARACTERISTICS
GND = 0V; tR = tF ≤ 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MIN
MAX
tPHL
tPLH
Propagation delay
1An to 1Yn;
2An to 2Yn
1, 3
1.5
2.7
4.5
1.5
5.5
ns
tPZH
tPZL
3-State output enable time
1OEn to 1Yn;
2OEn to 2Yn
2, 3
1.5
3.5
5.9
1.5
6.9
ns
tPHZ
tPLZ
3-State output disable time
1OEn to 1Yn;
2OEn to 2Yn
2, 3
1.5
3.9
5.5
1.5
6.5
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V; VM = 0.5 VCC at VCC t 2.7V.
VOL and VOH are the typical output voltage drop that occur with the
output load.
VX = VOL + 0.3V at VCC w 2.7V; VX = VOL + 0.1 VCC at VCC t 2.7V
VY = VOH –0.3V at VCC w 2.7V; VY = VOH – 0.1 VCC at VCC t 2.7V
SW00116
An
INPUT
VM
tPHL
tPLH
VOL
VI
VM
GND
VOH
Yn
OUTPUT
Waveform 1. Input (An) to output (Yn) propagation delay times
tPLZ
tPZL
VI
OE INPUT
GND
VCC
Y OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
Y OUTPUT
HIGH-to-OFF
OFF-to-HIGH
GND
outputs
enabled
outputs
enabled
outputs
disabled
tPHZ
VM
VM
VM
tPZH
VX
VY
SW00112
Waveform 2. 3-State enable and disable times
TEST CIRCUIT
PULSE
GENERATOR
VI
RT
D.U.T.
VO
CL
50pF
S1
2 x VCC
Open
GND
500
500
VCC
VI
t 2.7V
VCC
2.7V – 3.6V
2.7V
Test
S1
GND
tPLZ/tPZL
2 x VCC
tPHZ/tPZH
tPLH/tPHL
Open
SY00003
VCC
Waveform 3. Load circuitry for switching times


Similar Part No. - 74LVCH16541A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVCH16541A NEXPERIA-74LVCH16541A Datasheet
217Kb / 12P
   16-bit buffer/line driver; 3-state
Rev. 4 - 1 May 2019
74LVCH16541ADGG NEXPERIA-74LVCH16541ADGG Datasheet
217Kb / 12P
   16-bit buffer/line driver; 3-state
Rev. 4 - 1 May 2019
logo
Texas Instruments
74LVCH16541ADGGRE4 TI1-74LVCH16541ADGGRE4 Datasheet
342Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
MARCH2005
74LVCH16541ADGGRG4 TI1-74LVCH16541ADGGRG4 Datasheet
342Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
MARCH2005
74LVCH16541ADGVRE4 TI1-74LVCH16541ADGVRE4 Datasheet
342Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
MARCH2005
More results

Similar Description - 74LVCH16541A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2241 PHILIPS-MB2241 Datasheet
82Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
74LVC16241A PHILIPS-74LVC16241A Datasheet
78Kb / 10P
   16-bit buffer/line driver 3-State
1997 Jul 29
74ABT16244A PHILIPS-74ABT16244A Datasheet
75Kb / 10P
   16-bit buffer/line driver 3-State
1998 Oct 07
MB2244 PHILIPS-MB2244 Datasheet
72Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
74ABT16541 PHILIPS-74ABT16541 Datasheet
79Kb / 10P
   16-bit buffer/line driver 3-State
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT16244A NEXPERIA-74ABT16244A Datasheet
207Kb / 11P
   16-bit buffer/line driver; 3-state
Rev. 9 - 5 July 2021
logo
NXP Semiconductors
74ABT16244A NXP-74ABT16244A Datasheet
87Kb / 13P
   16-bit buffer/line driver; 3-state
Rev. 06-23 March 2009
74LVCH16541A PHILIPS-74LVCH16541A_15 Datasheet
168Kb / 15P
   16-bit buffer/line driver; 3-state
Rev. 3-15 February 2012
logo
Nexperia B.V. All right...
74ALVT16244 NEXPERIA-74ALVT16244 Datasheet
195Kb / 15P
   16-bit buffer/line driver; 3-state
Rev. 5 - 2 February 2018
74LVCH16541A NEXPERIA-74LVCH16541A Datasheet
217Kb / 12P
   16-bit buffer/line driver; 3-state
Rev. 4 - 1 May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com